Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HMC5883L Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part No. HMC5883L
Description  3-Axis Digital Compass IC
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HONEYWELL [Honeywell Solid State Electronics Center]
Homepage  http://honeywell.com/Pages/Home.aspx
Logo 

 
 1 page
background image
3-Axis Digital Compass IC
HMC5883L
The Honeywell HMC5883L is a surface-mount, multi-chip module designed for
low-field magnetic sensing with a digital interface for applications such as low-
cost compassing and magnetometry. The HMC5883L includes our state-of-the-
art, high-resolution HMC118X series magneto-resistive sensors plus an ASIC
containing amplification, automatic degaussing strap drivers, offset cancellation,
and a 12-bit ADC that enables 1° to 2° compass heading accuracy. The I
2C
serial bus allows for easy interface. The HMC5883L is a 3.0x3.0x0.9mm surface
mount 16-pin leadless chip carrier (LCC). Applications for the HMC5883L
include Mobile Phones, Netbooks, Consumer Electronics, Auto Navigation
Systems, and Personal Navigation Devices.
The HMC5883L
utilizes Honeywell’s Anisotropic Magnetoresistive (AMR) technology that provides advantages over other
magnetic sensor technologies. These anisotropic, directional sensors feature precision in-axis sensitivity and linearity.
These sensors’ solid-state construction with very low cross-axis sensitivity is designed to measure both the direction and
the
magnitude of Earth’s magnetic fields, from milli-gauss to 8 gauss. Honeywell’s Magnetic Sensors are among the most
sensitive and reliable low-field sensors in the industry.
FEATURES
BENEFITS
3-Axis Magnetoresistive Sensors and
ASIC in a 3.0x3.0x0.9mm LCC Surface
Mount Package
Small Size for Highly Integrated Products. Just Add a Micro-
Controller Interface, Plus Two External SMT Capacitors
Designed for High Volume, Cost Sensitive OEM Designs
Easy to Assemble & Compatible with High Speed SMT Assembly
12-Bit ADC Coupled with Low Noise
AMR Sensors Achieves 5 milli-gauss
Resolution in ±8 Gauss Fields
Enables 1° to 2° Degree Compass Heading Accuracy
Built-In Self Test
Enables Low-Cost Functionality Test after Assembly in Production
Low Voltage Operations (2.16 to 3.6V)
and Low Power Consumption (100
μA)
Compatible for Battery Powered Applications
Built-In Strap Drive Circuits
Set/Reset and Offset Strap Drivers for Degaussing, Self Test, and
Offset Compensation
I
2C Digital Interface
Popular Two-Wire Serial Data Interface for Consumer Electronics
Lead Free Package Construction
RoHS Compliance
Wide Magnetic Field Range (+/-8 Oe)
Sensors Can Be Used in Strong Magnetic Field Environments with a
1° to 2° Degree Compass Heading Accuracy
Software and Algorithm Support
Available
Compassing Heading, Hard Iron, Soft Iron, and Auto Calibration
Libraries Available
Fast 160 Hz Maximum Output Rate
Enables Pedestrian Navigation and LBS Applications
Advanced Information




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl