Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1073-R Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 2SB1073-R
Description  Silicon PNP epitaxial planer Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SB1073-R Datasheet(HTML) 2 Page - Micro Commercial Components

  2SB1073-R Datasheet HTML 1Page - Micro Commercial Components 2SB1073-R Datasheet HTML 2Page - Micro Commercial Components 2SB1073-R Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SB1073
MCC
Revision: A
2011/01/01
0
160
40
120
80
140
20
100
60
0
1.6
1.2
0.4
1.0
1.4
0.8
0.2
0.6
Printed circut board: Copper
foil area of 1cm2 or more, and
the board thickness of 1.7mm
for the collector portion.
Ambient temperature Ta (˚C)
0
–12
–10
–8
–2
–6
–4
0
1200
1000
800
600
400
200
Ta=25˚C
–120
µA
–100
µA
–180
µA
–160
µA
–140
µA
–20
µA
–40
µA
–60
µA
–80
µA
I
B=–200µA
Collector to emitter voltage V
CE
(V)
0
–2.0
–1.6
– 0.4
–1.2
– 0.8
0
–12
–10
–8
–6
–4
–2
V
CE=–2V
Ta=75˚C
–25˚C
25˚C
Base to emitter voltage V
BE
(V)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
– 0.001
– 0.003
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
I
C/IB=30
Ta=25˚C
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
0
600
500
400
300
200
100
V
CE=–2V
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(A)
–1
–3
–10
–30
–100
0
120
100
80
60
40
20
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)
PC — Ta
IC — VCE
IC — VBE
VCE(sat) — IC
hFE — IC
Cob — VCB
TM
Micro Commercial Components
www.mccsemi.com
2 of 3


Similar Part No. - 2SB1073-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SB1073-R KEXIN-2SB1073-R Datasheet
744Kb / 2P
   PNP Transistors
logo
Micro Commercial Compon...
2SB1073-R MCC-2SB1073-R Datasheet
219Kb / 3P
   Silicon PNP epitaxial planer Transistors
logo
Guangdong Kexin Industr...
2SB1073-R-HF KEXIN-2SB1073-R-HF Datasheet
891Kb / 2P
   PNP Transistors
More results

Similar Description - 2SB1073-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MJD32C MCC-MJD32C Datasheet
590Kb / 4P
   Silicon PNP epitaxial planer Transistors
BSR33 MCC-BSR33 Datasheet
287Kb / 2P
   Silicon PNP epitaxial planer Transistors
MJD127 MCC-MJD127_13 Datasheet
373Kb / 3P
   Silicon PNP epitaxial planer Transistors
MJD127 MCC-MJD127 Datasheet
357Kb / 3P
   Silicon PNP epitaxial planer Transistors
MJD42C MCC-MJD42C Datasheet
372Kb / 2P
   Silicon PNP epitaxial planer Transistors
2SB1073-Q MCC-2SB1073-Q_13 Datasheet
219Kb / 3P
   Silicon PNP epitaxial planer Transistors
logo
Panasonic Semiconductor
2SB642 PANASONIC-2SB642 Datasheet
50Kb / 3P
   Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
2SB790 PANASONIC-2SB790 Datasheet
37Kb / 2P
   Silicon PNP epitaxial planer type(Silicon PNP epitaxial planer type)
XN04322 PANASONIC-XN04322 Datasheet
115Kb / 5P
   Composite Transistors Silicon NPN epitaxial planer transistor (Tr1) Silicon PNP epitaxial planer transistor (Tr2)
XP1601 PANASONIC-XP1601 Datasheet
56Kb / 5P
   Silicon PNP(PNP) epitaxial planer transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com