Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA204K Datasheet(PDF) 2 Page - Rohm

Part # DA204K
Description  Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DA204K Datasheet(HTML) 2 Page - Rohm

  DA204K_11 Datasheet HTML 1Page - Rohm DA204K_11 Datasheet HTML 2Page - Rohm DA204K_11 Datasheet HTML 3Page - Rohm DA204K_11 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
DA204K
 
0
1
2
3
4
5
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
7
8
9
10
D2
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
820
830
840
850
860
870
D2
680
690
700
710
720
730
0.1
1
10
05
10
15
D2
0.1
1
10
0
5
10
15
0.001
0.01
0.1
1
10
100
05
10
15
Ta=125℃
Ta=
25℃
Ta=25℃
Ta=75℃
Ta=150℃
D2
0.001
0.01
0.1
1
10
100
0
5
10
15
Ta=125℃
Ta=
25℃
Ta=25℃
Ta=75℃
Ta=150℃
0.1
1
10
100
0
100 200 300 400 500 600 700 800 900 1000 1100
D2
Ta=
25℃
Ta=125℃
Ta=75℃
Ta=25℃
Ta=150℃
0.1
1
10
100
0
100
200
300
400
500
600
700
800
900 1000
Ta=
25℃
Ta=125℃
Ta=75℃
Ta=25℃
Ta=150℃
FORWARD VOLTAGE : VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE : VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE : VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
FORWARD VOLTAGE : VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE : VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE : VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
trr DISPERSION MAP
f=1MHz
f=1MHz
AVE:709.8mV
Ta=25℃
IF=10mA
n=30pcs
AVE:849.7mV
Ta=25℃
IF=10mA
n=30pcs
Ta=25℃
VR=15V
n=30pcs
AVE:0.1065nA
Ta=25℃
VR=15V
n=30pcs
AVE:0.620nA
AVE:1.85pF
Ta=25℃
VR=6V
f=1MHz
n=10pcs
AVE:1.20ns
Ta=25℃
VR=6V
IF=10mA
RL=100Ω
Irr=0.1*IR
n=10pcs
D1
D1
D1
D1
D1
D1
D1
2/3
2011.06 - Rev.A


Similar Part No. - DA204K_11

ManufacturerPart #DatasheetDescription
logo
Rohm
DA204KT146 ROHM-DA204KT146 Datasheet
349Kb / 5P
   Switching Diode
DA204K ROHM-DA204K_16 Datasheet
2Mb / 9P
   Switching Diode
More results

Similar Description - DA204K_11

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com