Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU9798MUV-E2 Datasheet(PDF) 9 Page - Rohm

Part # BU9798MUV-E2
Description  Multifunction Segment Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9798MUV-E2 Datasheet(HTML) 9 Page - Rohm

Back Button BU9798MUV-E2 Datasheet HTML 5Page - Rohm BU9798MUV-E2 Datasheet HTML 6Page - Rohm BU9798MUV-E2 Datasheet HTML 7Page - Rohm BU9798MUV-E2 Datasheet HTML 8Page - Rohm BU9798MUV-E2 Datasheet HTML 9Page - Rohm BU9798MUV-E2 Datasheet HTML 10Page - Rohm BU9798MUV-E2 Datasheet HTML 11Page - Rohm BU9798MUV-E2 Datasheet HTML 12Page - Rohm BU9798MUV-E2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Technical Note
9/23
BU97930MUV,BU97931FV,BU9798KV,BU9798GUW,BU97500KV
www.rohm.com
2010.04 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Integrated Regulator Characteristics (Ta=-30 ~ 75°C, VDD=1.8V ~ 3.6V, VLCD=3.3V ~ 5.5V, VSS=0)
(BU9798KV)
Parameter
Symbol
Limits
Unit
Conditions
MIN
TYP
MAX
Output voltage 1
Vreg1
4.35
4.5
4.65
V
4.5V setting (VLCD=5.5V, Ta=-30 ~ 75°C)
Output voltage 2
Vreg2
4.42
4.5
4.58
V
4.5V setting (VLCD=5.5V, Ta=25°C)
Load regulation
(**)
delta Vreg
-
-
0.3
V
Iout = -300µA
(BU9798GUW)
Parameter
Symbol
Limits
Unit
Conditions
MIN
TYP
MAX
Output voltage 1
Vreg1
4.25
4.5
4.70
V
4.5V setting (VLCD=5.5V, Ta=-30 ~ 75°C)
Output voltage 2
Vreg2
4.38
4.5
4.62
V
4.5V setting (VLCD=5.5V, Ta=25°C)
Load regulation
(**)
delta Vreg
-
-
0.3
V
Iout = -300µA
*
In case integrated regulator using, please satisfy condition that Vreg output lower than VLCD – 0.5V.
(**)
Load regulation: Vreg block load regulation only. Do not include other block ability.
Oscillation Frequency Characteristics (Ta=-30 ~ 75°C, VDD=1.8V ~ 3.6V, VLCD=3.3V ~ 5.5V, VSS=0)
Parameter
Symbol
Limits
Unit
Conditions
MIN
TYP
MAX
Frame frequency 1
fFR1
57.6
64
70.4
Hz VDD=3.3V, Ta=25°C, fFR=64Hz setting
Frame frequency 2
fFR2
51.2
64
73.0
Hz VDD=2.5 ~ 3.6V fFR=64Hz setting
Frame frequency 3
fFR3
45.0
-
64
Hz VDD=1.8 ~ 2.5V fFR=64Hz setting
CLKIN Input frequency
fCLK
-
2
4
MHz
MPU interface Characteristics (Ta=-30 ~ 75°C, VDD=1.8V ~ 3.6V, VLCD=3.3V ~ 5.5V, VSS=0)
Parameter
Symbol
Limits
Unit
Conditions
MIN
TYP
MAX
Input rise time
tr
-
-
50
ns
Input fall time
tf
-
-
50
ns
SCL cycle time
tSCYC
250
-
-
ns
“H” SCL pulse width
tSHW
50
-
-
ns
“L” SCL pulse width
tSLW
50
-
-
ns
SD setup time
tSDS
50
-
-
ns
SD hold time
tSDH
50
-
-
ns
CSB setup time
tCSS
50
-
-
ns
CSB hold time
tCSH
50
-
-
ns
“H” CSB pulse width
tCHW
50
-
-
ns
Fig.3 Serial Interface Timing
CSB
SCL
SD
tCSH
tSCYC
tSLW
tSHW
tSDS
tSDH
tf
tr
tCSS
tCHW


Similar Part No. - BU9798MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU97981GU ROHM-BU97981GU Datasheet
3Mb / 49P
   Multi-function LCD Segment Drivers
04.Feb.2019 Rev.007
BU97981GU-E2 ROHM-BU97981GU-E2 Datasheet
3Mb / 49P
   Multi-function LCD Segment Drivers
04.Feb.2019 Rev.007
BU97981GU-ZE2 ROHM-BU97981GU-ZE2 Datasheet
2Mb / 50P
   Multi-function LCD Segment Drivers
BU97981GU-ZE2 ROHM-BU97981GU-ZE2 Datasheet
3Mb / 49P
   Multi-function LCD Segment Drivers
04.Feb.2019 Rev.007
BU97981KV ROHM-BU97981KV Datasheet
3Mb / 49P
   Multi-function LCD Segment Drivers
04.Feb.2019 Rev.007
More results

Similar Description - BU9798MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU97941FV ROHM-BU97941FV Datasheet
567Kb / 25P
   Multifunction LCD Segment Driver
BU97941FV-LB ROHM-BU97941FV-LB Datasheet
847Kb / 26P
   Multifunction LCD Segment Driver
BU97931FV-LB ROHM-BU97931FV-LB Datasheet
921Kb / 32P
   Multifunction LCD Segment Driver
BU97930MUV ROHM-BU97930MUV_15 Datasheet
1Mb / 32P
   Multifunction LCD Segment Driver
BU97931FV ROHM-BU97931FV Datasheet
1Mb / 32P
   Multifunction LCD Segment Driver
BU97941FV ROHM-BU97941FV_15 Datasheet
1Mb / 27P
   Multifunction LCD Segment Driver
BU9795AKV ROHM-BU9795AKV_11 Datasheet
406Kb / 15P
   Standard Segment Drivers
BU9796FS-E2 ROHM-BU9796FS-E2 Datasheet
562Kb / 18P
   Standard Segment Drivers
logo
Texas Instruments
TPS68401 TI1-TPS68401 Datasheet
861Kb / 37P
[Old version datasheet]   MULTIFUNCTION 3-CHANNEL LED DRIVERS
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com