Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU9798GUW Datasheet(PDF) 3 Page - Rohm

Part # BU9798GUW
Description  Multifunction Segment Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9798GUW Datasheet(HTML) 3 Page - Rohm

  BU9798GUW Datasheet HTML 1Page - Rohm BU9798GUW Datasheet HTML 2Page - Rohm BU9798GUW Datasheet HTML 3Page - Rohm BU9798GUW Datasheet HTML 4Page - Rohm BU9798GUW Datasheet HTML 5Page - Rohm BU9798GUW Datasheet HTML 6Page - Rohm BU9798GUW Datasheet HTML 7Page - Rohm BU9798GUW Datasheet HTML 8Page - Rohm BU9798GUW Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Technical Note
3/23
BU97930MUV,BU97931FV,BU9798KV,BU9798GUW,BU97500KV
www.rohm.com
2010.04 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Absolute maximum ratings (VSS = 0V)
Parameter
BU97930MUV
BU97931FV
BU9798KV
/GUW
BU97500KV
Unit
Remarks
Power Supply Voltage1
(VDD)
-0.3 ~ +4.5
-0.5 ~ +7.0
V
Power supply
Power Supply Voltage 2
(VLCD)
-0.5 ~ +7.0
V
LCD drive Voltage
Allowable Loss (Pd)
0.8
*1
1.0
*2 (KV)
/ 0.8
*3 (GUW)
1.0
*2
W
Input Voltage Range
(VIN)
-0.5 ~ VDD+0.5
V
Operational Temperature
Range (Topr)
-40 ~ +85
-30 ~ +75
-40 ~ +85
Storage Temperature
Range (Tstg)
-55 ~ +125
Output Current (Iout1)
5
-
mA SEG output
Output Current (Iout2)
5
-
mA COM output
Output Current (Iout3)
10
-
mA GPO output
Output Current (Iout4)
50
-
mA LED output
*1
When use more than Ta=25°C,, subtract 8.0mW per degree. (using ROHM standard board)
(board size: 74.2mm×74.2mm×1.6mm
material: FR4 board
copper foil: land pattern only)
*2
When use more than Ta=25°C,, subtract 10mW per degree. (using ROHM standard board)
(board size: 70mm×70mm×1.6mm
material: FR4 board
copper foil: land pattern only)
*3
When use more than Ta=25°C,, subtract 8.0mW per degree. (using ROHM standard board )
(board size: 114.3mm×76.2mm×1.6mm)
Recommended operating conditions
(BU9798KV/GUW : Ta=-30 ~ 75°C, VSS = 0V)
(BU97930MUV, BU97931FV, BU97500KV : Ta=-40 ~ 85°C,VSS = 0V)
Parameter
BU97930MUV
BU97931FV
BU9798KV/GUW BU97500KV
*4
Unit
Remarks
MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX
Power Supply Voltage 1
(VDD)
1.8
-
3.6
1.8
-
3.6
1.8
-
3.6
2.7
-
5.5
V
Power supply
Power Supply Voltage 2
(VLCD)
2.7
-
5.5
2.7
-
5.5
3.3
-
5.5
4.5
-
5.5
V
Power supply
for LCD
LED Supply Voltage
(VLED)
-
-
-
-
-
-
1.0
-
VLCD
-
-
-
V
Power supply
for LED
Output Current
(Iout4)
-
-
20
-
-
20
-
-
20
-
-
-
mA Per LED
port 1ch
Output Current
(Iout4)
-
-
-
-
-
-
-
-
60
-
-
-
mA
Total LED
port current
*4
The power supply condition shall be met VLCD
 VDD.
This product is not designed against radioactive ray


Similar Part No. - BU9798GUW

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9798GUW ROHM-BU9798GUW Datasheet
164Kb / 5P
   Silicon monolithic integrated circuits
More results

Similar Description - BU9798GUW

ManufacturerPart #DatasheetDescription
logo
Rohm
BU97941FV ROHM-BU97941FV Datasheet
567Kb / 25P
   Multifunction LCD Segment Driver
BU97941FV-LB ROHM-BU97941FV-LB Datasheet
847Kb / 26P
   Multifunction LCD Segment Driver
BU97931FV-LB ROHM-BU97931FV-LB Datasheet
921Kb / 32P
   Multifunction LCD Segment Driver
BU97930MUV ROHM-BU97930MUV_15 Datasheet
1Mb / 32P
   Multifunction LCD Segment Driver
BU97931FV ROHM-BU97931FV Datasheet
1Mb / 32P
   Multifunction LCD Segment Driver
BU97941FV ROHM-BU97941FV_15 Datasheet
1Mb / 27P
   Multifunction LCD Segment Driver
BU9795AKV ROHM-BU9795AKV_11 Datasheet
406Kb / 15P
   Standard Segment Drivers
BU9796FS-E2 ROHM-BU9796FS-E2 Datasheet
562Kb / 18P
   Standard Segment Drivers
logo
Texas Instruments
TPS68401 TI1-TPS68401 Datasheet
861Kb / 37P
[Old version datasheet]   MULTIFUNCTION 3-CHANNEL LED DRIVERS
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com