Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU97931FV Datasheet(PDF) 4 Page - Rohm

Part # BU97931FV
Description  Multifunction Segment Drivers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU97931FV Datasheet(HTML) 4 Page - Rohm

  BU97931FV Datasheet HTML 1Page - Rohm BU97931FV Datasheet HTML 2Page - Rohm BU97931FV Datasheet HTML 3Page - Rohm BU97931FV Datasheet HTML 4Page - Rohm BU97931FV Datasheet HTML 5Page - Rohm BU97931FV Datasheet HTML 6Page - Rohm BU97931FV Datasheet HTML 7Page - Rohm BU97931FV Datasheet HTML 8Page - Rohm BU97931FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Technical Note
4/23
BU97930MUV,BU97931FV,BU9798KV,BU9798GUW,BU97500KV
www.rohm.com
2010.04 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics
<BU97930MUV>
DC characteristics (Ta=-40 ~ 85 °C, VDD=1.8V ~ 3.6V, VLCD=2.7V ~ 5.5V, VSS=0)
Parameter
Symbol
Limits
Unit
Conditions
MIN
TYP
MAX
“H” level input voltage
VIH
0.8VDD
-
VDD
V
SD, SCL, CSB, CLKIN, INHb
“L” level input voltage
VIL
VSS
-
0.2VDD
V
SD, SCL, CSB, CLKIN, INHb
Hysteresis width
VH
-
0.2
-
V
SCL, INHb, VDD=3.3V, Ta=25°C
“H” level input current
IIH1
-
-
5
µA
SD, SCL, CSB, CLKIN,
INHb, VI=3.6V
“L” level input current
IIL1
-5
-
-
µA SD, SCL, CSB, CLKIN,
INHb, VI=0V
“H” level output voltage
(*2)
VOH1
VLCD
-0.4
-
-
V
Iload=-50µA, VLCD=5.0V
SEG0 ~ SEG26
VOH2
VLCD
-0.4
-
-
V
Iload=-50µA, VLCD=5.0V,
COM0 ~ COM3
VOH3
VLCD
-0.6
-
-
V
Iload=-1mA,VLCD=5.0V,
SEG23 ~ SEG26(GPO mode)
“L” level output voltage
(*2)
VOL1
-
-
0.4
V
Iload= 50µA, VLCD=5.0V,
SEG0 ~ SEG26
VOL2
-
-
0.4
V
Iload= 50µA, VLCD=5.0V,
COM0 ~ COM3
VOL3
-
-
0.5
V
Iload=1mA, VLCD=5.0V,
SEG23 ~ SEG26(GPO mode)
VOL4
-
0.34
0.5
V
Iload=20mA, VLCD=5.0V,
LED
Current consumption (*1)
IstVDD
-
3
10
µA Input terminal ALL’L’,
Display off, Oscillation off
IstVLCD
-
0.5
5
µA
Input terminal ALL’L’,
Display off, Oscillation off
IVDD1
-
8
15
µA
VDD=3.3V, Ta=25
°C, 1/3bias, fFR=64Hz,
PWM generate off,
All output pin open
IVDD2
-
30
45
µA
VDD=3.3V, Ta=25
°C, 1/3bias, fFR=64Hz,
PWM Frequency=500Hz setting,
All output pin open
IVLCD1
-
10
15
µA
VDD=5.0V, Ta=25
°C, 1/3bias, fFR=64Hz,
LED generate off,
All output pin open
IVLCD2
-
30
48
µA
VDD=5.0V, Ta=25
°C, 1/3bias, fFR=64Hz,
PWM Frequency=500Hz setting,
All output pin open
*1 Power save mode 1 and frame inversion setting
*2 Iload: In case, load current from only one port


Similar Part No. - BU97931FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU97931FV ROHM-BU97931FV Datasheet
1Mb / 32P
   Multifunction LCD Segment Driver
BU97931FV-E2 ROHM-BU97931FV-E2 Datasheet
1Mb / 32P
   Multifunction LCD Segment Driver
BU97931FV-LB ROHM-BU97931FV-LB Datasheet
921Kb / 32P
   Multifunction LCD Segment Driver
BU97931FV-LBE2 ROHM-BU97931FV-LBE2 Datasheet
921Kb / 32P
   Multifunction LCD Segment Driver
More results

Similar Description - BU97931FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU97941FV ROHM-BU97941FV Datasheet
567Kb / 25P
   Multifunction LCD Segment Driver
BU97941FV-LB ROHM-BU97941FV-LB Datasheet
847Kb / 26P
   Multifunction LCD Segment Driver
BU97931FV-LB ROHM-BU97931FV-LB Datasheet
921Kb / 32P
   Multifunction LCD Segment Driver
BU97930MUV ROHM-BU97930MUV_15 Datasheet
1Mb / 32P
   Multifunction LCD Segment Driver
BU97931FV ROHM-BU97931FV Datasheet
1Mb / 32P
   Multifunction LCD Segment Driver
BU97941FV ROHM-BU97941FV_15 Datasheet
1Mb / 27P
   Multifunction LCD Segment Driver
BU9795AKV ROHM-BU9795AKV_11 Datasheet
406Kb / 15P
   Standard Segment Drivers
BU9796FS-E2 ROHM-BU9796FS-E2 Datasheet
562Kb / 18P
   Standard Segment Drivers
logo
Texas Instruments
TPS68401 TI1-TPS68401 Datasheet
861Kb / 37P
[Old version datasheet]   MULTIFUNCTION 3-CHANNEL LED DRIVERS
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com