Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU95106SL Datasheet(PDF) 9 Page - Rohm

Part # BU95106SL
Description  6bit RSDS Source Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU95106SL Datasheet(HTML) 9 Page - Rohm

Back Button BU95106SL Datasheet HTML 5Page - Rohm BU95106SL Datasheet HTML 6Page - Rohm BU95106SL Datasheet HTML 7Page - Rohm BU95106SL Datasheet HTML 8Page - Rohm BU95106SL Datasheet HTML 9Page - Rohm BU95106SL Datasheet HTML 10Page - Rohm BU95106SL Datasheet HTML 11Page - Rohm BU95106SL Datasheet HTML 12Page - Rohm BU95106SL Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Technical Note
9/14
www.rohm.com
2010.10 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU95306
Relationship between Input Data and Output Voltage
The LCD driver output voltages are determined by the input data and 16γ-corrected power supply.
0.1V≦V15≦V14≦V13≦V12≦V11≦V10≦V9≦V8≦0.5AVDD
0.5 AVDD≦V7≦V6≦V5≦V4≦V3≦V2≦V1≦V0≦AVDD -0.1V
Fig.3 Input data - γ correction curve
00
16
20 24
32
56
63
V1(upper side:00)
V2(upper side:16)
V3(upper side:20)
V4(upper side:24)
V5(upper side:32)
V6(upper side:56)
V7(upper side:63)
V8(lower side:63)
V9(lower side:56)
V10(lower side:32)
V11(lower side:24)
V12(lower side:20)
V13(lower side:16)
V14(lower side:00)


Similar Part No. - BU95106SL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU95101 ROHM-BU95101 Datasheet
289Kb / 15P
   Drivers for Large LCD Panels
BU95101BL ROHM-BU95101BL Datasheet
289Kb / 15P
   Drivers for Large LCD Panels
BU95101BR ROHM-BU95101BR Datasheet
289Kb / 15P
   Drivers for Large LCD Panels
BU95101SL ROHM-BU95101SL Datasheet
289Kb / 15P
   Drivers for Large LCD Panels
BU95101SR ROHM-BU95101SR Datasheet
289Kb / 15P
   Drivers for Large LCD Panels
More results

Similar Description - BU95106SL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU95408 ROHM-BU95408 Datasheet
314Kb / 15P
   6bit RSDS Source Driver
BU95303 ROHM-BU95303 Datasheet
434Kb / 15P
   6bit RSDS Source Driver
logo
Samsung semiconductor
S6C1104 SAMSUNG-S6C1104 Datasheet
228Kb / 20P
   6 BIT 384 CHANNEL RSDS TFT-LCD SOURCE DRIVER
S6C1108 SAMSUNG-S6C1108 Datasheet
225Kb / 20P
   6 BIT 384 CHANNEL RSDS TFT-LCD SOURCE DRIVER
KS0666 SAMSUNG-KS0666 Datasheet
190Kb / 21P
   6 BIT 384 CHANNEL RSDS TFT-LCD SOURCE DRIVER
S6C0666 SAMSUNG-S6C0666 Datasheet
188Kb / 20P
   6 BIT 384 CHANNEL RSDS TFT-LCD SOURCE DRIVER
S6C0679 SAMSUNG-S6C0679 Datasheet
188Kb / 20P
   6 BIT 420 CHANNEL RSDS TFT-LCD SOURCE DRIVER
logo
New Japan Radio
NJM3548 NJRC-NJM3548 Datasheet
122Kb / 9P
   UNIVERSAL SOURCE DRIVER
logo
Toshiba Semiconductor
TD62785P TOSHIBA-TD62785P Datasheet
216Kb / 6P
   8CH SOURCE DRIVER
TD62785PG TOSHIBA-TD62785PG Datasheet
280Kb / 10P
   8CH SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com