Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU95106SL Datasheet(PDF) 10 Page - Rohm

Part # BU95106SL
Description  6bit RSDS Source Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU95106SL Datasheet(HTML) 10 Page - Rohm

Back Button BU95106SL Datasheet HTML 6Page - Rohm BU95106SL Datasheet HTML 7Page - Rohm BU95106SL Datasheet HTML 8Page - Rohm BU95106SL Datasheet HTML 9Page - Rohm BU95106SL Datasheet HTML 10Page - Rohm BU95106SL Datasheet HTML 11Page - Rohm BU95106SL Datasheet HTML 12Page - Rohm BU95106SL Datasheet HTML 13Page - Rohm BU95106SL Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Technical Note
10/14
www.rohm.com
2010.10 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU95306
●γ
correction Power Supply Circuit
16 external γ-corrected power supply is connected to ladder resistors inside IC.
Fig.4 γ correction power supply circuit
External
γ-corrected
power supply
IC Internal Circuit
V0
V7
V8
V9
V10
V11
RS7 = 3,290Ω
RS9 = 933Ω
RS8 = 2,916Ω
RS10 = 543Ω
V1
V2
V3
V4
V5
V6
RS0 = 476Ω
RS2 = 705Ω
RS3 = 573Ω
RS5 = 2,433Ω
RS4 = 981Ω
RS6 = 2,819Ω
V12
V13
RS11 = 669Ω
RS12 = 6,678Ω
RS1 = 7,523Ω
RS13 = 392Ω
V14
V15


Similar Part No. - BU95106SL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU95101 ROHM-BU95101 Datasheet
289Kb / 15P
   Drivers for Large LCD Panels
BU95101BL ROHM-BU95101BL Datasheet
289Kb / 15P
   Drivers for Large LCD Panels
BU95101BR ROHM-BU95101BR Datasheet
289Kb / 15P
   Drivers for Large LCD Panels
BU95101SL ROHM-BU95101SL Datasheet
289Kb / 15P
   Drivers for Large LCD Panels
BU95101SR ROHM-BU95101SR Datasheet
289Kb / 15P
   Drivers for Large LCD Panels
More results

Similar Description - BU95106SL

ManufacturerPart #DatasheetDescription
logo
Rohm
BU95408 ROHM-BU95408 Datasheet
314Kb / 15P
   6bit RSDS Source Driver
BU95303 ROHM-BU95303 Datasheet
434Kb / 15P
   6bit RSDS Source Driver
logo
Samsung semiconductor
S6C1104 SAMSUNG-S6C1104 Datasheet
228Kb / 20P
   6 BIT 384 CHANNEL RSDS TFT-LCD SOURCE DRIVER
S6C1108 SAMSUNG-S6C1108 Datasheet
225Kb / 20P
   6 BIT 384 CHANNEL RSDS TFT-LCD SOURCE DRIVER
KS0666 SAMSUNG-KS0666 Datasheet
190Kb / 21P
   6 BIT 384 CHANNEL RSDS TFT-LCD SOURCE DRIVER
S6C0666 SAMSUNG-S6C0666 Datasheet
188Kb / 20P
   6 BIT 384 CHANNEL RSDS TFT-LCD SOURCE DRIVER
S6C0679 SAMSUNG-S6C0679 Datasheet
188Kb / 20P
   6 BIT 420 CHANNEL RSDS TFT-LCD SOURCE DRIVER
logo
New Japan Radio
NJM3548 NJRC-NJM3548 Datasheet
122Kb / 9P
   UNIVERSAL SOURCE DRIVER
logo
Toshiba Semiconductor
TD62785P TOSHIBA-TD62785P Datasheet
216Kb / 6P
   8CH SOURCE DRIVER
TD62785PG TOSHIBA-TD62785PG Datasheet
280Kb / 10P
   8CH SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com