Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU95408 Datasheet(PDF) 4 Page - Rohm

Part # BU95408
Description  6bit RSDS Source Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU95408 Datasheet(HTML) 4 Page - Rohm

  BU95408 Datasheet HTML 1Page - Rohm BU95408 Datasheet HTML 2Page - Rohm BU95408 Datasheet HTML 3Page - Rohm BU95408 Datasheet HTML 4Page - Rohm BU95408 Datasheet HTML 5Page - Rohm BU95408 Datasheet HTML 6Page - Rohm BU95408 Datasheet HTML 7Page - Rohm BU95408 Datasheet HTML 8Page - Rohm BU95408 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Technical Note
4/14
www.rohm.com
2010.10 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU95408
Electrical Characteristics (AC)
(Unless otherwise noted, Ta=-10 ~ +85℃, DVDD=2.3 ~ 3.6V, AVDD=8.0 ~ 13.5V, DVSS=AVSS=0V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Clock pulse width
tw
1/85MHz
-
-
ns
Clock pulse "H" period
th
5
-
-
ns
Clock pulse "L" period
tl
5
-
-
ns
Data setup time
tsu1
2
-
-
ns
Data hold time
thd1
0
-
-
ns
Start pulse setup time
tsu2
1
-
-
ns
Start pulse hold time
thd2
2
-
-
ns
Start pulse width
tWSFT
1
-
2
CLK period
Carry output delay time
tdc
-
-
11
ns
CL=15pF
STB pulse width
tWSTB
1
-
-
CLK period
Final data timing
tLDT
1
-
-
CLK period
Time between STB↑and start pulse↑ tSTB-SFT
6
-
-
CLK period
Time between STB↑and CLK↓
tSTB-CLK
4
-
-
ns
POL/STB setup time
tsp
14
-
-
ns
Output delay time
tdout
-
-
3
μs
LPC:normal
*1*3
-
-
5
μs
LPC:normal
*2*3
-
-
5
μs
LPC:low power
*1*3
-
-
7
μs
LPC:low power
*2*3
*1
The value is specified when the drive voltage value reaches the target output voltage level of 90%.
*2
The value is specified when the drive voltage value reaches the target output voltage level of 6-bit accuracy.
*3
Output load condition:
R1=R2=R3=10kΩ, C1=C2=C3=20pF
C1
C3
C2
R1
R3
R2
(Test Probe)
Output
Vcom=AVSS


Similar Part No. - BU95408

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9540KV ROHM-BU9540KV Datasheet
403Kb / 6P
   Servo signal processor for compact disc player
More results

Similar Description - BU95408

ManufacturerPart #DatasheetDescription
logo
Rohm
BU95306 ROHM-BU95306 Datasheet
311Kb / 15P
   6bit RSDS Source Driver
BU95303 ROHM-BU95303 Datasheet
434Kb / 15P
   6bit RSDS Source Driver
logo
Samsung semiconductor
S6C1104 SAMSUNG-S6C1104 Datasheet
228Kb / 20P
   6 BIT 384 CHANNEL RSDS TFT-LCD SOURCE DRIVER
S6C1108 SAMSUNG-S6C1108 Datasheet
225Kb / 20P
   6 BIT 384 CHANNEL RSDS TFT-LCD SOURCE DRIVER
KS0666 SAMSUNG-KS0666 Datasheet
190Kb / 21P
   6 BIT 384 CHANNEL RSDS TFT-LCD SOURCE DRIVER
S6C0666 SAMSUNG-S6C0666 Datasheet
188Kb / 20P
   6 BIT 384 CHANNEL RSDS TFT-LCD SOURCE DRIVER
S6C0679 SAMSUNG-S6C0679 Datasheet
188Kb / 20P
   6 BIT 420 CHANNEL RSDS TFT-LCD SOURCE DRIVER
logo
New Japan Radio
NJM3548 NJRC-NJM3548 Datasheet
122Kb / 9P
   UNIVERSAL SOURCE DRIVER
logo
Toshiba Semiconductor
TD62785P TOSHIBA-TD62785P Datasheet
216Kb / 6P
   8CH SOURCE DRIVER
TD62785PG TOSHIBA-TD62785PG Datasheet
280Kb / 10P
   8CH SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com