Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU95106SR Datasheet(PDF) 1 Page - Rohm

Part # BU95106SR
Description  6bit RSDS Source Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU95106SR Datasheet(HTML) 1 Page - Rohm

  BU95106SR Datasheet HTML 1Page - Rohm BU95106SR Datasheet HTML 2Page - Rohm BU95106SR Datasheet HTML 3Page - Rohm BU95106SR Datasheet HTML 4Page - Rohm BU95106SR Datasheet HTML 5Page - Rohm BU95106SR Datasheet HTML 6Page - Rohm BU95106SR Datasheet HTML 7Page - Rohm BU95106SR Datasheet HTML 8Page - Rohm BU95106SR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/14
www.rohm.com
2010.10 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Drivers for Large LCD Panels
6bit RSDSTM
Source Driver
BU95306
Description
ROHMLCD drivers for large panels are display drivers optimized for large LCDs in a variety of applications, including
desktop PCs, laptops, and TVs. The broad lineup is offered in low amplitude differential transmission interface type
(RSDS
TM) featuring low EMI, 6bit gradation precision, and different output configurations (642 and up) for wide compatibility.
Features
1) 600/618/630/642 output channels
2) 6bit 9pair RSDS
TM inputs
3) Dot & n-line inversion available
4) Built-in 2ch repair amplifiers
5) γ correction is possible
6) Built-in input data reversing function (INV)
7) Output voltage range : AVSS+0.1V~AVDD-0.1V
8) High speed data transfer: fCLK (MAX) =85MHz
9) Logic power supply voltage (DVDD) : 2.3~3.6V
10) Driver power supply voltage (AVDD) : 8.0~13.5V
11) Package: COF48
Applications
TFT LCD Panels
Line up matrix
BU95101
BU95303
BU95306
BU95408
Number of outputs
384
384 / 414 / 420 / 432
600 / 618 / 630 / 642
684 / 690 / 702 / 720
No.10043EAT03


Similar Part No. - BU95106SR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU95101 ROHM-BU95101 Datasheet
289Kb / 15P
   Drivers for Large LCD Panels
BU95101BL ROHM-BU95101BL Datasheet
289Kb / 15P
   Drivers for Large LCD Panels
BU95101BR ROHM-BU95101BR Datasheet
289Kb / 15P
   Drivers for Large LCD Panels
BU95101SL ROHM-BU95101SL Datasheet
289Kb / 15P
   Drivers for Large LCD Panels
BU95101SR ROHM-BU95101SR Datasheet
289Kb / 15P
   Drivers for Large LCD Panels
More results

Similar Description - BU95106SR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU95408 ROHM-BU95408 Datasheet
314Kb / 15P
   6bit RSDS Source Driver
BU95303 ROHM-BU95303 Datasheet
434Kb / 15P
   6bit RSDS Source Driver
logo
Samsung semiconductor
S6C1104 SAMSUNG-S6C1104 Datasheet
228Kb / 20P
   6 BIT 384 CHANNEL RSDS TFT-LCD SOURCE DRIVER
S6C1108 SAMSUNG-S6C1108 Datasheet
225Kb / 20P
   6 BIT 384 CHANNEL RSDS TFT-LCD SOURCE DRIVER
KS0666 SAMSUNG-KS0666 Datasheet
190Kb / 21P
   6 BIT 384 CHANNEL RSDS TFT-LCD SOURCE DRIVER
S6C0666 SAMSUNG-S6C0666 Datasheet
188Kb / 20P
   6 BIT 384 CHANNEL RSDS TFT-LCD SOURCE DRIVER
S6C0679 SAMSUNG-S6C0679 Datasheet
188Kb / 20P
   6 BIT 420 CHANNEL RSDS TFT-LCD SOURCE DRIVER
logo
New Japan Radio
NJM3548 NJRC-NJM3548 Datasheet
122Kb / 9P
   UNIVERSAL SOURCE DRIVER
logo
Toshiba Semiconductor
TD62785P TOSHIBA-TD62785P Datasheet
216Kb / 6P
   8CH SOURCE DRIVER
TD62785PG TOSHIBA-TD62785PG Datasheet
280Kb / 10P
   8CH SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com