Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFT1303N Datasheet(PDF) 2 Page - Nihon Inter Electronics Corporation

Part # PFT1303N
Description  130A Avg 300~600 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PFT1303N Datasheet(HTML) 2 Page - Nihon Inter Electronics Corporation

  PFT1303N_1 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PFT1303N_1 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PFT1303N_1 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
項   目
Parameter
記号
Symbol
条   件
Conditions
特性値(最大)
Maximum Value
単位
Unit
ピークオフ電流
Peak Off-State Current
IDM
Tj=150℃,VDM=VDRM
mA
ピーク逆電流
Peak Reverse Current
IRM
Tj=150℃,VRM=VRRM
mA
■電気的特性 Electrical Characteristics
ピークオン電圧
Peak On-State Voltage
VTM
Tj=25℃,ITM=390A
V
トリガゲート電流
Gate Current to Trigger
IGT
VD=6V,IT=1A
mA
mA
mA
トリガゲート電圧
Gate Voltage to Trigger
VGT
VD=6V,IT=1A
V
V
V
非トリガゲート電圧
Gate Non-Trigger Voltage
VGD
Tj=125℃,VD=2/3VDRM
0.2
V
ラッチング電流
Latching Current
IL
Tj=25℃
mA
保持電流
Holding Current
IH
Tj=25℃
mA
熱抵抗
*1
Thermal Resistance
Rth
(j-c)
接合部−ケース間(トータル)
Junction to Case, Total
℃/W
質量…約140g
1アーム当りの値 Value Per 1 Arm.
Approximate Weight
*1:1モジュール当りの値 Value Per Module.
Tj=−40℃
Tj=25℃
Tj= 150℃
Tj=−40℃
Tj=
25℃
Tj= 150℃
最小
Min.
標準
Typ.
80
50
10
10
最大
Max.
1.28
200
100
40
4.0
2.5
1.5
0.09
─ 246 ─


Similar Part No. - PFT1303N_1

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PFT1303N NI-PFT1303N_15 Datasheet
221Kb / 3P
   THYRISTOR
More results

Similar Description - PFT1303N_1

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PFT903N NIEC-PFT903N_1 Datasheet
214Kb / 3P
   90A Avg 300~600 Volts
PFT1503N NIEC-PFT1503N_1 Datasheet
217Kb / 3P
   150A Avg 300~600 Volts
PFT2004N NIEC-PFT2004N_1 Datasheet
204Kb / 3P
   200A Avg 300 Volts
PFT2014N NIEC-PFT2014N_1 Datasheet
198Kb / 3P
   200A Avg 300 Volts
logo
National Instruments Co...
P2H60F6 NI-P2H60F6_15 Datasheet
207Kb / 2P
   60A Avg 600 Volts
logo
Nihon Inter Electronics...
PH270F6 NIEC-PH270F6_1 Datasheet
181Kb / 2P
   270A Avg 600 Volts
logo
National Instruments Co...
P2H30F6 NI-P2H30F6_15 Datasheet
206Kb / 2P
   30A Avg 600 Volts
PC100F6 NI-PC100F6_15 Datasheet
193Kb / 2P
   100A Avg 600 Volts
PC50F6 NI-PC50F6_15 Datasheet
186Kb / 2P
   50A Avg 600 Volts
logo
Nihon Inter Electronics...
PC2503 NIEC-PC2503_1 Datasheet
152Kb / 2P
   250A Avg 300 800 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com