Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU21024GUL-ME2 Datasheet(PDF) 3 Page - Rohm

Part # BU21024GUL-ME2
Description  Resistive Type Touch Screen Controller ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21024GUL-ME2 Datasheet(HTML) 3 Page - Rohm

  BU21024GUL-ME2 Datasheet HTML 1Page - Rohm BU21024GUL-ME2 Datasheet HTML 2Page - Rohm BU21024GUL-ME2 Datasheet HTML 3Page - Rohm BU21024GUL-ME2 Datasheet HTML 4Page - Rohm BU21024GUL-ME2 Datasheet HTML 5Page - Rohm BU21024GUL-ME2 Datasheet HTML 6Page - Rohm BU21024GUL-ME2 Datasheet HTML 7Page - Rohm BU21024GUL-ME2 Datasheet HTML 8Page - Rohm BU21024GUL-ME2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Technical Note
3/17
www.rohm.com
2011.08 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
BU21023GUL,BU21023MUV,BU21024FV-M
HOST-I/F mode (4-wire SPI)
(SCK=SCL_SCK, SI=SDA_SI, CSB=SEL_CSB, SO=SO)
Condition : VDD = 3.0V Ta=25
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
CSB setup time
t1
30
-
-
ns
SCK "H" level period
t2
30
-
-
ns
SCK "L" level period
t3
30
-
-
ns
SI setup time
t4
20
-
-
ns
SI holding time
t5
20
-
-
ns
CSB holding time
t6
20
-
-
ns
CSB "H" level time
t7
50
-
-
ns
Data output delay time
t8
-
-
15
ns
SCK frequency
t9
-
-
15
MHz
Note: SPI interface is selected by tying IFSEL pin to logic low. IFSEL= logic high selects the 2-wire interface


Similar Part No. - BU21024GUL-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21024FV ROHM-BU21024FV Datasheet
721Kb / 19P
   Resistive Type Touch Screen Controller ICs
BU21024FV-E2 ROHM-BU21024FV-E2 Datasheet
716Kb / 20P
   Resistive Type Touch Screen Controller ICs
BU21024FV-M ROHM-BU21024FV-M Datasheet
419Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21024FV-M ROHM-BU21024FV-M Datasheet
716Kb / 20P
   Resistive Type Touch Screen Controller ICs
BU21024FV-ME2 ROHM-BU21024FV-ME2 Datasheet
419Kb / 18P
   Resistive Type Touch Screen Controller ICs
More results

Similar Description - BU21024GUL-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21023GUL ROHM-BU21023GUL_16 Datasheet
1Mb / 21P
   Resistive Type Touch Screen Controller ICs
BU21024FV-M ROHM-BU21024FV-M_14 Datasheet
716Kb / 20P
   Resistive Type Touch Screen Controller ICs
BU21024FV ROHM-BU21024FV Datasheet
721Kb / 19P
   Resistive Type Touch Screen Controller ICs
BU21024FV-M ROHM-BU21024FV-M Datasheet
419Kb / 18P
   Resistive Type Touch Screen Controller ICs
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_16 Datasheet
2Mb / 61P
   AR1000 Series Resistive Touch Screen Controller
06/23/16
logo
Rohm
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com