Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU9891GUL-W Datasheet(PDF) 10 Page - Rohm

Part # BU9891GUL-W
Description  WL-CSP EEPROM family Microwire Bus
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9891GUL-W Datasheet(HTML) 10 Page - Rohm

Back Button BU9891GUL-W Datasheet HTML 6Page - Rohm BU9891GUL-W Datasheet HTML 7Page - Rohm BU9891GUL-W Datasheet HTML 8Page - Rohm BU9891GUL-W Datasheet HTML 9Page - Rohm BU9891GUL-W Datasheet HTML 10Page - Rohm BU9891GUL-W Datasheet HTML 11Page - Rohm BU9891GUL-W Datasheet HTML 12Page - Rohm BU9891GUL-W Datasheet HTML 13Page - Rohm BU9891GUL-W Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
BU9891GUL-W
10/17
www.rohm.com
2010.07 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Technical Note
Application
1) Method to cancel each command
READ
WRITE
2) At standby
Standby current
When CS is “L”, SK input is “L”, DI input is “H”, and even with middle electric potential, current does not increase.
Timing
As shown in Fig.38, when SK at standby is “H”, if CS is started, DI status may be read at the rise edge.
At standby and at power ON/OFF, when to start CS, set SK input or DI input to “L” status.
Fig.36 READ cancel available timing
Note 1) If Vcc is made OFF in this area, designated address data is
not guaranteed, therefore write once again.
Note 2) If CS is started at the same timing as that of the SK rise,
write execution/cancel becomes unstable, therefore, it is
recommended to fail in SK=”L” area.
As for SK rise, necessary timing of tCSS/tCSH or higher.
Fig.37 WRITE cancel available timing
Start bit
Ope code
Address
Data
1bit
2bit
8bit
16bit
Cancel is available in all areas in read mode.
Method to cancel:cancel by CS=“L”
Start bit
Ope code
Address
Data
tE/W
a
*1
1bit
2bit
8bit
16bit
b
a:From start bit to 27 clock rise
*1
Cancel by CS=“L”
b:27 clock rise and after
*1
Cancellation is not available by any means. If Vcc is made OFF in this area,
designated address data is not guaranteed, therefore write once again.
And when SK clock is input continuously, cancellation is not available.
CS
SK
DI
Start bit input
CS=SK=DI=”H”
Wrong recognition as a start bit
CS
SK
DI
Start bit input
If CS is started when SK=”L” or DI=”L”, a start
bit is recognized correctly.
Fig.38 Wrong action timing
Fig.39 Normal action timing
SK
27 Rise of clock *1
D1
Enlarged figure
D0
DI
26
27


Similar Part No. - BU9891GUL-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9891GUL-W ROHM-BU9891GUL-W Datasheet
737Kb / 26P
   WLCSP EEPROM
BU9891GUL-WE2 ROHM-BU9891GUL-WE2 Datasheet
737Kb / 26P
   WLCSP EEPROM
BU9891GUL-W ROHM-BU9891GUL-W_12 Datasheet
737Kb / 26P
   WLCSP EEPROM
More results

Similar Description - BU9891GUL-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9829GUL-W ROHM-BU9829GUL-W_10 Datasheet
584Kb / 17P
   WL-CSP EEPROM family SPI BUS
BU9880GUL-W ROHM-BU9880GUL-W_10 Datasheet
406Kb / 17P
   WL-CSP EEPROM family I2C BUS
BU9833GUL-W ROHM-BU9833GUL-W_10 Datasheet
424Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9844GUL-W ROHM-BU9844GUL-W_10 Datasheet
406Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9847GUL-W ROHM-BU9847GUL-W_10 Datasheet
400Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9832GUL-W ROHM-BU9832GUL-W_10 Datasheet
513Kb / 19P
   WL-CSP EEPROM family SPI BUS
BU99901GUZ-W ROHM-BU99901GUZ-W_10 Datasheet
421Kb / 17P
   WL-CSP EEPROM family I2C BUS
BU9889GUL-W ROHM-BU9889GUL-W Datasheet
417Kb / 18P
   WL-CSP EEPROM family I2C BUS
BR25S128GUZ-W ROHM-BR25S128GUZ-W Datasheet
497Kb / 17P
   WL-CSP EEPROMs family SPI BUS
BU9897GUL-W ROHM-BU9897GUL-W_11 Datasheet
361Kb / 17P
   High Reliability Series Serial EEPROMs WL-CSP EEPROM family I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com