Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU9880GUL-W Datasheet(PDF) 4 Page - Rohm

Part # BU9880GUL-W
Description  WL-CSP EEPROM family I2C BUS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9880GUL-W Datasheet(HTML) 4 Page - Rohm

  BU9880GUL-W Datasheet HTML 1Page - Rohm BU9880GUL-W Datasheet HTML 2Page - Rohm BU9880GUL-W Datasheet HTML 3Page - Rohm BU9880GUL-W Datasheet HTML 4Page - Rohm BU9880GUL-W Datasheet HTML 5Page - Rohm BU9880GUL-W Datasheet HTML 6Page - Rohm BU9880GUL-W Datasheet HTML 7Page - Rohm BU9880GUL-W Datasheet HTML 8Page - Rohm BU9880GUL-W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Technical Note
4/16
BU9880GUL-W
www.rohm.com
2010.11 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Pin assignment and description
Land No.
Terminal name
Input / output
Function
C3
A1
Input
Slave address
C2
A2
Input
Slave address
C1
GND
-
Reference voltage of all input / output
B3
A0
Input
Slave address
B1
SDA
Input / output
Slave and word address, Serial data input serial data output
A3
Vcc
-
Power Supply
A2
WP
Input
Write protect terminal
A1
SCL
Input
Serial clock input
Characteristic data (The following values are Typ. ones.)
0
0.2
0.4
0.6
0.8
1
1.2
01
2
3
45
6
SUPPLYVOLTAGE : Vcc(V)
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
0
0.2
0.4
0.6
0.8
1
0
123
456
L OUTPUT CURRENT : IOL(mA)
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
0
0.2
0.4
0.6
0.8
1
1.2
01
23
4
5
6
SUPPLY VOLTAGE : Vcc(V)
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
0
1
2
3
4
5
6
0
1
234
56
SUPPLY VOLTAGE : Vcc(V)
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
0
0.1
0.2
0.3
0.4
0.5
0.6
01
234
56
78
L OUTPUT CURRENT : IOL(mA)
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.6 'L' output voltage VOL-IOL(Vcc=1.7V)
0
1
2
3
4
5
6
01
2
34
56
SUPPLY VOLTAGE : Vcc(V)
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.7 'L' output voltage VOL-IOL(Vcc=2.5V)
Fig.8 Input leak current ILI
(A0,A1,A2,SCL,WP)
Fig.9 Output leak current ILO(SDA)
SPEC
Fig.4 'H' input voltage VIH
(A0,A1,A2,SCL,SDA,WP)
Fig.5 'L' input voltage VIL
(A0,A1,A2,SCL,SDA,WP)
Fig.3
BU9880GUL-W(bottom view)
A
VSS
B
1
23
SDA
A2
A1
A0
SCL
WP
VCC
C


Similar Part No. - BU9880GUL-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9880GUL-W ROHM-BU9880GUL-W Datasheet
130Kb / 5P
   Silicon Monolithic Integrated Circuit
BU9880GUL-W ROHM-BU9880GUL-W Datasheet
777Kb / 26P
   WLCSP EEPROM
BU9880GUL-WE2 ROHM-BU9880GUL-WE2 Datasheet
777Kb / 26P
   WLCSP EEPROM
BU9880GUL-W ROHM-BU9880GUL-W_12 Datasheet
777Kb / 26P
   WLCSP EEPROM
More results

Similar Description - BU9880GUL-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9833GUL-W ROHM-BU9833GUL-W_10 Datasheet
424Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9844GUL-W ROHM-BU9844GUL-W_10 Datasheet
406Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9847GUL-W ROHM-BU9847GUL-W_10 Datasheet
400Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU99901GUZ-W ROHM-BU99901GUZ-W_10 Datasheet
421Kb / 17P
   WL-CSP EEPROM family I2C BUS
BU9889GUL-W ROHM-BU9889GUL-W Datasheet
417Kb / 18P
   WL-CSP EEPROM family I2C BUS
BU9829GUL-W ROHM-BU9829GUL-W_10 Datasheet
584Kb / 17P
   WL-CSP EEPROM family SPI BUS
BU9832GUL-W ROHM-BU9832GUL-W_10 Datasheet
513Kb / 19P
   WL-CSP EEPROM family SPI BUS
BU9891GUL-W ROHM-BU9891GUL-W Datasheet
471Kb / 18P
   WL-CSP EEPROM family Microwire Bus
BU9897GUL-W ROHM-BU9897GUL-W_11 Datasheet
361Kb / 17P
   High Reliability Series Serial EEPROMs WL-CSP EEPROM family I2C BUS
BRCA016GWZ-W ROHM-BRCA016GWZ-W Datasheet
427Kb / 18P
   High Reliability Series Serial EEPROMs WL-CSP EEPROM family I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com