Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU9847GUL-W Datasheet(PDF) 4 Page - Rohm

Part # BU9847GUL-W
Description  WL-CSP EEPROM family I2C BUS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9847GUL-W Datasheet(HTML) 4 Page - Rohm

  BU9847GUL-W_10 Datasheet HTML 1Page - Rohm BU9847GUL-W_10 Datasheet HTML 2Page - Rohm BU9847GUL-W_10 Datasheet HTML 3Page - Rohm BU9847GUL-W_10 Datasheet HTML 4Page - Rohm BU9847GUL-W_10 Datasheet HTML 5Page - Rohm BU9847GUL-W_10 Datasheet HTML 6Page - Rohm BU9847GUL-W_10 Datasheet HTML 7Page - Rohm BU9847GUL-W_10 Datasheet HTML 8Page - Rohm BU9847GUL-W_10 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Technical Note
4/18
BU9847GUL-W
www.rohm.com
2010.09 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Block diagram
Pin assignment and description
Land No.
Terminal name
Input/ Output
Function
B3
A2
Input
Slave address setting terminal
B2
GND
-
Reference voltage of al input / output, 0V
B1
SDA
Input/Output
Slave and word address, Serial data input serial data output.
A3
Vcc
-
Connect the power source.
A2
WP
Input
Write protect terminal
A1
SCL
Input
Serial clock input
Characteristic data (The following values are Typ. ones.)
Fig.2 Block diagram
SDA
SCL
WP
A2
4Kbit EEPROM array
Address
decoder
Slave – word
address register
Data
register
Control circuit
High voltage
generating circuti
Power source
voltage detection
9bit
9bit
8bit
ACK
START
STOP
VCC
GND
3
B
A
○ ○
1
2
A1
A2
B1
B2
A3
B3
INDEX Post
Fig.3 BU9847GUL-W(bottom view)
0
1
2
3
4
5
6
012
3
456
Vcc[V]
SPEC
0
1
2
3
4
5
6
01
234
56
Vcc[V]
SPEC
0
0.2
0.4
0.6
0.8
1
0
1
2345
6
IOL2[mA]
SPEC
Fig.4 H input voltage VIH1,2,3
(A2,SCL,SDA,WP)
Fig.5 L input voltage VIL1,2,3
(A2,SCL,SDA,WP)
Fig.6 L output voltage VOL2-IOL2
(VCC=1.7V)
Ta=85°C
Ta=25°C
Ta=-40°
Ta=85°C
Ta=25°C
Ta=-40°
Ta=85°C
Ta=25°C
Ta=-40°


Similar Part No. - BU9847GUL-W_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9847GUL-W ROHM-BU9847GUL-W_12 Datasheet
804Kb / 28P
   WLCSP EEPROM
More results

Similar Description - BU9847GUL-W_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9880GUL-W ROHM-BU9880GUL-W_10 Datasheet
406Kb / 17P
   WL-CSP EEPROM family I2C BUS
BU9833GUL-W ROHM-BU9833GUL-W_10 Datasheet
424Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9844GUL-W ROHM-BU9844GUL-W_10 Datasheet
406Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU99901GUZ-W ROHM-BU99901GUZ-W_10 Datasheet
421Kb / 17P
   WL-CSP EEPROM family I2C BUS
BU9889GUL-W ROHM-BU9889GUL-W Datasheet
417Kb / 18P
   WL-CSP EEPROM family I2C BUS
BU9829GUL-W ROHM-BU9829GUL-W_10 Datasheet
584Kb / 17P
   WL-CSP EEPROM family SPI BUS
BU9832GUL-W ROHM-BU9832GUL-W_10 Datasheet
513Kb / 19P
   WL-CSP EEPROM family SPI BUS
BU9891GUL-W ROHM-BU9891GUL-W Datasheet
471Kb / 18P
   WL-CSP EEPROM family Microwire Bus
BU9897GUL-W ROHM-BU9897GUL-W_11 Datasheet
361Kb / 17P
   High Reliability Series Serial EEPROMs WL-CSP EEPROM family I2C BUS
BRCA016GWZ-W ROHM-BRCA016GWZ-W Datasheet
427Kb / 18P
   High Reliability Series Serial EEPROMs WL-CSP EEPROM family I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com