Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU9844GUL-W Datasheet(PDF) 10 Page - Rohm

Part # BU9844GUL-W
Description  WL-CSP EEPROM family I2C BUS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9844GUL-W Datasheet(HTML) 10 Page - Rohm

Back Button BU9844GUL-W_10 Datasheet HTML 6Page - Rohm BU9844GUL-W_10 Datasheet HTML 7Page - Rohm BU9844GUL-W_10 Datasheet HTML 8Page - Rohm BU9844GUL-W_10 Datasheet HTML 9Page - Rohm BU9844GUL-W_10 Datasheet HTML 10Page - Rohm BU9844GUL-W_10 Datasheet HTML 11Page - Rohm BU9844GUL-W_10 Datasheet HTML 12Page - Rohm BU9844GUL-W_10 Datasheet HTML 13Page - Rohm BU9844GUL-W_10 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Technical Note
10/18
BU9844GUL-W
www.rohm.com
2010.09 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Command
Read cycle
Data of EEPROM is read. In read cycle, there are random read cycle and current read cycle.
Random read cycle is a command to read data by designating address, and is used generally.
Current read cycle is a command to read data of internal address register without designating address, and is used when
to verify just after write cycle. In both the read cycles, sequential read cycle is available, and the next address data next
address data can be read in succession.
In random read cycle, data of designated word address can be read.
When the command just before current read cycle is random read cycle, current read cycle (each including sequential
read cycle), data of incremented last read address (n-th) address, i.e., data of the (n+1)-th address is output.
When ACK signal “LOW” after D0 is detected, and stop condition is not sent from the master (μ-COM) side, the next
address data can be read in succession.
Read cycle is ended by stop condition where “H” is input to ACK signal after D0 and SDA signal is started at
SCL signal “H”.
When “H” is not input to ACK signal after D0, sequential read gets in, and the next data is output.
Therefore, read command cycle cannot be ended. When to end read command cycle, be sure input stop condition to
input “H” to ACK signal after D0, and to start SDA at SCL signal “H”.
Sequential read is ended by stop condition where “H” is input to ACK signal after arbitrary D0 and SDA is started at SCL
signal “H”.
1 0
0
1
P0
P1
P2
Fig.42 Difference of slave address of each type
Note)
It is necessary to input “H”
to the last ACK.
It is necessary to input “H”
to the last ACK.
W
R
I
T
E
S
T
A
R
T
R
/
W
A
C
K
S
T
O
P
WORD
ADDRESS(n)
SDA
LINE
A
C
K
A
C
K
DATA(n)
A
C
K
SLAVE
ADDRESS
10
0
1
P0
P1
P2
WA
7
0
D0
SLAVE
ADDRESS
10
0
10
A2
S
T
A
R
T
D7
R
/
W
R
E
A
D
WA
0
P1
P2
D7
1
1
0
0
R
E
A
D
S
T
A
R
T
R
/
W
S
T
O
P
DATA
SDA
LINE
SLA VE
ADDRES S
P0
D0
A
C
K
A
C
K
R
E
A
D
S
T
A
R
T
R
/
W
A
C
K
S
T
O
P
DATA(n)
SDA
LINE
A
C
K
A
C
K
DATA(n+x)
A
C
K
SLAVE
ADDRESS
10
0
1
P0
P1
P2
D0
D7
D0
D7
Fig.39 Random Read cycle
Fig.40 Current read cycle
Fig.41 Sequential read cycle


Similar Part No. - BU9844GUL-W_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9844GUL-W ROHM-BU9844GUL-W_13 Datasheet
775Kb / 30P
   WLCSP EEPROM
More results

Similar Description - BU9844GUL-W_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9880GUL-W ROHM-BU9880GUL-W_10 Datasheet
406Kb / 17P
   WL-CSP EEPROM family I2C BUS
BU9833GUL-W ROHM-BU9833GUL-W_10 Datasheet
424Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9847GUL-W ROHM-BU9847GUL-W_10 Datasheet
400Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU99901GUZ-W ROHM-BU99901GUZ-W_10 Datasheet
421Kb / 17P
   WL-CSP EEPROM family I2C BUS
BU9889GUL-W ROHM-BU9889GUL-W Datasheet
417Kb / 18P
   WL-CSP EEPROM family I2C BUS
BU9829GUL-W ROHM-BU9829GUL-W_10 Datasheet
584Kb / 17P
   WL-CSP EEPROM family SPI BUS
BU9832GUL-W ROHM-BU9832GUL-W_10 Datasheet
513Kb / 19P
   WL-CSP EEPROM family SPI BUS
BU9891GUL-W ROHM-BU9891GUL-W Datasheet
471Kb / 18P
   WL-CSP EEPROM family Microwire Bus
BU9897GUL-W ROHM-BU9897GUL-W_11 Datasheet
361Kb / 17P
   High Reliability Series Serial EEPROMs WL-CSP EEPROM family I2C BUS
BRCA016GWZ-W ROHM-BRCA016GWZ-W Datasheet
427Kb / 18P
   High Reliability Series Serial EEPROMs WL-CSP EEPROM family I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com