Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU9832GUL-WE2 Datasheet(PDF) 10 Page - Rohm

Part # BU9832GUL-WE2
Description  WL-CSP EEPROM family SPI BUS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9832GUL-WE2 Datasheet(HTML) 10 Page - Rohm

Back Button BU9832GUL-WE2 Datasheet HTML 6Page - Rohm BU9832GUL-WE2 Datasheet HTML 7Page - Rohm BU9832GUL-WE2 Datasheet HTML 8Page - Rohm BU9832GUL-WE2 Datasheet HTML 9Page - Rohm BU9832GUL-WE2 Datasheet HTML 10Page - Rohm BU9832GUL-WE2 Datasheet HTML 11Page - Rohm BU9832GUL-WE2 Datasheet HTML 12Page - Rohm BU9832GUL-WE2 Datasheet HTML 13Page - Rohm BU9832GUL-WE2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Technical Note
10/18
www.rohm.com
2010.10 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU9832GUL-W
4. Status register write / read command
Fig.39 Status register write command
Write status register command can write status register data. The data can be written by this command are 2 bits
* 1, that is,
BP1 (bit3) and BP0 (bit2) among 8 bits of status register. By BP1 and BP0, write disable block of EEPROM can be set. As
for this command, set CS LOW, and input ope code of write status register, and input data. Then, by making CS HIGH,
EEPROM starts writing. Write time requires time of tE/W as same as write. As for CS rise, start CS after taking the last
data bit (bit0), and before the next SCK clock starts. At other timing, command is cancelled. Write disable block is
determined by BP1 and BP0, and the block can be selected from 1/4 of memory array, 1/2, and entire memory array.
(Refer to the write disable block setting table.) To the write disabled block, write cannot be made, and only read can be
made.
*1
3bits including 1WPEN (bit7)
Fig.40 Status register read command
CS
SCK
High-Z
=Don't care
0
0
0
0
1
WP E N
0
1
2
4
0
SI
SO
0
3
7
8
5
6
9
10
11
12
13
14
15
BP1 BP0
**
bit 7
bit 6
bit 5
bi t4
bit 3
bit 2
bit 1
bit 0
0
High-Z
bit7
bit6
bit5
bit4
0
0
BP0
0
BP1
bit3
bit2
bit1
bit0
13
CS
SCK
SI
1
1
10
6
0
SO
14
1
2
WEN
R/B
11
15
3
7
9
0
5
12
0
0
0
0
0
4
8
WPEN


Similar Part No. - BU9832GUL-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9832GUL-WE2 ROHM-BU9832GUL-WE2 Datasheet
748Kb / 30P
   WLCSP EEPROM
More results

Similar Description - BU9832GUL-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9829GUL-W ROHM-BU9829GUL-W_10 Datasheet
584Kb / 17P
   WL-CSP EEPROM family SPI BUS
BU9880GUL-W ROHM-BU9880GUL-W_10 Datasheet
406Kb / 17P
   WL-CSP EEPROM family I2C BUS
BU9833GUL-W ROHM-BU9833GUL-W_10 Datasheet
424Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9844GUL-W ROHM-BU9844GUL-W_10 Datasheet
406Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9847GUL-W ROHM-BU9847GUL-W_10 Datasheet
400Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9891GUL-W ROHM-BU9891GUL-W Datasheet
471Kb / 18P
   WL-CSP EEPROM family Microwire Bus
BR25S128GUZ-W ROHM-BR25S128GUZ-W Datasheet
497Kb / 17P
   WL-CSP EEPROMs family SPI BUS
BU99901GUZ-W ROHM-BU99901GUZ-W_10 Datasheet
421Kb / 17P
   WL-CSP EEPROM family I2C BUS
BU9889GUL-W ROHM-BU9889GUL-W Datasheet
417Kb / 18P
   WL-CSP EEPROM family I2C BUS
BU9897GUL-W ROHM-BU9897GUL-W_11 Datasheet
361Kb / 17P
   High Reliability Series Serial EEPROMs WL-CSP EEPROM family I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com