Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU9750FV-E2 Datasheet(PDF) 2 Page - Rohm

Part # BU9750FV-E2
Description  Standard Segment Drivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9750FV-E2 Datasheet(HTML) 2 Page - Rohm

  BU9750FV-E2 Datasheet HTML 1Page - Rohm BU9750FV-E2 Datasheet HTML 2Page - Rohm BU9750FV-E2 Datasheet HTML 3Page - Rohm BU9750FV-E2 Datasheet HTML 4Page - Rohm BU9750FV-E2 Datasheet HTML 5Page - Rohm BU9750FV-E2 Datasheet HTML 6Page - Rohm BU9750FV-E2 Datasheet HTML 7Page - Rohm BU9750FV-E2 Datasheet HTML 8Page - Rohm BU9750FV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Technical Note
2/14
BU9795AKV,BU9795AFV,BU9795AGUW,BU9794AKV,BU97950FUV
www.rohm.com
2011.03 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
Line up matrix
Parameter
BU9795A
BU9794AKV
BU97950FUV
KV
FV
GUW
Segment output
35
27
31
50
35
Common output
4
4
4
4
8
Total display
dot number
140
108
124
200
280
Adjustable contrast function
-
-
-
-
Yes
Support split voltage supply
-
-
-
Yes
Yes
Interface
3wire
3wire
3wire
3wire
2wire
Package
VQFP48C
SSOP-B40
VBGA48W040
VQFP64
TSSOP-C48V
Absolute maximum ratings (VSS=0V)
Parameter
BU9795AKV
/FV/GUW
BU9794AKV
BU97950FUV
Unit
Remarks
Power Supply Voltage 1
(VDD)
-0.5~+7.0
V
Power supply
Power Supply Voltage 2
(VLCD)
-0.5~VDD
-0.5~+7.0
-0.5~+7.0
V
LCD drive
Voltage
Allowable Loss
(Pd)
0.6*
1
0.7*
2
0.27*
3
0.75*
4
0.75*
4
W
Allowable loss
at package only
Input Voltage Range
(VIN)
-0.5~VDD+0.5
V
Operational Temperature Range
(Topr)
-40~+85
Storage Temperature Range
(Tstg)
-55~+125
*1
When use more than Ta=25℃, subtract 6.0mW per degree (BU9795AKV)
*2
When use more than Ta=25℃, subtract 7.0mW per degree (BU9795AFV)
*3
When use more than Ta=25℃, subtract 2.7mW per degree (BU9795AGUW)
*4
When use more than Ta=25℃, subtract 7.5mW per degree (BU9794AKV, BU97950FUV)
Recommend operating conditions (Ta=-40~85℃, VSS=0V)
Parameter
BU9795AKV
/FV/GUW*1
BU9794AKV
BU97950KV
Unit
Remarks
Min. Typ. Max. Min. Typ. Max. Min. Typ. Max.
Power Supply Voltage 1
(VDD)
2.5
-
5.5
2.5
-
5.5
2.5
-
5.5
V
Power supply
Power Supply Voltage 2
(VLCD)
0
-
VDD
-2.4
2.5
-
5.5
2.5
-
5.5
V
LCD drive
Voltage
*1
Please use VDD-VLCD
 2.4V condition.


Similar Part No. - BU9750FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU97500FV-E2 ROHM-BU97500FV-E2 Datasheet
546Kb / 24P
   Multifunction Segment Drivers
BU97500GUW-E2 ROHM-BU97500GUW-E2 Datasheet
546Kb / 24P
   Multifunction Segment Drivers
BU97500KV ROHM-BU97500KV Datasheet
546Kb / 24P
   Multifunction Segment Drivers
BU97500KV-E2 ROHM-BU97500KV-E2 Datasheet
546Kb / 24P
   Multifunction Segment Drivers
BU97500MUV-E2 ROHM-BU97500MUV-E2 Datasheet
546Kb / 24P
   Multifunction Segment Drivers
More results

Similar Description - BU9750FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9796FS-E2 ROHM-BU9796FS-E2 Datasheet
562Kb / 18P
   Standard Segment Drivers
BU9795AKV ROHM-BU9795AKV Datasheet
401Kb / 16P
   Standard function Segment Drivers
BU9795ZKS2 ROHM-BU9795ZKS2 Datasheet
1Mb / 30P
   Standard LCD Segment Drivers
BU97950FUV ROHM-BU97950FUV Datasheet
1Mb / 25P
   Standard LCD Segment Drivers
BU9795AFV-LB ROHM-BU9795AFV-LB Datasheet
862Kb / 29P
   Standard LCD Segment Drivers
BU9795AKS2 ROHM-BU9795AKS2 Datasheet
978Kb / 40P
   Standard LCD Segment Drivers
BU97930MUV ROHM-BU97930MUV Datasheet
546Kb / 24P
   Multifunction Segment Drivers
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
logo
Motorola, Inc
MC14LC5002 MOTOROLA-MC14LC5002 Datasheet
458Kb / 17P
   72-Segment / 128-Segment LCD Drivers
logo
Rohm
BU97540KV-M ROHM-BU97540KV-M Datasheet
3Mb / 70P
   Multi-function Segment Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com