Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU9829GUL-WE2 Datasheet(PDF) 2 Page - Rohm

Part # BU9829GUL-WE2
Description  WL-CSP EEPROM family SPI BUS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9829GUL-WE2 Datasheet(HTML) 2 Page - Rohm

  BU9829GUL-WE2 Datasheet HTML 1Page - Rohm BU9829GUL-WE2 Datasheet HTML 2Page - Rohm BU9829GUL-WE2 Datasheet HTML 3Page - Rohm BU9829GUL-WE2 Datasheet HTML 4Page - Rohm BU9829GUL-WE2 Datasheet HTML 5Page - Rohm BU9829GUL-WE2 Datasheet HTML 6Page - Rohm BU9829GUL-WE2 Datasheet HTML 7Page - Rohm BU9829GUL-WE2 Datasheet HTML 8Page - Rohm BU9829GUL-WE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Technical Note
2/16
BU9829GUL-W
www.rohm.com
2010.09 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Memory cell characteristics (Ta=25℃, Vcc1=1.6~3.6V)
Input/output capacity (Ta=25℃, Frequency=5MHz)
Parameter
Limits
Unit
Parameter
Symbol Conditions
Limits
Unit
Min.
Typ.
Max.
Min. Max.
Write/Erase Cycle
*1
100,000
Cycle
Input Capacitance
*1
CIN
VIN=GND
8pF
Data Retention
*1
10
Year
Output Capacitance
*1
COUT
VOUT=GND -
8pF
*1 : Not 100% tested
*1:Not 100% TESTED
EEPROM DC operating characteristics (Unless otherwise specified, Ta=-30~85℃, Vcc1=1.6~3.6V)
Parameter
Symbol
Limits
Unit
Test condition
Min.
Typ.
Max.
"H" Input Voltage1
VIH1
0.7xVcc1
Vcc1+0.3
V
2.5≦Vcc1≦3.6V
"H" Input Voltage2
VIH2 0.75xVcc1
Vcc1+0.3
V
1.6≦Vcc1<2.5V
"L" Input Voltage1
VIL1
-0.3
0.3xVcc1
V
2.5V≦Vcc1≦3.6V
"L" Input Voltage2
VIL2
-0.3
0.25xVcc1
V
1.6V≦Vcc1<2.5V
"L" Output Voltage1
VOL1
0
0.2
V
IOL=1.0mA , 2.5V≦Vcc1≦3.6V
"L" Output Voltage2
VOL2
0
0.2
V
IOL=1.0mA , 1.6V≦Vcc1<2.5V
"H" Output Voltage1
VOH1
Vcc1-0.2
Vcc1
V
IOH=-0.4mA , 2.5V≦Vcc1≦3.6V
"H" Output Voltage1
VOH2
Vcc1-0.2
Vcc1
V
IOH=-100µA , 1.6V≦Vcc1<2.5V
Input Leakage Current
ILI
-1
1
µA
VIN=0~Vcc1
Output Leakage Current
ILO
-1
1
µA
VOUT=0~Vcc1 , CSB=Vcc1
Operating Current Write
ICC1
1.5
mA
Vcc1=1.8V , fSCK =2MHz, tE/W=5ms
Byte Write, Page Write, Write Status Register
ICC2
2.0
mA
Vcc1=2.5V , fSCK =5MHz,tE/W=5ms
Byte Write, Page Write, Write Status Register
Operating Current Read
ICC3
0.2
mA
Vcc1=1.8V , fSCK=2MHz , SO=OPEN
Read, Read Status Register
ICC4
0.6
mA
Vcc1=2.5V , fSCK=5MHz,SO=OPEN
Read, Read Status Register
Standby Current
ISB
1.0
µA
Vcc1=3.6V , CSB=Vcc1 , SCK ,
SI=Vcc1/GND ,SO=OPEN
This product is not designed for protection against radioactive rays.
EEPROM AC operating characteristics (Ta=-30~85℃)
Parameter
Symbol
1.6≦VCC1<1.8V
1.8≦VCC1≦3.6V
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
SCK clock Frequency
fSCK
2.5
5
MHz
SCK High Time
tSCKWH
200
80
ns
SCK Low Time
tSCKWL
200
80
ns
CSB High Time
tCS
200
90
ns
CSB Setup Time
tCSS
150
60
ns
CSB Hold Time
tCSH
150
60
ns
SCK Setup Time
tSCKS
50
50
ns
SCK Hold Time
tSCKH
50
50
ns
SI Setup Time
tDIS
50
20
ns
SI Hold Time
tDIH
50
20
ns
Output Data Delay Time
tPD
100
80
ns
Output Hold Time
tOH
0
0
ns
Outuput Disable Time
*1
tOZ
200
80
ns
SCK Rise Time
*1
tRC
1
1
µs
SCK Fall Time
*1
tFC
1
1
µs
Output Rise Time
*1
tRO
50
50
ns
Output Fall Time
*1
tFO
50
50
ns
Write Cycle Time
tE/W
5
5
ms
Wait Time From Vcc1 ON To
EEPROM Command
tON
15
15
ms
*1 : Not 100% tested


Similar Part No. - BU9829GUL-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9829GUL-WE2 ROHM-BU9829GUL-WE2 Datasheet
888Kb / 27P
   WLCSP EEPROM
More results

Similar Description - BU9829GUL-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9832GUL-W ROHM-BU9832GUL-W_10 Datasheet
513Kb / 19P
   WL-CSP EEPROM family SPI BUS
BU9880GUL-W ROHM-BU9880GUL-W_10 Datasheet
406Kb / 17P
   WL-CSP EEPROM family I2C BUS
BU9833GUL-W ROHM-BU9833GUL-W_10 Datasheet
424Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9844GUL-W ROHM-BU9844GUL-W_10 Datasheet
406Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9847GUL-W ROHM-BU9847GUL-W_10 Datasheet
400Kb / 19P
   WL-CSP EEPROM family I2C BUS
BU9891GUL-W ROHM-BU9891GUL-W Datasheet
471Kb / 18P
   WL-CSP EEPROM family Microwire Bus
BR25S128GUZ-W ROHM-BR25S128GUZ-W Datasheet
497Kb / 17P
   WL-CSP EEPROMs family SPI BUS
BU99901GUZ-W ROHM-BU99901GUZ-W_10 Datasheet
421Kb / 17P
   WL-CSP EEPROM family I2C BUS
BU9889GUL-W ROHM-BU9889GUL-W Datasheet
417Kb / 18P
   WL-CSP EEPROM family I2C BUS
BU9897GUL-W ROHM-BU9897GUL-W_11 Datasheet
361Kb / 17P
   High Reliability Series Serial EEPROMs WL-CSP EEPROM family I2C BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com