Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU7475HFV Datasheet(PDF) 11 Page - Rohm

Part # BU7475HFV
Description  Ultra Low Power CMOS Operational Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7475HFV Datasheet(HTML) 11 Page - Rohm

Back Button BU7475HFV Datasheet HTML 7Page - Rohm BU7475HFV Datasheet HTML 8Page - Rohm BU7475HFV Datasheet HTML 9Page - Rohm BU7475HFV Datasheet HTML 10Page - Rohm BU7475HFV Datasheet HTML 11Page - Rohm BU7475HFV Datasheet HTML 12Page - Rohm BU7475HFV Datasheet HTML 13Page - Rohm BU7475HFV Datasheet HTML 14Page - Rohm BU7475HFV Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Technical Note
11/28
www.rohm.com
2010.12 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BU7265G,BU7265SG,BU7205HFV,BU7205SHFV,BU7271G,BU7271SG,BU7245HFV,BU7245SHFV,
BU7411G,BU7411SG,BU7421G,BU7421SG,BU7475HFV,BU7475SHFV
0
2
4
6
8
10
-60
-30
0
306090
120
AMBIENT TEMPERATURE [℃]
0
10
20
30
40
1
234
56
SUPPLY VOLTAGE [V]
0
2
4
6
8
10
12
14
16
18
20
-60-30
0
30
60
90120
AMBIENT TEMPERATURE [℃]
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT VOLTAGE [V]
Output Source Current – Ambient Temperature
(VOUT=VDD-0.4[V])
BU7205 family
(*)The above data is ability value of sample, it is not guaranteed. BU7205HFV: -40[℃] ~ +85[℃] BU7205SHFV: -40[℃] ~ +105[℃]
0
200
400
600
800
0
50
100
150
AMBIENT TEMPERATURE [℃]
0
2
4
6
8
10
0.00.5
1.01.5
2.02.5
3.0
OUTPUT VOLTAGE [V]
0
0.2
0.4
0.6
0.8
1
2
345
6
SUPPLY VOLTAGE [V]
0
200
400
600
800
0
50
100
150
AMBIENT TEMPERATURE [℃]
0
1
2
3
4
5
6
12
34
5
6
SUPPLY VOLTAGE [V]
-40℃
25℃
85℃
BU7205 family
105℃
5.5V
1.8V
3.0V
BU7205 family
-40℃
25℃
85℃
105℃
BU7205 family
0
0.2
0.4
0.6
0.8
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
1.8V
5.5V
3.0V
BU7205 family
-40℃
25℃
85℃
105℃
BU7205 family
0
1
2
3
4
5
6
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [℃]
1.8V
5.5V
3.0V
BU705 family
0
10
20
30
40
-60-30
0
30
60
90120
AMBIENT TEMPERATURE [℃]
1.8V
5.5V
3.0V
BU7205 family
-40℃
25℃
85℃
105℃
BU7205 family
BU7205HFV
85
BU7205 family
105
BU7205 family
1.8V
5.5V
3.0V
BU7205 family
-40℃
25℃
85℃
105℃
BU7205 family
Fig.47
Fig.48
Fig.49
Fig.50
Fig.51
Fig.52
Fig.53
Fig.54
Fig.55
Fig.56
Fig.57
Fig.58
BU7205SHFV
Derating curve
Derating curve
Output Sink Current – Ambient Temperature
(VOUT=VSS+0.4[V])
Output Sink Current – Output Voltage
(VDD=3[V])
Output Voltage Low – Supply Voltage
(RL=10[kΩ])
Supply Current – Ambient Temperature
Output Voltage High – Supply Voltage
(RL=10[kΩ])
Output Voltage High – Ambient Temperature
(RL=10[kΩ])
Output Voltage Low – Ambient Temperature
(RL=10[kΩ])
Output Source Current – Output Voltage
(VDD=3[V])
Supply Current – Supply Voltage


Similar Part No. - BU7475HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7475HFV-TR ROHM-BU7475HFV-TR Datasheet
479Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
More results

Similar Description - BU7475HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7265G ROHM-BU7265G_13 Datasheet
867Kb / 37P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_1 Datasheet
433Kb / 18P
   Ultra Low Power CMOS Operational Amplifiers
BU7475HFV-TR ROHM-BU7475HFV-TR Datasheet
479Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7271G ROHM-BU7271G_13 Datasheet
522Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7411G ROHM-BU7411G_13 Datasheet
521Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_07 Datasheet
251Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
ICL7611 INTERSIL-ICL7611_06 Datasheet
252Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
ICL7611 INTERSIL-ICL7611 Datasheet
100Kb / 10P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com