Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU7264F Datasheet(PDF) 1 Page - Rohm

Part # BU7264F
Description  Full Swing Low Voltage Operation CMOS Operational Amplifiers
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU7264F Datasheet(HTML) 1 Page - Rohm

  BU7264F Datasheet HTML 1Page - Rohm BU7264F Datasheet HTML 2Page - Rohm BU7264F Datasheet HTML 3Page - Rohm BU7264F Datasheet HTML 4Page - Rohm BU7264F Datasheet HTML 5Page - Rohm BU7264F Datasheet HTML 6Page - Rohm BU7264F Datasheet HTML 7Page - Rohm BU7264F Datasheet HTML 8Page - Rohm BU7264F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1/36
www.rohm.com
2010.12 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Operational Amplifiers / Comparators
Full Swing Low Voltage Operation
CMOS Operational Amplifiers
BU7261G, BU7261SG, BU7295HFV, BU7295SHFV,
BU7262F/FVM/NUX, BU7262SF/FVM/NUX, BU7264F, BU7264SF,
BU7241G, BU7241SG, BU7275HFV, BU7275SHFV,
BU7242F/FVM/NUX, BU7242S F/FVM/NUX, BU7244F, BU7244SF
Description
Low Voltage CMOS Op-Amp integrates one or two or four independent output full swing Op-Amps and phase compensation
capacitors on a single chip. Especially, this series is operable with low voltage, low supply current and low input bias current.
Input-Output Full Swing : BU7261 (BU7261S) family, BU7241 (BU7241S) family,
BU7295 (BU7295S) family, BU7275 (BU7275S) family,
BU7262 (BU7262S) family, BU7242 (BU7242S) family,
BU7264 (BU7264S) family, BU7244 (BU7244S) family,
Features
1) Operable with low voltage
+1.8[V] ~ +5.5[V] (single supply):
BU7261/BU7241 family BU7262/BU7242 family
BU7264/BU7244 family BU7295/BU7275 family
2) Operable input-Output full swing
3) High slew rate (BU7261 family, BU7262 family)
(BU7295 family, BU7264 family)
4) Internal phase compensation
5) Wide temperature range
-40[℃] ~ +85[℃]
(BU7261G, BU7262 family, BU7264F, BU7295HFV)
(BU7241G, BU7242 family, BU7244F, BU7275HFV)
-40[℃] ~ +105[℃]
(BU7261SG, BU7262S family, BU7264SF, BU7295SHFV)
(BU7241SG, BU7242S family, BU7244SF, BU7275SHFV)
6) High large signal voltage gain
7) Low supply current
(BU7241 family, BU7242 family)
(BU7275 family, BU7244 family)
8) Low input bias current 1[pA](Typ.)
9) Internal ESD protection
Human body model (HBM)±4000[V](Typ.)
No.10049EAT22
Input-Output Full Swing
High speed
Low power
Single
Dual
Quad
Single
Dual
Quad
BU7261G
BU7264F
BU7241G
BU7242F/FVM/NUX
BU7262F/FVM/NUX
BU7244F
BU7295HFV
BU7275HFV
(BU7261SG: Operation guaranteed up to 105℃)
(BU7264SF: Operation guaranteed up to 105℃)
(BU7241SG: Operation guaranteed up to 105℃)
(BU7242S F/FVM/NUX: Operation guaranteed up to 105℃)
(BU7262S F/FVM/NUX: Operation guaranteed up to 105℃)
(BU7244SF: Operation guaranteed up to 105℃)
(BU7295SHFV: Operation guaranteed up to 105℃)
(BU7275SHFV: Operation guaranteed up to 105℃)


Similar Part No. - BU7264F

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7264F ROHM-BU7264F Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7264F ROHM-BU7264F Datasheet
897Kb / 46P
   Input/Output Full Swing Input/Output Full Swing
BU7264F-E2 ROHM-BU7264F-E2 Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7264F-E2 ROHM-BU7264F-E2 Datasheet
3Mb / 48P
   CMOS Operational Amplifiers
BU7264F-E2 ROHM-BU7264F-E2 Datasheet
897Kb / 46P
   Input/Output Full Swing Input/Output Full Swing
More results

Similar Description - BU7264F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7561G-TR ROHM-BD7561G-TR Datasheet
2Mb / 34P
   Input/Output Full Swing High Voltage Operation CMOS Operational Amplifiers
BU7255HFV-TR ROHM-BU7255HFV-TR Datasheet
489Kb / 22P
   Input/Output Full Swing Low Voltage Operation High Speed CMOS Operational Amplifiers
BD7561G ROHM-BD7561G_12 Datasheet
483Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BD7561G ROHM-BD7561G_09 Datasheet
546Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
BU7261G ROHM-BU7261G Datasheet
721Kb / 33P
   Low Voltage Operation CMOS Operational Amplifiers
BU7294F ROHM-BU7294F Datasheet
765Kb / 30P
   Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com