Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU6654NUX Datasheet(PDF) 11 Page - Rohm

Part # BU6654NUX
Description  3ch CMOS LDO Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU6654NUX Datasheet(HTML) 11 Page - Rohm

Back Button BU6654NUX Datasheet HTML 7Page - Rohm BU6654NUX Datasheet HTML 8Page - Rohm BU6654NUX Datasheet HTML 9Page - Rohm BU6654NUX Datasheet HTML 10Page - Rohm BU6654NUX Datasheet HTML 11Page - Rohm BU6654NUX Datasheet HTML 12Page - Rohm BU6654NUX Datasheet HTML 13Page - Rohm BU6654NUX Datasheet HTML 14Page - Rohm BU6654NUX Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Technical Note
11/21
www.rohm.com
2011.03 - Rev.E
© 2011 ROHM Co., Ltd. All rights reserved.
BU6650NUX,BU6651NUX,BU6652NUX,BU6653NUX,BU6654NUX,BU6655NUX
Fig. 52 Load Response
Fig. 54 Load Response
Fig. 55 Load Response
Fig. 53 Load Response
Fig. 56 Load Response
Current Pulse=10kHz
Fig. 57 Load Response
Current Pulse=10kHz
Fig. 58 Load Response
Current Pulse=100kHz
Fig. 59 Load Response
Current Pulse=100kHz


Similar Part No. - BU6654NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BU6650NUX ROHM-BU6650NUX Datasheet
968Kb / 18P
   High-speed Load Response Full CMOS LDP Regulators
BU6651NUX ROHM-BU6651NUX Datasheet
968Kb / 18P
   High-speed Load Response Full CMOS LDP Regulators
BU6652NUX ROHM-BU6652NUX Datasheet
968Kb / 18P
   High-speed Load Response Full CMOS LDP Regulators
BU6653NUX ROHM-BU6653NUX Datasheet
968Kb / 18P
   High-speed Load Response Full CMOS LDP Regulators
BU665XNUX ROHM-BU665XNUX Datasheet
968Kb / 18P
   High-speed Load Response Full CMOS LDP Regulators
More results

Similar Description - BU6654NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BU18SD5WG ROHM-BU18SD5WG Datasheet
944Kb / 21P
   CMOS LDO Regulators
BH30FB1WHFV-TR ROHM-BH30FB1WHFV-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH25FB1WG-TR ROHM-BH25FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BH33FB1WG-TR ROHM-BH33FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BHXXFB1WG ROHM-BHXXFB1WG_09 Datasheet
832Kb / 9P
   Standard CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
700Kb / 9P
   Standard CMOS LDO Regulators
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com