Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU6652NUX Datasheet(PDF) 3 Page - Rohm

Part # BU6652NUX
Description  3ch CMOS LDO Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU6652NUX Datasheet(HTML) 3 Page - Rohm

  BU6652NUX Datasheet HTML 1Page - Rohm BU6652NUX Datasheet HTML 2Page - Rohm BU6652NUX Datasheet HTML 3Page - Rohm BU6652NUX Datasheet HTML 4Page - Rohm BU6652NUX Datasheet HTML 5Page - Rohm BU6652NUX Datasheet HTML 6Page - Rohm BU6652NUX Datasheet HTML 7Page - Rohm BU6652NUX Datasheet HTML 8Page - Rohm BU6652NUX Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Technical Note
3/21
www.rohm.com
2011.03 - Rev.E
© 2011 ROHM Co., Ltd. All rights reserved.
BU6650NUX,BU6651NUX,BU6652NUX,BU6653NUX,BU6654NUX,BU6655NUX
Electrical characteristics
(Ta=25
C, VIN=VOUT+1.0 V (VIN=3.5 V on VOUT=1.8 V and1.5 V products), STBY=1.5 V, CIN=2.2 F, CO=1.0 F, unless
otherwise specified)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Output voltage
VOUT
VOUT
×0.99
VOUT
VOUT
×1.01
V
IOUT=10 μA, VOUT≥2.5 V
VOUT
-25mV
VOUT
+25mV
IOUT=10 μA, VOUT<2.5 V
Operating current
IIN1
-
40
95
μ
A
IOUT=0mA
STBY×1=1.5V, STBY×2=0V
IIN2
-
80
190
μ
A
IOUT=0mA
STBY×2=1.5V, STBY×1=0V
IIN3
-
120
285
μ
A
IOUT=0mA
STBY×3=1.5V
Circuit current (at STBY)
ISTBY
-
-
1
μA
STBY=0 V
Ripple rejection
RR
55
70
-
dB
VRR=-20dBv, fRR=1kHz,
IOUT=10 mA
1.5 V≦VOUT≦1.8 V
65
VRR=-20dBv, fRR=1 kHz,
IOUT=10 mA
2.5 V≦VOUT
Input / Output
voltage difference
VSAT
-
360
720
mV
VOUT=2.8V
(VIN=0.98*VOUT, IOUT=200 mA)
-
300
600
VOUT=3.3V
(VIN=0.98*VOUT, IOUT=200 mA)
-
220
460
VOUT=3.3V
(VIN=0.98*VOUT, IOUT=150 mA)
Line regulation
VDL
-
2
20
mV
VIN=VOUT+1.0 V to 5.5 V,
IOUT=10 μA
Load regulation
VDLO
-
10
80
mV
IOUT=0.01 mA to 100 mA
Over current protection
detection current
ILMAX
220
350
700
mA
Vo=VOUT*0.8
Output short-circuit current
ISHORT
20
70
150
mA
Vo=0 V
Output discharge resistance
RDSC
20
50
80
VIN=4.0 V, STBY=0 V
Standby pull down resistance
RSTB
500
1000
2000
kΩ
Control Voltage
ON
VSTBH
1.5
-
5.5
V
Output Voltage ON
OFF
VSTBL
-0.3
-
0.3
V
Output Voltage OFF
* This product does not have radiation-proof design.


Similar Part No. - BU6652NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BU6652NUX ROHM-BU6652NUX Datasheet
968Kb / 18P
   High-speed Load Response Full CMOS LDP Regulators
More results

Similar Description - BU6652NUX

ManufacturerPart #DatasheetDescription
logo
Rohm
BU18SD5WG ROHM-BU18SD5WG Datasheet
944Kb / 21P
   CMOS LDO Regulators
BH30FB1WHFV-TR ROHM-BH30FB1WHFV-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH25FB1WG-TR ROHM-BH25FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BH33FB1WG-TR ROHM-BH33FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BHXXFB1WG ROHM-BHXXFB1WG_09 Datasheet
832Kb / 9P
   Standard CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
700Kb / 9P
   Standard CMOS LDO Regulators
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com