Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR93A76RF-WE2 Datasheet(PDF) 30 Page - Rohm

Part # BR93A76RF-WE2
Description  High Reliability Series EEPROMs Microwire BUS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93A76RF-WE2 Datasheet(HTML) 30 Page - Rohm

Back Button BR93A76RF-WE2 Datasheet HTML 26Page - Rohm BR93A76RF-WE2 Datasheet HTML 27Page - Rohm BR93A76RF-WE2 Datasheet HTML 28Page - Rohm BR93A76RF-WE2 Datasheet HTML 29Page - Rohm BR93A76RF-WE2 Datasheet HTML 30Page - Rohm BR93A76RF-WE2 Datasheet HTML 31Page - Rohm BR93A76RF-WE2 Datasheet HTML 32Page - Rohm BR93A76RF-WE2 Datasheet HTML 33Page - Rohm BR93A76RF-WE2 Datasheet HTML 34Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
Technical Note
BR93L□□-W Series, 93A□□-WM Series, BR93H□□-WC Series
30/40
www.rohm.com
2011.02 - Rev.F
© 2011 ROHM Co., Ltd. All rights reserved.
4) Write enable (WEN) / disable (WDS) cycle
At power on, this IC is in write disable status by the internal RESET circuit. Before executing the write command, it is
necessary to execute the write enable command. And, once this command is executed, it is valid unitl the write disable
command is executed or the power is turned off. However, the read command is valid irrespective of write enable /
disable command. Input to SK after 6 clocks of this command is available by either “H” or “L”, but be sure to input it.
When the write enable command is executed after power on, write enable status gets in. When the write disable
command is executed then, the IC gets in write disable status as same as at power on, and then the write command is
cancelled thereafter in software manner. However, the read command is executable. In write enable status, even when
the write command is input by mistake, write is started. To prevent such a mistake, it is recommended to execute the
write disable command after completion of write.
Application
1) Method to cancel each command
READ
WRITE, WRAL
*1 Address is 8 bits in BR93H56/66-WC
Address is 10 bits in BR93H76/86-WC
*2 27 clocks in BR93H56/66-WC
29 clocks in BR93H76/86-WC
*3 28 clocks in BR93H56/66-WC
30 clocks in BR93H76/86-WC
Fig.34 READ cancel available timing
Fig.35 WRITE, WRAL cancel available timing
BR93H56/66-WC : n=11
BR93H76/86-WC : n=13
a:From start bit to 27 clock rise
Cancel by CS=“L”
b:27 clock rise and after *
2
Cancellation is not available by any means. If Vcc is made OFF in this area,
designated address data is not guaranteed, therefore write once again.
c:28 clock rise and after *
3
Cancel by CS=“L”
However, when write is started in b area (CS is ended), cancellation is not
available by any means.
And when SK clock is input continuously, cancellation is not available.
Start bit
Ope code
Address
Data
1bit
2bit
8bit
16bit
Cancel is available in all areas in read mode.
Method to cancel:cancel by CS=“L”
*1
*1 Address is 8 bits in BR93H56-WC, and BR93H66-WC.
Address is 10 bits in BR93H76-WC, and BR93H86-WC.
Start bit
Ope code
Address
Data
tE/W
a
*1
1bit
2bit
8bit
16bit
C
SK
Rise of 27clock *2
D1
Enlarged figure
D0
DI
26
27
b
28
29
a
b
c
Note 1) If Vcc is made OFF in this area,
designated address data is not guaranteed,
therefore write once again.
Note 2) If CS is started at the same timing as that of
the SK rise, write execution/cancel becomes
unstable, therefore, it is recommended to fail in
SK=”L” area. As for SK rise, recommend timing of
tCSS/tCSH or higher.
CS
1
2
1
5
High-Z
0
0
SK
DI
DO
n
3
4
6
7
8
ENABLE=1 1
DISABLE=0 0
~~
~~
~~
~~
Fig. 33 Write enable (WEN) / disable (WDS) cycle


Similar Part No. - BR93A76RF-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93A76RF-WE2 ROHM-BR93A76RF-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
More results

Similar Description - BR93A76RF-WE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93LXX-W ROHM-BR93LXX-W Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46FV-WE2 ROHM-BR93L46FV-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR24A01AFJ-WM ROHM-BR24A01AFJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFV-WE2 ROHM-BR24L01AFV-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01A-W ROHM-BR24L01A-W_09 Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFVM-WTR ROHM-BR24L01AFVM-WTR Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AF-WE2 ROHM-BR24L01AF-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24A ROHM-BR24A Datasheet
449Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BR24G32-3A ROHM-BR24G32-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com