Electronic Components Datasheet Search |
|
ACS712 Datasheet(PDF) 9 Page - Allegro MicroSystems |
|
ACS712 Datasheet(HTML) 9 Page - Allegro MicroSystems |
9 / 14 page Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 2.1 kVRMS Isolation and a Low-Resistance Current Conductor ACS712 9 Allegro MicroSystems, Inc. 115 Northeast Cutoff Worcester, Massachusetts 01615-0036 U.S.A. 1.508.853.5000; www.allegromicro.com Sensitivity (Sens). The change in device output in response to a 1A change through the primary conductor. The sensitivity is the product of the magnetic circuit sensitivity (G /A) and the linear IC amplifier gain (mV/G). The linear IC amplifier gain is pro- grammed at the factory to optimize the sensitivity (mV/A) for the full-scale current of the device. Noise (VNOISE). The product of the linear IC amplifier gain (mV/G) and the noise floor for the Allegro Hall effect linear IC (≈1 G). The noise floor is derived from the thermal and shot noise observed in Hall elements. Dividing the noise (mV) by the sensitivity (mV/A) provides the smallest current that the device is able to resolve. Linearity (ELIN). The degree to which the voltage output from the IC varies in direct proportion to the primary current through its full-scale amplitude. Nonlinearity in the output can be attrib- uted to the saturation of the flux concentrator approaching the full-scale current. The following equation is used to derive the linearity: where VIOUT_full-scale amperes = the output voltage (V) when the sampled current approximates full-scale ±IP . Symmetry (ESYM). The degree to which the absolute voltage output from the IC varies in proportion to either a positive or negative full-scale primary current. The following formula is used to derive symmetry: Quiescent output voltage (VIOUT(Q)). The output of the device when the primary current is zero. For a unipolar supply voltage, it nominally remains at VCC⁄ 2. Thus, VCC = 5 V translates into VIOUT(Q) = 2.5 V. Variation in VIOUT(Q) can be attributed to the resolution of the Allegro linear IC quiescent voltage trim and thermal drift. Electrical offset voltage (VOE). The deviation of the device out- put from its ideal quiescent value of VCC/ 2 due to nonmagnetic causes. To convert this voltage to amperes, divide by the device sensitivity, Sens. Accuracy (ETOT). The accuracy represents the maximum devia- tion of the actual output from its ideal value. This is also known as the total output error. The accuracy is illustrated graphically in the output voltage versus current chart at right. Accuracy is divided into four areas: 0 A at 25°C. Accuracy at the zero current flow at 25°C, with- out the effects of temperature. 0 A over Δ temperature. Accuracy at the zero current flow including temperature effects. Full-scale current at 25°C. Accuracy at the the full-scale current at 25°C, without the effects of temperature. Full-scale current over Δ temperature. Accuracy at the full- scale current flow including temperature effects. Ratiometry. The ratiometric feature means that its 0 A output, VIOUT(Q), (nominally equal to VCC/2) and sensitivity, Sens, are proportional to its supply voltage, VCC.The following formula is used to derive the ratiometric change in 0 A output voltage, VIOUT(Q)RAT (%). The ratiometric change in sensitivity, SensRAT (%), is defined as: Definitions of Accuracy Characteristics 100 1– [ { [ { VIOUT_full-scale amperes – VIOUT(Q) Δ gain × % sat ( ) 2 (VIOUT_half-scale amperes – VIOUT(Q) ) 100 VIOUT_+ full-scale amperes – VIOUT(Q) VIOUT(Q) – VIOUT_–full-scale amperes 100 VIOUT(Q)VCC / VIOUT(Q)5V VCC / 5 V 100 SensVCC / Sens5V VCC / 5 V ‰ Output Voltage versus Sampled Current Accuracy at 0 A and at Full-Scale Current Increasing V IOUT(V) +I P (A) Accuracy Accuracy Accuracy 25°C Only Accuracy 25°C Only Accuracy 25°C Only Accuracy 0 A vr Oe Temp erature Average V IOUT –I P (A) vr Oe Temp erature vr Oe Temp erature Decreasing V IOUT(V) IP(min) IP(max) Full Scale |
Similar Part No. - ACS712 |
|
Similar Description - ACS712 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |