Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU4941 Datasheet(PDF) 3 Page - Rohm

Part # BU4941
Description  Low Voltage Standard CMOS Voltage Detector ICs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4941 Datasheet(HTML) 3 Page - Rohm

  BU4941 Datasheet HTML 1Page - Rohm BU4941 Datasheet HTML 2Page - Rohm BU4941 Datasheet HTML 3Page - Rohm BU4941 Datasheet HTML 4Page - Rohm BU4941 Datasheet HTML 5Page - Rohm BU4941 Datasheet HTML 6Page - Rohm BU4941 Datasheet HTML 7Page - Rohm BU4941 Datasheet HTML 8Page - Rohm BU4941 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Technical Note
3/8
BU48□□G Series, BU48□□F Series, BU48□□FVE Series,
BU49□□G Series, BU49□□F Series, BU49□□FVE Series
www.rohm.com
2011.03 - Rev.D
© 2011 ROHM Co., Ltd. All rights reserved.
Electrical characteristics (Unless Otherwise Specified Ta=-25 to 125℃)
Parameter
Symbol
Condition
Limit
Unit
Min.
Typ.
Max.
Circuit Current when ON
IDD1
VDD=VDET-0.2V
VDET =0.9-1.3V
-
0.15
0.88
µA
VDET =1.4-2.1V
-
0.20
1.05
VDET =2.2-2.7V
-
0.25
1.23
VDET =2.8-3.3V
-
0.30
1.40
VDET =3.4-4.2V
-
0.35
1.58
VDET =4.3-4.8V
-
0.40
1.75
Circuit Current when OFF
IDD2
VDD=VDET+2.0V
VDET =0.9-1.3V
-
0.30
1.40
µA
VDET =1.4-2.1V
-
0.35
1.58
VDET =2.2-2.7V
-
0.40
1.75
VDET =2.8-3.3V
-
0.45
1.93
VDET =3.4-4.2V
-
0.50
2.10
VDET =4.3-4.8V
-
0.55
2.28
Operating Voltage Range
VOPL
VOL≤0.4V, Ta=25~125℃, RL=470kΩ
0.70
-
-
V
VOL≤0.4V, Ta=-40~25℃, RL=470kΩ
0.90
-
-
‘Low’ Output Current (Nch)
IOL
VDS=0.05V VDD=0.85V
20
100
-
µA
VDS=0.5V VDD=1.5V VDET=1.7-4.8V
1.0
3.3
-
mA
VDS=0.5V VDD=2.4V VDET=2.7-4.8V
3.6
6.5
-
‘High’ Output Current (Pch)
(only BU49□□G/F/FVE)
IOH
VDS=0.5V VDD=4.8V VDET=0.9-3.9V
1.7
3.4
-
mA
VDS=0.5V VDD=6.0V VDET=4.0-4.8V
2.0
4.0
-
Output Leak Current when
OFF
(only BU48□□G/F/FVE)
Ileak
VDD=VDS=7V
Ta=-40℃~85℃
-
0
0.1
µA
VDD=VDS=7V
Ta=85℃~125℃
-
0
1
* This product is not designed for protection against radioactive rays.
Block Diagrams
BU48□□G/F/FVE
BU49□□G/F/FVE
Fig.1
Fig.2
SSOP5
SOP4
VSOF5
PIN No.
Symbol
Function
PIN No.
Symbol
Function
PIN No.
Symbol
Function
1
VOUT
Reset output
1
VOUT
Reset output
1
VOUT
Reset output
2
VDD
Power supply voltage
2
VDD
Power supply voltage
2
SUB
Substrate*
3
GND
GND
3
N.C.
Unconnected terminal
3
N.C.
Unconnected terminal
4
N.C.
Unconnected terminal
4
GND
GND
4
VDD
Power supply voltage
5
N.C.
Unconnected terminal
5
GND
GND
*Connect the substrate to VDD
Vref
VOUT
VDD
GND
Vref
VOUT
VDD
GND
TOP VIEW
TOP VIEW
TOP VIEW


Similar Part No. - BU4941

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4941 ROHM-BU4941 Datasheet
266Kb / 9P
   Low Voltage Standard CMOS Voltage Detector IC Series
BU4941 ROHM-BU4941 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
BU4941 ROHM-BU4941 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4941 ROHM-BU4941 Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4941 ROHM-BU4941 Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
More results

Similar Description - BU4941

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4842F-TR ROHM-BU4842F-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4815G-TR ROHM-BU4815G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU48XX ROHM-BU48XX Datasheet
1Mb / 19P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4811G-TR ROHM-BU4811G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4836F-TR ROHM-BU4836F-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4809G-TR ROHM-BU4809G-TR Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4825F-TR ROHM-BU4825F-TR Datasheet
407Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4830F-TR ROHM-BU4830F-TR Datasheet
483Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4942G-TR ROHM-BU4942G-TR Datasheet
473Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs
BU4848 ROHM-BU4848_13 Datasheet
405Kb / 16P
   Low Voltage Standard CMOS Voltage Detector ICs Ultra-low current consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com