Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XS2F-M12PVC4S10M Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # XS2F-M12PVC4S10M
Description  Round Water-resistant Connectors (M12)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS2F-M12PVC4S10M Datasheet(HTML) 4 Page - Omron Electronics LLC

  XS2F-M12PVC4S10M Datasheet HTML 1Page - Omron Electronics LLC XS2F-M12PVC4S10M Datasheet HTML 2Page - Omron Electronics LLC XS2F-M12PVC4S10M Datasheet HTML 3Page - Omron Electronics LLC XS2F-M12PVC4S10M Datasheet HTML 4Page - Omron Electronics LLC XS2F-M12PVC4S10M Datasheet HTML 5Page - Omron Electronics LLC XS2F-M12PVC4S10M Datasheet HTML 6Page - Omron Electronics LLC XS2F-M12PVC4S10M Datasheet HTML 7Page - Omron Electronics LLC XS2F-M12PVC4S10M Datasheet HTML 8Page - Omron Electronics LLC XS2F-M12PVC4S10M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
142
Round Water-resistant Connectors (M12)
XS2
■ XS2H - Plugs on One Cable End
Dimensions
(Unit: mm)
Wiring Diagram
Ordering Information
Model Number Legend
Use this model number legend to identify products from their model number.
When ordering, use a model number from the table in Ordering Information.
1. Screw Type
M12: M12 size
2. Cable type
PVC: PVC cable
PUR: PUR cable
3. Number of Poles
3:
3 cores
4:
4 cores
5:
5 cores
4. Shape
S:
Straight
5. Cable Length
2M:
2 m
5M:
5 m
10M: 10 m
XS2H-M12PVC
@S@@M PVC Cable
XS2H-M12PUR
@S@@M PUR Cable
Straight
45
°
5 dia.
44.7
14.9 dia.
L50
(40: For PUR cable)
30
5
3 cores
4 cores
5 cores
Connector
Size
Cable material
Cores
Shape
Length (m)
Product description
Plug
M12
PVC
3
Straight
2
XS2H-M12PVC3S2M
5
XS2H-M12PVC3S5M
10
XS2H-M12PVC3S10M
4
2
XS2H-M12PVC4S2M
5
XS2H-M12PVC4S5M
10
XS2H-M12PVC4S10M
5
2
XS2H-M12PVC5S2M
5
XS2H-M12PVC5S5M
PUR
3
2
XS2H-M12PUR3S2M
5
XS2H-M12PUR3S5M
10
XS2H-M12PUR3S10M
4
2
XS2H-M12PUR4S2M
5
XS2H-M12PUR4S5M
10
XS2H-M12PUR4S10M
5
2
XS2H-M12PUR5S2M
5
XS2H-M12PUR5S5M
1
2
3
4
Blue
Black
Contact No.
Cable lead
colors
Brown
1
2
3
4
Blue
Black
Brown
White
Contact No.
Cable lead
colors
1
2
3
5
4
Blue
Green / Yellow
Black
Brown
White
Contact No.
Cable lead
colors
XS2H - M12
@@@ @S @@M
12
3 4
5


Similar Part No. - XS2F-M12PVC4S10M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS2F-M12PVC4S10M OMRON-XS2F-M12PVC4S10M Datasheet
3Mb / 20P
   Round Water-resistant Connectors (M12)
More results

Similar Description - XS2F-M12PVC4S10M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XS5 OMRON-XS5 Datasheet
2Mb / 18P
   Round Water-resistant Connectors (M12)
XS2F-D421-DC0-A OMRON-XS2F-D421-DC0-A Datasheet
3Mb / 26P
   Round Water-resistant Connectors (M12)
XS2 OMRON-XS2 Datasheet
3Mb / 20P
   Round Water-resistant Connectors (M12)
XS3 OMRON-XS3 Datasheet
1Mb / 14P
   Round Water-resistant Connectors (M8)
logo
American Zettler, Inc.
ZCS1-120 AZETTLER-ZCS1-120 Datasheet
141Kb / 2P
   WATER RESISTANT SOLENOID
logo
CONEC Elektronische Bau...
15-000050 CONEC-15-000050 Datasheet
98Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Extech Instruments Corp...
365510 EXTECH-365510 Datasheet
165Kb / 1P
   Water Resistant Stopwatch/Clock
logo
Soberton Inc.
WSP-5008-57 SOBERTON-WSP-5008-57_18 Datasheet
462Kb / 1P
   WSP WATER RESISTANT SPEAKER
logo
CONEC Elektronische Bau...
15-000150 CONEC-15-000150 Datasheet
92Kb / 1P
   WATER RESISTANT SCREEN CAP
logo
Soberton Inc.
WSP-417108 SOBERTON-WSP-417108_18 Datasheet
539Kb / 1P
   WSP WATER RESISTANT SPEAKER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com