Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XF2M-3015-1A Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XF2M-3015-1A
Description  Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF2M-3015-1A Datasheet(HTML) 2 Page - Omron Electronics LLC

  XF2M-3015-1A Datasheet HTML 1Page - Omron Electronics LLC XF2M-3015-1A Datasheet HTML 2Page - Omron Electronics LLC XF2M-3015-1A Datasheet HTML 3Page - Omron Electronics LLC XF2M-3015-1A Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
32
Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
XF2M
Dimensions
Unit: mm
XF2M-
@@15-1A
XF2M-
@@15-1AH
Table of Dimensions
(5.9)
(6.2) *
1.35 (Effective stacking length)
5.2
(4.62)
(4.88) *
(3.1)
2.1 *
(3.2) *
0.6
0.92
4.9
2
A
C
D
E
X
X
0.15
0.5
4.5
(Reinforcement
board)
2.5MIN
(B-0.1)±0.05
A±0.05
0.5±0.1
0.5±0.05
0.35±0.03
A±0.05
0.5±0.05
0.25±0.05
1.1±0.1
2.6±0.1
1.5±0.1
F±0.1
G±0.1
3.4
1.1
1.35
(Effective
stacking length)
R0.1
*
*
2.1
(3.2) (3.1)
Reference pin mark
*
*
T=0.3±0.05
(Conductive plating)
B
FPC insertion dimension
Cross-section diagram :X-X
Applicable FPC Dimensions
PCB Mating Dimensions (TOP VIEW)
* Dotted lines indicate the shape and dimensions
of the XF2M-
@@15-1AH connectors.
Pins
Model
ABC
DE
F
G
10
XF2M-1015-1A
4.5
5.6
8.5
9.1
7.1
6.1
9.5
12
XF2M-1215-1A
5.5
6.6
9.5
10.1
8.1
7.1
10.5
14
XF2M-1415-1A
6.5
7.6
10.5
11.1
9.1
8.1
11.5
18
XF2M-1815-1A
8.5
9.6
12.5
13.1
11.1
10.1
13.5
20
XF2M-2015-1A
9.5
10.6
13.5
14.1
12.1
11.1
14.5
22
XF2M-2215-1A
10.5
11.6
14.5
15.1
13.1
12.1
15.5
24
XF2M-2415-1A
11.5
12.6
15.5
16.1
14.1
13.1
16.5
26
XF2M-2615-1A
12.5
13.6
16.5
17.1
15.1
14.1
17.5
30
XF2M-3015-1A
14.5
15.6
18.5
19.1
17.1
16.1
19.5
32
XF2M-3215-1A
15.5
16.6
19.5
20.1
18.1
17.1
20.5
33
XF2M-3315-1A
16.0
17.1
20.0
20.6
18.6
17.6
21.0
34
XF2M-3415-1A
16.5
17.6
20.5
21.1
19.1
18.1
21.5
35
XF2M-3515-1A
17.0
18.1
21.0
21.6
19.6
18.6
22.0
36
XF2M-3615-1A
17.5
18.6
21.5
22.1
20.1
19.1
22.5
38
XF2M-3815-1A
18.5
19.6
22.5
23.1
21.1
20.1
23.5
40
XF2M-4015-1A
19.5
20.6
23.5
24.1
22.1
21.1
24.5
42
XF2M-4215-1A
20.5
21.6
24.5
25.1
23.1
22.1
25.5
45
XF2M-4515-1A
22.0
23.1
26.0
26.6
24.6
23.6
27.0
50
XF2M-5015-1A
24.5
25.6
28.5
29.1
27.1
26.1
29.5
55
XF2M-5515-1AH
27.0
28.1
31.0
31.6
29.6
28.6
32.0
60
XF2M-6015-1AH
29.5
30.6
33.5
34.1
32.1
31.1
34.5


Similar Part No. - XF2M-3015-1A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XF2M-3015-1A OMRON-XF2M-3015-1A Datasheet
240Kb / 4P
   Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
XF2M-3015-1A OMRON-XF2M-3015-1A Datasheet
157Kb / 1P
   High-reliability rotary-lock and Superior Work Efficiency.
More results

Similar Description - XF2M-3015-1A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XF2M OMRON-XF2M Datasheet
240Kb / 4P
   Rotary Backlock Connector (0.5-mm pitch, Dual Contact)
XF2W OMRON-XF2W Datasheet
259Kb / 4P
   Rotary Backlock Connector (0.5-mm Pitch, Dual Contact)
XF2B OMRON-XF2B Datasheet
323Kb / 4P
   Rotary Backlock Connector (0.3 mm-pitch, Dual Contact)
XF3C OMRON-XF3C Datasheet
278Kb / 4P
   Rotary Backlock Connector (0.25-mm Pitch, Dual Contact)
XF2K OMRON-XF2K Datasheet
241Kb / 4P
   Rotary Backlock Connector (0.4-mm Pitch, Dual Contact)
XF3B OMRON-XF3B Datasheet
321Kb / 4P
   Rotary Backlock Connector (0.3-mm Pitch, Dual Contact)
XF2C OMRON-XF2C Datasheet
296Kb / 4P
   Rotary Backlock Connector (0.3-mm Pitch, Upper Contact)
XF3A OMRON-XF3A Datasheet
278Kb / 4P
   Rotary Backlock Connector (0.3-mm Pitch, Upper Contact)
XF3M OMRON-XF3M Datasheet
399Kb / 4P
   Rotary Backlock Connector
XF2H OMRON-XF2H Datasheet
312Kb / 6P
   0.5 mm-Pitch Rotary-Lock FPC Connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com