Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XF2J-2824-11A Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XF2J-2824-11A
Description  ZIF Slide-locking Connector (0.5 mm-pitch)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF2J-2824-11A Datasheet(HTML) 1 Page - Omron Electronics LLC

  XF2J-2824-11A Datasheet HTML 1Page - Omron Electronics LLC XF2J-2824-11A Datasheet HTML 2Page - Omron Electronics LLC XF2J-2824-11A Datasheet HTML 3Page - Omron Electronics LLC XF2J-2824-11A Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ZIF Slide-locking Connector (0.5 mm-pitch)
XF2J
35
ZIF Slide-locking Connector (0.5 mm-pitch)
XF2J
Top-entry ZIF Connector
• Low on-board profile of only 4.15 mm.
• Adhesion face on top of the connector suits automatic
mounting.
• Models with reverse terminal arrangement also available.
• Applicable FPC thickness of 0.3 mm.
• RoHS Compliant.
Ordering Information
Note: Order an integer multiple of the quantity per reel.
Ratings and Specifications
■ Characteristics
■ Materials and Finish
Pins
Model
Quantity per reel (See Note)
Standard terminal arrangement
Reverse terminal arrangement
6
XF2J-0624-11A
XF2J-0624-12A
1,000
8
XF2J-0824-11A
XF2J-0824-12A
10
XF2J-1024-11A
XF2J-1024-12A
12
XF2J-1224-11A
XF2J-1224-12A
14
XF2J-1424-11A
- - -
16
XF2J-1624-11A
XF2J-1624-12A
18
XF2J-1824-11A
XF2J-1824-12A
20
XF2J-2024-11A
XF2J-2024-12A
22
XF2J-2224-11A
XF2J-2224-12A
24
XF2J-2424-11A
XF2J-2424-12A
26
XF2J-2624-11A
- - -
28
XF2J-2824-11A
- - -
30
XF2J-3024-11A
- - -
40
- - -
XF2J-4024-12A
Rated current
0.5A AC/DC
Rated voltage
50V AC/DC
Contact resistance
30 m
Ω max. (at 20 mV max., 100 mA max.)
Insulation resistance
100 M
Ω min. (at 250 VDC)
Withstand voltage
250 VAC for 1 min. (leakage current: 1 mA max.)
Insertion tolerance
30 times
Ambient operating temperature -30 to 85
°C (with no icing or condensation)
Housing
PA46 resin (UL94V-0)/natural
Slider
PPS resin (UL94V-0)/black
LCP resin (UL94V-0)/black
Contacts
Spring copper alloy/nickel substrate (2
μm), Gold-plated contacts (0.15 μm)
Hold-down
Spring copper alloy/fused-tin plating (2
μm)


Similar Part No. - XF2J-2824-11A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XF2J-2824-11A OMRON-XF2J-2824-11A Datasheet
193Kb / 4P
   ZIF Slide-locking Connector (0.5 mm-pitch)
More results

Similar Description - XF2J-2824-11A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XF2L OMRON-XF2L Datasheet
208Kb / 4P
   ZIF Slide-locking Connector (0.5-mm pitch)
XF2J OMRON-XF2J Datasheet
193Kb / 4P
   ZIF Slide-locking Connector (0.5 mm-pitch)
XF2L_1011 OMRON-XF2L_1011 Datasheet
160Kb / 4P
   ZIF Slide-locking Connector (0.5-mm pitch)
logo
List of Unclassifed Man...
XF2J ETC-XF2J Datasheet
596Kb / 1P
   0.5mm-pitch ZIF-Slide Type
logo
CONEC Elektronische Bau...
16-000640 CONEC-16-000640 Datasheet
145Kb / 1P
   LOCKING BOLT for slide lock
logo
Omron Electronics LLC
XF2G OMRON-XF2G Datasheet
304Kb / 4P
   0.5 mm-Pitch Vertical FPC Connector
logo
Wurth Elektronik GmbH &...
686108189122 WURTH-686108189122 Datasheet
776Kb / 7P
   WR-FPC SMT ZIF Horizontal Back Locking ZIF Connectors
002.000
logo
Hirose Electric
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
logo
Wurth Elektronik GmbH &...
686110189122 WURTH-686110189122 Datasheet
776Kb / 7P
   WR-FPC SMT ZIF Horizontal Back Locking ZIF Connectors
002.000
686114189122 WURTH-686114189122 Datasheet
765Kb / 7P
   WR-FPC SMT ZIF Horizontal Back Locking ZIF Connectors
002.000
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com