Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25S128-W Datasheet(PDF) 4 Page - Rohm

Part # BR25S128-W
Description  High Reliability Series Serial EEPROMs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25S128-W Datasheet(HTML) 4 Page - Rohm

  BR25S128-W Datasheet HTML 1Page - Rohm BR25S128-W Datasheet HTML 2Page - Rohm BR25S128-W Datasheet HTML 3Page - Rohm BR25S128-W Datasheet HTML 4Page - Rohm BR25S128-W Datasheet HTML 5Page - Rohm BR25S128-W Datasheet HTML 6Page - Rohm BR25S128-W Datasheet HTML 7Page - Rohm BR25S128-W Datasheet HTML 8Page - Rohm BR25S128-W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Technical Note
4/18
BR25S□□□ Series
www.rohm.com
2010.12 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Pin assignment and description
Terminal
name
Input
/Output
Function
Vcc
-
Power source to be connected
GND
-
All input / output reference voltage, 0V
CSB
Input
Chip select input
SCK
Input
Serial clock input
SI
Input
Start bit, ope code, address, and serial data input
SO
Output
Serial data output
HOLDB
Input
Hold input
Command communications may be suspended temporarily
(HOLD status)
WPB
Input
Write protect input
Write command is prohibited
Write status register command is prohibited
Sync data input / output timing
AC timing characteristics conditions
Parameter
Symbol
Limits
Unit
Min.
Typ.
Max.
Load capacity
CL
-
-
30
pF
Input rise time
-
-
-
50
ns
Input fall time
-
-
-
50
ns
Input voltage
-
0.2Vcc/0.8Vcc
V
Input / Output judgment voltage
-
0.3Vcc/0.7Vcc
V
Characteristic data (The following characteristic data are Typ. Values.)
Vcc
HOLDB
SCK
SI
CSB
SO
WPB
GND
BR25S320-W
BR25S640-W
BR25S128-W
BR25S256-W
Fig.2 Pin assignment diagram
Fig.3 Input timing
CSB
SCK
SI
SO
tCS
tCSS
tSCKS
tSCKWL
tSCKWH
tDIS tDIH
tRC
tFC
High-Z
SI is taken into IC inside in sync with data rise edge of
SCK. Input address and data from the most significant bit
MSB
Fig.4
Input / Output timing
CSB
SCK
SI
SO
tPD
tOH
tRO,tFO
tOZ
tCSH tSCKH
tCS
High-Z
Fig.5
HOLD timing
CSB
SCK
SI
n+1
"H"
"L"
n
Dn
n-1
Dn
Dn-1
HOLDB
SO
Dn+1
tHFS tHFH
tHOZ
tHRS tHRH
tDIS
tHPD
High-Z
SO is output in sync with data fall edge of SCK. Data is
output from the most significant bit MSB.
0
0.2
0.4
0.6
0.8
1
0
12
345
6
IOL[mA]
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
Fig.8 "L" output voltage VOL1 (Vcc=2.5V)
0
1
2
3
4
5
6
01
2
34
56
Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.6  "H" input voltage VIH(CSB,SCK,SI,HOLDB,WPB)
0
1
2
3
4
5
6
01
2
3
456
Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.7  "L" input voltage VIL(CSB,SCK,SI,HOLDB,WPB)


Similar Part No. - BR25S128-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25S128-W ROHM-BR25S128-W Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
BR25S128-W ROHM-BR25S128-W Datasheet
600Kb / 19P
   High speed clock action up to 20MHz(Max.), Wait function by HOLDB terminal.
BR25S128-W ROHM-BR25S128-W Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
More results

Similar Description - BR25S128-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93L46FJ-WE2 ROHM-BR93L46FJ-WE2 Datasheet
1Mb / 41P
   High Reliability Serial EEPROMs High Reliability Series
BR25S640FV-WE2 ROHM-BR25S640FV-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
BR24T01-W ROHM-BR24T01-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T64FJ-WE2 ROHM-BR24T64FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR25S128F-WE2 ROHM-BR25S128F-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
BR24T02F-WE2 ROHM-BR24T02F-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T32F ROHM-BR24T32F Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T128FVT-WGE2 ROHM-BR24T128FVT-WGE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T04FJ-WE2 ROHM-BR24T04FJ-WE2 Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T128NUX ROHM-BR24T128NUX Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com