Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6S-2F-Y Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G6S-2F-Y
Description  Low Signal Relay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6S-2F-Y Datasheet(HTML) 4 Page - Omron Electronics LLC

  G6S-2F-Y Datasheet HTML 1Page - Omron Electronics LLC G6S-2F-Y Datasheet HTML 2Page - Omron Electronics LLC G6S-2F-Y Datasheet HTML 3Page - Omron Electronics LLC G6S-2F-Y Datasheet HTML 4Page - Omron Electronics LLC G6S-2F-Y Datasheet HTML 5Page - Omron Electronics LLC G6S-2F-Y Datasheet HTML 6Page - Omron Electronics LLC G6S-2F-Y Datasheet HTML 7Page - Omron Electronics LLC G6S-2F-Y Datasheet HTML 8Page - Omron Electronics LLC G6S-2F-Y Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
98
Low Signal Relay
G6S
Maximum Switching Capacity
Single Coil Latching
Dual Coil Latching
Switching voltage (V)Ambient temperature (
°C)
Ambient Temperature vs.
Maximum Coil Voltage
Non-latching
Ambient temperature (
°C)
G6SU
G6SK
12 VDC
max.
G6SK
24 VDC
AC resistive load
DC resistive load
12 VDC max.
24 VDC
(G6S-Y, 12 VDC max.)
Reference Data
Ambient Temperature vs. Switching Current
Non-latching
Single Coil Latching
Dual Coil Latching
Ambient temperature (
°C)
G6SU
12 VDC max.
G6SU
24 VDC
G6SK
12 VDC max.
G6SK
24 VDC
Ambient temperature (
°C)
12 VDC max.
24 VDC
(G6S-Y)
24 VDC
(G6S-Y, 12 VDC
max.)
24 VDC
(G6S-Y)
Note: The maximum coil voltage refers to the maximum value in a varying range of
operating power voltage, not a continuous voltage.
0
0.4
30
10
500
300
100
70
200
50
2.0
1.6
1.2
0.8
Rated operating current (A)
30 VDC
125 VAC
10
1000
1500
2000
2500
3000
3500
20
30
0
40
50
Between coil and contacts
Breakdown voltage (V)
10
1000
1500
2000
2500
3000
3500
20
30
0
40
50
Between contacts of same pole.
Between contacts of different poles
Breakdown voltage (V)
Electrical Service Life
Dielectric Strength (Standard Version, Non-latching)
Detecting current: 1mA


Similar Part No. - G6S-2F-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6S-2F-Y OMRON-G6S-2F-Y Datasheet
153Kb / 9P
   Low Signal Relay
G6S-2F-Y OMRON-G6S-2F-Y Datasheet
781Kb / 12P
   Low Signal Relay
G6S-2F-Y OMRON-G6S-2F-Y Datasheet
765Kb / 12P
   Low Signal Relay
G6S-2F-Y OMRON-G6S-2F-Y Datasheet
749Kb / 12P
   Suface Mount DPDT Relay
G6S-2F-Y OMRON-G6S-2F-Y Datasheet
749Kb / 12P
   Low Signal Relay
More results

Similar Description - G6S-2F-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5Y-1 OMRON-G5Y-1 Datasheet
171Kb / 8P
   Low Signal Relay
G6E OMRON-G6E Datasheet
541Kb / 8P
   Low Signal Relay
G6K-2G-Y-DC45 OMRON-G6K-2G-Y-DC45 Datasheet
1Mb / 11P
   Low Signal Relay
G5V-1-DC5 OMRON-G5V-1-DC5 Datasheet
415Kb / 6P
   Low Signal Relay
G5V-2 OMRON-G5V-2 Datasheet
421Kb / 6P
   Low Signal Relay
G6S-2-DC45 OMRON-G6S-2-DC45 Datasheet
749Kb / 12P
   Low Signal Relay
G5A-237P-DC12 OMRON-G5A-237P-DC12 Datasheet
225Kb / 8P
   Low Signal Relay
G5A OMRON-G5A Datasheet
348Kb / 8P
   Low Signal Relay
G6H OMRON-G6H_1 Datasheet
526Kb / 10P
   Low Signal Relay
G6K OMRON-G6K_1 Datasheet
1Mb / 12P
   Low Signal Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com