Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G7S-4A2BDC24 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G7S-4A2BDC24
Description  Plug-In Safety Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7S-4A2BDC24 Datasheet(HTML) 2 Page - Omron Electronics LLC

  G7S-4A2BDC24 Datasheet HTML 1Page - Omron Electronics LLC G7S-4A2BDC24 Datasheet HTML 2Page - Omron Electronics LLC G7S-4A2BDC24 Datasheet HTML 3Page - Omron Electronics LLC G7S-4A2BDC24 Datasheet HTML 4Page - Omron Electronics LLC G7S-4A2BDC24 Datasheet HTML 5Page - Omron Electronics LLC G7S-4A2BDC24 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
G7S
3
Specifications
J
RATINGS
Operation Coil
Rated voltage
Rated current
Coil resistance
Minimum operate voltage
Release voltage
Max. voltage
Power consumption
24 VDC
30 mA
800 Ω
80% max. (V)
10% (V)
110% (V)
Approx. 0.8 W
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23°C with tolerances of ±15%.
2. Performance characteristics are based on a coil temperature of 23°C
3. The maximum voltage is based on an ambient operating temperature of 23°C maximum.
Switching Section (Contact Ratings)
Load type
Resistive load (cos φ =1)
Inductive load (cos φ = 0.4, L/R = 7 ms)
Rated load
240 VAC:3A,24VDC:3A
240VAC:3A,24VDC:1A
Maximum switching voltage
250 VAC, 24 VDC
Maximum switching current
6A
Maximum switching capacity (reference value)
1,440 VA, 144 W
Min. permissible load
(See note.)
5 VDC, 10 mA
Contact material
Ag + Au
Note: The above values are based on an operating frequency of 60 operations/min.
J
CHARACTERISTICS
Contact resistance (See Note 2.)
100 mΩ max.
Operate time (See Note 3.)
50 ms max.
Release time (See Note 3.)
50 ms max.
Maximum operating frequency Mechanical
18,000 operations/hr
p
g
q
y
Rated load
1,800 operations/hr
Insulation resistance
100 MΩ min. (at 500 VDC)
Dielectric strength
2,500 VAC, 50/60 Hz for 1 min (1,500 VAC between contacts of same polarity)
Vibration
Mechanical
10 to 55 Hz, 1.5-mm double amplitude
Electrical
10 to 55 Hz, 0.75-mm double amplitude
Shock
Mechanical
1,000 m/s2 (approx. 100G)
Electrical
100 m/s2 (approx. 10G)
Life expectancy
Mechanical
10,000,000 operations min. (at approx. 18,000 operations/hr)
p
y
Electrical
100,000 operations min. (at the rated load and approx. 1,800 operations/hr)
Ambient temperature
Operating
--10°Cto70°C(14°Fto 158°F) no icing
p
Storage
--25°Cto70°C(-13°Fto158°F) no icing
Relative humidity
35% to 85% RH
Ambient storage humidity
35% to 85% RH
Weight
Approx. 65 g
Note: 1. The values given above are initial values.
2. Measurement conditions: 5 VDC, 10 mA, voltage drops.
3. Measurement conditions:
Rated voltage operation
Ambient operating temperature: 23°C (73.4°F)
Does not include bounce time.


Similar Part No. - G7S-4A2BDC24

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G7S-4A2B-E OMRON-G7S-4A2B-E Datasheet
469Kb / 5P
   Relays with Forcibly Guided Contacts and High Switching Capacity of 10A
G7S-4A2B-E-DC24 OMRON-G7S-4A2B-E-DC24 Datasheet
469Kb / 5P
   Relays with Forcibly Guided Contacts and High Switching Capacity of 10A
More results

Similar Description - G7S-4A2BDC24

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RXM4AB2F7 SCHNEIDER-RXM4AB2F7 Datasheet
143Kb / 6P
   Miniature plug-in relay
RPM12F7 SCHNEIDER-RPM12F7 Datasheet
140Kb / 6P
   Power plug-in relay
logo
Tyco Electronics
XT374LC4 MACOM-XT374LC4 Datasheet
298Kb / 3P
   Interface Plug-in Relay
logo
Schneider Electric
RXM4AB1P7 SCHNEIDER-RXM4AB1P7 Datasheet
142Kb / 6P
   Miniature plug-in relay
logo
Hongfa Technology
HFA4 HONGFA-HFA4 Datasheet
104Kb / 4P
   SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
82Kb / 4P
   SAFETY RELAY
logo
List of Unclassifed Man...
OA5669 ETC2-OA5669 Datasheet
120Kb / 4P
   Safety relay
logo
Hongfa Technology
HFA6 HONGFA-HFA6 Datasheet
81Kb / 4P
   SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
63Kb / 3P
   SAFETY RELAY
HFA4 HONGFA-HFA4 Datasheet
103Kb / 4P
   SAFETY RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com