Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6L-1P Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G6L-1P
Description  Low Signal Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6L-1P Datasheet(HTML) 3 Page - Omron Electronics LLC

  G6L-1P Datasheet HTML 1Page - Omron Electronics LLC G6L-1P Datasheet HTML 2Page - Omron Electronics LLC G6L-1P Datasheet HTML 3Page - Omron Electronics LLC G6L-1P Datasheet HTML 4Page - Omron Electronics LLC G6L-1P Datasheet HTML 5Page - Omron Electronics LLC G6L-1P Datasheet HTML 6Page - Omron Electronics LLC G6L-1P Datasheet HTML 7Page - Omron Electronics LLC G6L-1P Datasheet HTML 8Page - Omron Electronics LLC G6L-1P Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Low Signal Relay
G6L
39
Engineering Data
10
10
7
5
3
1
0.7
0.5
0.3
0.1
30
50 70 100
300 500 7001,000
DC resistive load
AC resistive load
Switching voltage (V)
250
200
150
100
50
0
3 to 12 VDC
−20
0
20
40
60
80
−40
Ambient temperature (˚C)
24 VDC
1.2
1
0.8
0.6
0.4
0.2
0
−20
0
20
40
60
80
−40
Ambient temperature (˚C)
Maximum Switching Capacity
Ambient Temperature vs.
Maximum Voltage
Ambient Temperature vs.
Switching Current
Note:
“Maximum Voltage” is the maximum voltage that can
be applied to the relay coil.
1,000
500
300
100
50
30
10
5
3
1
Switching current (A)
0
0.2
0.4
0.6
0.8
1
1.2
24-VDC resistive load
125-VAC resistive load
Max. estimated value
max.
avg.
min.
max.
avg.
min.
100
90
80
70
60
50
40
30
20
10
0
Ambient temperature (˚C)
−60
−40
−20
0
20
40
60
80
Must operate voltage
Must release voltage
Z
Z'
Y
Y'
X
X'
200
400
600
800
1,000
1,000
1,000
1,000
1,000
800
600
400
200
1,000
Unit: m/s2
Sample: G6L-1F
Number of Relays: 10
Energized
Shock direction
X
X'
Z
Z'
Y
Y'
Electrical Service Life
Ambient Temperature vs. Must
Operate or Must Release Voltage
Shock Malfunction
Conditions: Shock is applied in
±X, ±Y, and ±Z
directions three times each with and without energizing
the Relays to check the number of contact
malfunctions.
Must operate voltage
max.
min.
max.
min.
Must release voltage
0.1
1
10
100
1,000
Operating frequency (
×103 operations)
100
80
60
40
20
0
Sample: G6L-1F
Number of Relays: 10
Test conditions: 1-A resistive load at
24-VDC with an operation rate of 50%
Switching frequency: 1,800 operations/h
NO contact
max.
min.
Contact resistance
0.1
1
10
100
1,000
Operating frequency (
×103 operations)
1,000
500
300
100
50
30
10
Sample: G6L-1F
Number of Relays: 10
Test conditions: 1-A resistive load at
24-VDC with an operation rate of 50%
Switching frequency: 1,800 operations/h
NO contact
max.
min.
1
10
100
1,000
10,000
Operating frequency (
×103 operations)
1,000
500
300
100
50
30
10
Sample: G6L-1F
Number of Relays: 10
Test conditions: 1-A resistive load at
24-VDC with an operation rate of 50%
Switching frequency: 1,800 operations/h
Electrical Service Life (with Must
Operate and Must Release
Voltage) (See note 1)
Electrical Service Life
(Contact Resistance) (See note 1)
Contact Reliability Test (Contact
Resistance) (See notes 1 and 2)
Note:
1.
The tests were conducted at an ambient temperature of 23
°C.
2.
The contact resistance data are periodically measured reference values and are not values from each monitoring operation. Contact resistance values will vary according
to the switching frequency and operating environment, so be sure to check operation under the actual operating conditions before use.


Similar Part No. - G6L-1P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6L-1P OMRON-G6L-1P Datasheet
406Kb / 10P
   Low Signal Relay
More results

Similar Description - G6L-1P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5Y-1 OMRON-G5Y-1 Datasheet
171Kb / 8P
   Low Signal Relay
G6E OMRON-G6E Datasheet
541Kb / 8P
   Low Signal Relay
G6K-2G-Y-DC45 OMRON-G6K-2G-Y-DC45 Datasheet
1Mb / 11P
   Low Signal Relay
G5V-1-DC5 OMRON-G5V-1-DC5 Datasheet
415Kb / 6P
   Low Signal Relay
G5V-2 OMRON-G5V-2 Datasheet
421Kb / 6P
   Low Signal Relay
G6S-2-DC45 OMRON-G6S-2-DC45 Datasheet
749Kb / 12P
   Low Signal Relay
G5A-237P-DC12 OMRON-G5A-237P-DC12 Datasheet
225Kb / 8P
   Low Signal Relay
G6S OMRON-G6S_10 Datasheet
781Kb / 12P
   Low Signal Relay
G5A OMRON-G5A Datasheet
348Kb / 8P
   Low Signal Relay
G6H OMRON-G6H_1 Datasheet
526Kb / 10P
   Low Signal Relay
G6K OMRON-G6K_1 Datasheet
1Mb / 12P
   Low Signal Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com