Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25H040-WC Datasheet(PDF) 5 Page - Rohm

Part # BR25H040-WC
Description  Automotive Series Serial EEPROMs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25H040-WC Datasheet(HTML) 5 Page - Rohm

  BR25H040-WC Datasheet HTML 1Page - Rohm BR25H040-WC Datasheet HTML 2Page - Rohm BR25H040-WC Datasheet HTML 3Page - Rohm BR25H040-WC Datasheet HTML 4Page - Rohm BR25H040-WC Datasheet HTML 5Page - Rohm BR25H040-WC Datasheet HTML 6Page - Rohm BR25H040-WC Datasheet HTML 7Page - Rohm BR25H040-WC Datasheet HTML 8Page - Rohm BR25H040-WC Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Technical Note
BR25H□□□-WC series
5/19
www.rohm.com
2010.08 - Rev.D
© 2010 ROHM Co., Ltd. All rights reserved.
Characteristic data (The following characteristic data are Typ. Value.)
0
0.5
1
1.5
2
2.5
01
23
45
6
Vcc[V]
SPEC
fSCK=5MHz
DATA=AAh
SPEC
Ta=-40℃
Ta=25℃
Ta=125℃
0
2
4
6
8
10
12
01
23
4
5
6
Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=125℃
0
2
4
6
8
10
12
01
2
3
45
6
Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=125℃
0
20
40
60
80
100
01
2
3
45
6
Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=125℃
0.1
1
10
100
01
2
3
45
6
Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=125℃
0
20
40
60
80
100
01
23
4
5
6
Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=125℃
0
20
40
60
80
100
01
2
3
4
5
6
Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=125℃
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
0
0.4
0.8
1.2
IOH[mA]
SPEC
Ta=-40℃
Ta=25℃
Ta=125℃
0
2
4
6
8
10
12
01
23
4
5
6
VOUT[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=125℃
0
1
2
3
4
01
2
3
45
6
Vcc[V]
SPEC
fSCK=5MHz
DATA=00h
SPEC
Ta=-40℃
Ta=25℃
Ta=125℃
0
1
2
3
4
5
6
01
2
3
4
5
6
Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=125℃
0
0.2
0.4
0.6
0.8
1
01
2
3
4
5
6
IOL[mA]
SPEC
Ta=-40℃
Ta=25℃
Ta=125℃
Fig.8 "L" output voltage VOL-IOL(Vcc=2.5V)
0
1
2
3
4
5
6
01
23
45
6
Vcc[V]
Ta=-40℃
Ta=25℃
Ta=125℃
Fig.9 "H" output voltage VOH-IOH(Vcc=2.5V)
Fig.10 Input leak current ILI(CSB,SCK,SI,HOLDB,WPB)
Fig.11 Output leak current ILO(SO)(Vcc=5.5V)
Fig.12 Current consumption at WRITE operation
ICC1,2
Fig.13 Consumption Current at READ operation
ICC3,4
Fig.14 Consumption current at standby operation ISB
Fig.15 SCK frequency fSCK
Fig.16 SCK high time tSCKWH
0
20
40
60
80
100
01
23
4
5
6
Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=125℃
Fig.17 SCK low time tSCKWL
0
20
40
60
80
100
01
23
4
5
6
Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=125℃
Fig.18 CSB high time tCS
Fig.19 CSB setup time tCSS
Fig.20 CSB hold time tCSH
SPEC
Fig.6
"H" input voltage VIH(CSB,SCK,SI,HOLDB,WPB)
Fig.7  "L" input voltage VIL(CSB,SCK,SI,HOLDB,WPB)


Similar Part No. - BR25H040-WC

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H040-WC ROHM-BR25H040-WC Datasheet
497Kb / 20P
   125C Operating tempter
More results

Similar Description - BR25H040-WC

ManufacturerPart #DatasheetDescription
logo
Rohm
BR35H160-WC ROHM-BR35H160-WC_10 Datasheet
491Kb / 17P
   Automotive Serial EEPROMs
logo
ATMEL Corporation
AT25010A ATMEL-AT25010A_09 Datasheet
507Kb / 18P
   SPI Automotive Temperature Serial EEPROMs
AT25128A ATMEL-AT25128A_07 Datasheet
459Kb / 18P
   SPI Automotive Temperature Serial EEPROMs
AT25080A ATMEL-AT25080A_14 Datasheet
706Kb / 19P
   SPI Automotive Temperature Serial EEPROMs
AT25080B ATMEL-AT25080B_14 Datasheet
729Kb / 20P
   SPI Automotive Temperature Serial EEPROMs
AT25160B ATMEL-AT25160B_14 Datasheet
729Kb / 20P
   SPI Automotive Temperature Serial EEPROMs
AT24C01C ATMEL-AT24C01C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C128 ATMEL-AT24C128_07 Datasheet
410Kb / 17P
   Two-wire Automotive Temperature Serial EEPROMs
AT93C46D ATMEL-AT93C46D_14 Datasheet
715Kb / 17P
   3-wire Automotive Temperature Serial EEPROMs
AT24C02C ATMEL-AT24C02C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com