Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25H040-WC Datasheet(PDF) 2 Page - Rohm

Part # BR25H040-WC
Description  Automotive Series Serial EEPROMs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25H040-WC Datasheet(HTML) 2 Page - Rohm

  BR25H040-WC Datasheet HTML 1Page - Rohm BR25H040-WC Datasheet HTML 2Page - Rohm BR25H040-WC Datasheet HTML 3Page - Rohm BR25H040-WC Datasheet HTML 4Page - Rohm BR25H040-WC Datasheet HTML 5Page - Rohm BR25H040-WC Datasheet HTML 6Page - Rohm BR25H040-WC Datasheet HTML 7Page - Rohm BR25H040-WC Datasheet HTML 8Page - Rohm BR25H040-WC Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Technical Note
BR25H□□□-WC series
2/19
www.rohm.com
2010.08 - Rev.D
© 2010 ROHM Co., Ltd. All rights reserved.
Absolute maximum ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Impressed voltage
VCC
-0.3~+6.5
V
Permissible
dissipation
Pd
560(SOP8)
*1
mW
560(SOP-J8)
*2
410(TSSOP-B8)
*3
Storage temperature range
Tstg
-65~+150
°C
Operating temperature range
Topr
-40~+125
°C
Terminal voltage
-
-0.3~VCC+0.3
V
When using at Ta=25℃ or higher, 4.5mW (*1,*2), 3.3mW(*3) to be reduced per 1℃
Memory cell characteristics (VCC=2.5V~5.5V)
Parameter
Limits
Unit
Condition
Min.
Typ.
Max.
Number of data rewrite times
*1
1,000,000
-
-
Times
Ta85°C
500,000
-
-
Times
Ta105°C
300,000
-
-
Times
Ta125°C
Data hold years
*1
40
-
-
Years
Ta25°C
20
-
-
Years
Ta85°C
*1:Not 100% TESTED
Recommended action conditions
Parameter
Symbol
Limits
Unit
Power source voltage
VCC
2.5~5.5
V
Input voltage
Vin
0~VCC
Input / output capacity (Ta=25°C, frequency=5MHz)
Parameter
Symbol
Conditions
Min
Max
Unit
Input capacity
*1
CIN
VIN=GND
-
8
pF
Output capacity
*1
COUT
VOUT=GND
-
8
*1: Not 100% TESTED


Similar Part No. - BR25H040-WC

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H040-WC ROHM-BR25H040-WC Datasheet
497Kb / 20P
   125C Operating tempter
More results

Similar Description - BR25H040-WC

ManufacturerPart #DatasheetDescription
logo
Rohm
BR35H160-WC ROHM-BR35H160-WC_10 Datasheet
491Kb / 17P
   Automotive Serial EEPROMs
logo
ATMEL Corporation
AT25010A ATMEL-AT25010A_09 Datasheet
507Kb / 18P
   SPI Automotive Temperature Serial EEPROMs
AT25128A ATMEL-AT25128A_07 Datasheet
459Kb / 18P
   SPI Automotive Temperature Serial EEPROMs
AT25080A ATMEL-AT25080A_14 Datasheet
706Kb / 19P
   SPI Automotive Temperature Serial EEPROMs
AT25080B ATMEL-AT25080B_14 Datasheet
729Kb / 20P
   SPI Automotive Temperature Serial EEPROMs
AT25160B ATMEL-AT25160B_14 Datasheet
729Kb / 20P
   SPI Automotive Temperature Serial EEPROMs
AT24C01C ATMEL-AT24C01C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C128 ATMEL-AT24C128_07 Datasheet
410Kb / 17P
   Two-wire Automotive Temperature Serial EEPROMs
AT93C46D ATMEL-AT93C46D_14 Datasheet
715Kb / 17P
   3-wire Automotive Temperature Serial EEPROMs
AT24C02C ATMEL-AT24C02C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com