Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25H010-WC Datasheet(PDF) 9 Page - Rohm

Part # BR25H010-WC
Description  Automotive Series Serial EEPROMs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25H010-WC Datasheet(HTML) 9 Page - Rohm

Back Button BR25H010-WC_10 Datasheet HTML 5Page - Rohm BR25H010-WC_10 Datasheet HTML 6Page - Rohm BR25H010-WC_10 Datasheet HTML 7Page - Rohm BR25H010-WC_10 Datasheet HTML 8Page - Rohm BR25H010-WC_10 Datasheet HTML 9Page - Rohm BR25H010-WC_10 Datasheet HTML 10Page - Rohm BR25H010-WC_10 Datasheet HTML 11Page - Rohm BR25H010-WC_10 Datasheet HTML 12Page - Rohm BR25H010-WC_10 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Technical Note
BR25H□□□-WC series
9/19
www.rohm.com
2010.08 - Rev.D
© 2010 ROHM Co., Ltd. All rights reserved.
2. Read command (READ)
Product
number
Address
length
BR25H010-WC
A6-A0
BR25H020-WC
A7-A0
BR25H040-WC
A8-A0
Productnumber
Address
length
BR25H080-WC
A9-A0
BR25H160-WC
A10-A0
BR25H320-WC
A11-A0
By read command, data of EEPROM can be read. As for this command, set CSB LOW, then input address after read ope
code. EEPROM starts data output of the designated address. Data output is started from SCK fall of 15/23
*1 clock, and
from D7 to D0 sequentially. This IC has increment read function. After output of data for 1 byte (8bits), by continuing input
of SCK, data of the next address can be read. Increment read can read all the addresses of EEPROM. After reading data
of the most significant address, by continuing increment read, data of the most insignificant address is read.
3. Write command (WRITE)
Product
number
Address
length
BR25H010-WC
A6-A0
BR25H020-WC
A7-A0
BR25H040-WC
A8-A0
Product
number
Address
length
BR25H080-WC
A9-A0
BR25H160-WC
A10-A0
BR25H320-WC
A11-A0
By write command, data of EEPROM can be written. As for this command, set CSB LOW, then input address and data
after write ope code. Then, by making CSB HIGH, the EEPROM starts writing. The write time of EEPROM requires time of
tE/W (Max 5ms). During tE/W, other than status read command is not accepted. Start CSB after taking the last data (D0),
and before the next SCK clock starts. At other timing, write command is not executed, and this write command is
cancelled. This IC has page write function, and after input of data for 1 byte (8 bits), by continuing data input without
starting CSB, data up to 16/32
*1bytes can be written for one tE/W. In page write, the insignificant 4/5*2 bit of the designated
address is incremented internally at every time when data of 1 byte is input and data is written to respective addresses.
When data of the maximum bytes or higher is input, address rolls over, and previously input data is overwritten.
*1 BR25H010/020/040-WC=16 bytes at maximum
BR25H080/160/320-WC=32 bytes at maximum
*2 BR25H010/020/040-WC=Insignificant 4 bits
BR25H080/160/320-WC=Insignificant 5 bits
High-Z
12
1
1
0
0
3
7
1
2
D6
SO
CSB
SCK
SI
4
5
A11
6
8
A0
A1
D7
23
30
24
D0
0
0
0
0
0
D2
D1
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
High-Z
1
1
0
0
3
7
1
2
D6
SO
CSB
SCK
SI
4
5
A4
6
8
A7
A0
A1
D7
15
22
16
D0
0
0
0
0
1
D2
D1
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
9
10
11
A6
A5
*
1 BR25H010/020-WC=Don’t care
BR25H040-WC=A8
Fig.35 Read command (BR25H010/020/040-WC)
Fig.36 Read command (BR25H080/160/320-WC)
High-Z
23
D0
0
0
0
0
1
D2
D1
D7
15
22
16
D6
0
A0
A1
1
1
2
4
0
CSB
SCK
SI
SO
0
3
7
8
5
6
A4
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
A5
A6
A7
~ ~
~ ~
*1 BR25H010/020-WC=Don’t care
BR25H040-WC=A8
Fig.37 Write command (BR25H010/020/040-WC)
Fig.38 Write command (BR25H080/160/320-WC)
*=Don’t Care
High-Z
=Don't Care
31
D0
0
0
0
0
0
D2
D1
D7
23
30
24
D6
0
A0
A1
1
1
2
4
0
CSB
SCK
SI
SO
0
3
7
8
5
6
A11
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
~ ~
12
~ ~
~ ~
~ ~
~ ~
*1 BR25H010/020/040-WC=15 clocks
BR25H080/160/320-WC=23 clocks


Similar Part No. - BR25H010-WC_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25H010-WC ROHM-BR25H010-WC Datasheet
497Kb / 20P
   125C Operating tempter
More results

Similar Description - BR25H010-WC_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BR35H160-WC ROHM-BR35H160-WC_10 Datasheet
491Kb / 17P
   Automotive Serial EEPROMs
logo
ATMEL Corporation
AT25010A ATMEL-AT25010A_09 Datasheet
507Kb / 18P
   SPI Automotive Temperature Serial EEPROMs
AT25128A ATMEL-AT25128A_07 Datasheet
459Kb / 18P
   SPI Automotive Temperature Serial EEPROMs
AT25080A ATMEL-AT25080A_14 Datasheet
706Kb / 19P
   SPI Automotive Temperature Serial EEPROMs
AT25080B ATMEL-AT25080B_14 Datasheet
729Kb / 20P
   SPI Automotive Temperature Serial EEPROMs
AT25160B ATMEL-AT25160B_14 Datasheet
729Kb / 20P
   SPI Automotive Temperature Serial EEPROMs
AT24C01C ATMEL-AT24C01C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
AT24C128 ATMEL-AT24C128_07 Datasheet
410Kb / 17P
   Two-wire Automotive Temperature Serial EEPROMs
AT93C46D ATMEL-AT93C46D_14 Datasheet
715Kb / 17P
   3-wire Automotive Temperature Serial EEPROMs
AT24C02C ATMEL-AT24C02C_14 Datasheet
727Kb / 19P
   2-wire Automotive Temperature Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com