Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G3VM-61E1 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G3VM-61E1
Description  MOS FET Relays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM-61E1 Datasheet(HTML) 1 Page - Omron Electronics LLC

  G3VM-61E1 Datasheet HTML 1Page - Omron Electronics LLC G3VM-61E1 Datasheet HTML 2Page - Omron Electronics LLC G3VM-61E1 Datasheet HTML 3Page - Omron Electronics LLC G3VM-61E1 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MOS FET Relays
G3VM-61B1/E1
15
MOS FET Relays
G3VM-61B1/E1
Analog-switching MOS FET Relay for High
Switching Currents, with Dielectric Strength of
2.5 kVAC between I/O
.
• Upgraded G3VM-61 B/E Series.
• 500 mA continuous load current.
• RoHS Compliant.
■ Application Examples
• Measurement devices
• Security systems
• Amusement machines
Note: The actual product is marked differently from the image shown
here.
■ List of Models
■ Dimensions
Note: All units are in millimeters unless otherwise indicated.
■ Terminal Arrangement/Internal Connections (Top View)
■ PCB Dimensions (Bottom View)
■ Actual Mounting Pad Dimensions
(Recommended Value, Top View)
Contact form
Terminals
Load voltage (peak value)
Model
Number per stick
Number per tape
SPST-NO
PCB terminals
60 VAC
G3VM-61B1
50
---
Surface-mounting
terminals
G3VM-61E1
G3VM-61E1(TR)
---
1,500
7.12
±0.25
6.4
±0.25
2.54
±0.25
1.2
±0.15
0.5
±0.1
0.8
±0.25
7.62
±0.25
7.85 to 8.80
2.5 min.
3.65
+0.15
−0.25
0.25
+0.1
−0.05
7.12
±0.25
6.4
±0.25
2.54
±0.25
1.2
±0.15
7.62
±0.25
10.0 max.
1.0 min.
1.0
min.
3.65
+0.15
−0.25
4.0
+0.25
−0.2
G3VM-61B1
G3VM-61E1
Note: The actual product
is marked different-
ly from the image
shown here.
Note: The actual product
is marked different-
ly from the image
shown here.
Weight: 0.38 g
Weight: 0.38 g
6
54
13
2
6
54
13
2
G3VM-61B1
G3VM-61E1
Six 0.8-dia. holes
2.54
2.54
(0.61)
(0.61)
(1.52)
(1.52)
G3VM-61B1
8.3 to 8.8
2.54
2.54
1.5
1.3
G3VM-61E1


Similar Part No. - G3VM-61E1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-61E1 OMRON-G3VM-61E1 Datasheet
134Kb / 2P
   MOS FET Relays
G3VM-61E1 OMRON-G3VM-61E1 Datasheet
464Kb / 6P
   MOS FET Relays
G3VM-61E1 OMRON-G3VM-61E1 Datasheet
456Kb / 6P
   MOS FET Relay Selection Guide
G3VM-61E1 OMRON-G3VM-61E1 Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
G3VM-61E1 OMRON-G3VM-61E1 Datasheet
3Mb / 86P
   Wide Range of Contact Forms, Sizes and Package Types
More results

Similar Description - G3VM-61E1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-41HR OMRON-G3VM-41HR Datasheet
89Kb / 2P
   MOS FET Relays
G3VM-81LR_1012 OMRON-G3VM-81LR_1012 Datasheet
258Kb / 4P
   MOS FET Relays
G3VM-401G OMRON-G3VM-401G_10 Datasheet
288Kb / 4P
   MOS FET Relays
G3VM-41BR OMRON-G3VM-41BR Datasheet
658Kb / 4P
   MOS FET Relays
G3VM-61B1 OMRON-G3VM-61B1_1 Datasheet
464Kb / 6P
   MOS FET Relays
G3VM-62J1 OMRON-G3VM-62J1 Datasheet
349Kb / 6P
   MOS FET Relays
G3VM-201G OMRON-G3VM-201G Datasheet
364Kb / 6P
   MOS FET Relays
G3VM-601G OMRON-G3VM-601G Datasheet
332Kb / 6P
   MOS FET Relays
G3VM-353B OMRON-G3VM-353B Datasheet
632Kb / 6P
   MOS FET Relays
G3VM-21GR1 OMRON-G3VM-21GR1_1 Datasheet
362Kb / 6P
   MOS FET Relays
G3VM-41GR3 OMRON-G3VM-41GR3 Datasheet
367Kb / 6P
   MOS FET Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com