Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HE24-1A83-02 Datasheet(PDF) 2 Page - Meder Electronic

Part # HE24-1A83-02
Description  HE Reed Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

HE24-1A83-02 Datasheet(HTML) 2 Page - Meder Electronic

  HE24-1A83-02 Datasheet HTML 1Page - Meder Electronic HE24-1A83-02 Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HE24-1A83-02
Item:
| Email: salesasia@meder.com
8524183002
+852 / 2955 1682
Asia:
| Email: salesusa@meder.com
+1 / 508 295 0771
USA:
Item No.:
| Email: info@meder.com
+49 / 7731 8399 0
Europe:
Environmental data
Conditions
Min
Typ
Max
Unit
2
1/2 sine wave duration 11ms
Shock
2
from 10 - 2000 Hz
Vibration
3
'
4
Operating temperature
3
4
Storage temperature
3
wave soldering max. 5 sec.
Soldering temperature
fully sealed
Washability
General data
Conditions
Min
Typ
Max
Unit
2
Total weigth
styropor palete ESD netral a 25 pcs.
Packaging
Modifications in the sense of technical progress are reserved
27.11.07
KOLBRICH
05
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
14.06.10
KOLBRICH
RRIPPL
Approval by:
Approval by:
12.03.08
Approval at:
Approval at:
14.06.10


Similar Part No. - HE24-1A83-02

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
HE24-1A83-02 MEDER-HE24-1A83-02 Datasheet
759Kb / 4P
   High Voltage Reed Relays for PCB Mounting
HE24-1A83-02_DE MEDER-HE24-1A83-02_DE Datasheet
110Kb / 2P
   (deutsch) HE Reed Relay
More results

Similar Description - HE24-1A83-02

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
HE05-1A83-02 MEDER-HE05-1A83-02_09 Datasheet
74Kb / 1P
   HE Reed Relay
HE12-1A69-03 MEDER-HE12-1A69-03 Datasheet
152Kb / 2P
   HE Reed Relay
HE24-2A16 MEDER-HE24-2A16 Datasheet
85Kb / 2P
   HE Reed Relay
HE24-1B83 MEDER-HE24-1B83 Datasheet
133Kb / 2P
   HE Reed Relay
HE05-1A83 MEDER-HE05-1A83 Datasheet
84Kb / 2P
   HE Reed Relay
HE12-1B69-150 MEDER-HE12-1B69-150 Datasheet
136Kb / 2P
   HE Reed Relay
HE24-1A16 MEDER-HE24-1A16 Datasheet
83Kb / 2P
   HE Reed Relay
HE12-1A83-03 MEDER-HE12-1A83-03_10 Datasheet
84Kb / 2P
   HE Reed Relay
HE24-1A83-220 MEDER-HE24-1A83-220 Datasheet
98Kb / 2P
   HE Reed Relay
HE24-1A83-300 MEDER-HE24-1A83-300 Datasheet
86Kb / 2P
   HE Reed Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com