Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BP5220A Datasheet(PDF) 7 Page - Rohm

Part # BP5220A
Description  Step-down DC/DC Converters(Non-isolated)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BP5220A Datasheet(HTML) 7 Page - Rohm

  BP5220A Datasheet HTML 1Page - Rohm BP5220A Datasheet HTML 2Page - Rohm BP5220A Datasheet HTML 3Page - Rohm BP5220A Datasheet HTML 4Page - Rohm BP5220A Datasheet HTML 5Page - Rohm BP5220A Datasheet HTML 6Page - Rohm BP5220A Datasheet HTML 7Page - Rohm BP5220A Datasheet HTML 8Page - Rohm BP5220A Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Data Sheet
BP5220A/BP5221A/BP5222A
BP5222A
025
50
70
0.5
0.4
0.3
0.2
0.1
100
120
0.6
Vi=15 to 20V
Vi=30V
Vi=38V
Fig.16 Derating curve
100
80
60
40
20
0
0.1
0.2
0.3
0.4
0.5
Vi=30V
Vi=23V
Vi=38V
Fig.17 Efficiency
+
97
+
654321
BP5220A / BP5221A / BP5222A
Pin 9 sink current
Voltage difference
between pins 2 and 9
Fig.19 ASO measurement circuit
Fig.18 Safety operation range
4.5A
10
2.2A
1
0.1
110
100
Pw=1ms
Pw=10ms
Tc=25
°C
SINGLE PULSE
VOLTAGE BETWEEN PIN2 AND PIN9 (V)
OUTPUT CURRENT : IO (A)
AMBIENT TEMPERATURE : Ta(
°C)
7/7
2010.03 -
Rev. B
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.


Similar Part No. - BP5220A

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5220A ROHM-BP5220A Datasheet
871Kb / 8P
   DC/DC converter
More results

Similar Description - BP5220A

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5275-18 ROHM-BP5275-18 Datasheet
621Kb / 9P
   Non-Isolated Step-Down 3-Terminal DC/DC Converters
BP5277-33 ROHM-BP5277-33 Datasheet
414Kb / 10P
   Non-Isolated Step-Down 3-Terminal DC/DC Converters
BP5223 ROHM-BP5223_10 Datasheet
120Kb / 1P
   Step-down DC/DC Converter(Non-isolated)
BP5226-18 ROHM-BP5226-18_10 Datasheet
108Kb / 1P
   Step-down DC/DC Converter(Non-isolated)
BP5224-33 ROHM-BP5224-33_10 Datasheet
115Kb / 1P
   Step-down DC/DC Converter(Non-isolated)
BP5225 ROHM-BP5225_10 Datasheet
105Kb / 1P
   Step-down DC/DC Converter (Non-isolated)
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com