Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BP5062A5 Datasheet(PDF) 1 Page - Rohm

Part # BP5062A5
Description  Non-Isolated AC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BP5062A5 Datasheet(HTML) 1 Page - Rohm

  BP5062A5_10 Datasheet HTML 1Page - Rohm BP5062A5_10 Datasheet HTML 2Page - Rohm BP5062A5_10 Datasheet HTML 3Page - Rohm BP5062A5_10 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
100VAC Input/
−5V (500mA) Output
Non-Isolated AC/DC Converter
BP5062A5
Data Sheet
Absolute Maximum Ratings
Input voltage
Output current
ESD endurance
Operating temperature range
Storage temperature range
Parameter
Symbol
Limits
Unit
Vi
Io
Vsurge
Topr
Tstg
V
mApk
kV
°C
°C
∗2
∗1
Unit
Conditions
V
V
mA
V
V
Vp-p
%
DC (80 to 137VAC)
Vi=
−141V, Io=500mA
Vi=
−141V
Vi=
−113V to −195V, Io=500mA
Vi=
−141V, Io=0 to 500mA
Vi=
−141V, Io=500mA
Vi=
−141V, Io=500mA
1 Maximum output current varies depending on ambient temperature ; please refer to derating curve.
2 Spike noise is not included in output ripple voltage.
Electrical Characteristics
Input voltage range
Output voltage
Output current
Line regulation
Load regulation
Output ripple voltage
Power conversion efficiency
Parameter
Symbol
Typ.
Max.
Min.
Vi
Vo
Io
Vr
Vl
Vp
η
−141
−5.0
0.05
0.07
0.15
69
−195
−5.3
500
0.2
0.3
0.3
−113
−4.7
0
60
Conversion Efficiency
Conversion Efficiency
100
90
80
70
60
50
40
30
20
10
0
100
0
200
500
400
300
(Ta=25
°C, Vi=
−141V)
Output Current Io(mA)
Dimensions (Unit : mm)
External Component Specifications
FUSE: FUSE
Use a quick-acting fuse of 2.0A.
Rated voltage : More than 250V, Capacity : 22 to 100
µF
C1: Input capacitor
Resistance : 4.7 to 10
Ω, Power : More than 1/4W
R1: Noise removal resistor
A varistor is required to protect against lightning surges and
static electricity.
ZNR: Varistor
Please verify operation and characteristics in the customer's circuit before actual usage.
Ensure that the load current does not exceed the maximum rating.
34.5MAX.
9.9MAX.
5.05MAX.
4.85MAX.
2.54
�11=27.94
1
3
5
7 8
10
12
0.5±0.1
P=5.08±0.2
1.3±0.2
0.25±0.05
3.3MAX
Derating Curve
Derating Curve
Operation Range
600
500
400
300
200
100
0
0 10
-30 -20 -10
20
40
30
80
70
60
50
90
Ambient Temperature Ta(
°C)
Application Circuit
Pin No.
1
2
3
4
5
6
7
8
9
10
11
12
Function
Output terminal Vo(
−5V)
Not used
Coil connect
Not used
Coil connect
Not used
COMMON
COMMON
Not used
N.C.
Not used
Input terminal Vi(
−141VDC)
BP5062A5
Please note that pin No.12
side is input.
Be sure to use fuse for safety.
−5V
Output
Input
470µF/25V
AC100V
220V
50Hz/60Hz
0.22µF
C2
FUSE
2A
1
12
7
8
10
5
3
+
+
22µF/200V
C1
ZNR
R1
4.7
Ω1/4W
D1
1SR139-400
C3
220µH
L1
C2: Noise removal
capacitor
Rated voltage : More than 16V, Capacitance : 220 to 820
µF
Low impedance type, ESR : Less than 0.25
Rated ripple current : More than 0.4Arms
Evaluate under actual conditions since it affects the output
ripple voltage.
C3: Output capacitor
Rated voltage : More than 250V
Film or ceramic capacitor
Capacitance : 0.1 to 0.22
µF
Inductance : 220
µH, Rated current : More than 1.3A
L1: Choke coil
Peak reverse voltage : More than 400V
Mean rectifying current : More than 1.0A
Peak forward surge current : More than 40A
Full-wave rectification can be used.
D1: Rectifier diode
Surface Temperature Increase
Surface Temperature Increase
100
0
300 400 500 600 700 800
200
(Ta=25
°C, Vi=
−141V)
Output Current Io(mA)
Load Regulation
Load Regulation
0
1
2
3
4
5
6
0
10
20
30
40
50
60
100
0
200 300 400 500 600 700 800
(Ta=25
°C, Vi=
−141V)
Output Current Io(mA)
−195
500
2
−20 to +80
−25 to +105
100VAC Input/
−5VDC (350mA) Output
Non-Isolated AC/DC Converter
BP5061-5
Data Sheet
Absolute Maximum Ratings
Input voltage
Output current
ESD endurance
Operating temperature range
Storage temperature range
Parameter
Symbol
Limits
Unit
Vi
Io
Vsurge
Topr
Tstg
−180
350
2
−25 to +80
−25 to +105
V
mApk
kV
°C
°C
Unit
∗2
∗1
Conditions
V
V
mA
V
V
Vp-p
%
DC (80 to 120VAC)
Vi=
−141V, Io=200mA
Vi=
−141V
Vi=
−113V to −180V, Io=200mA
Vi=
−141V, Io=0 to 200mA
Vi=
−141V, Io=200mA
Vi=
−141V, Io=350mA
1 Maximum output current varies depending on ambient temperature ; please refer to derating curve.
2 Spike noise is not included in output ripple voltage.
Electrical Characteristics
Input voltage range
Output voltage
Output current
Line regulation
Load regulation
Output ripple voltage
Power conversion effciency
Parameter
Symbol
Typ.
Max.
Min.
Vi
Vo
Io
Vr
Vl
Vp
η
−141
−5.0
0.04
0.05
0.07
62.1
−180
−5.3
350
0.15
0.15
0.2
−113
−4.7
0
50
Conversion Efficiency
Conversion Efficiency
100
90
80
70
60
50
40
30
20
10
0
100
0
200
400
300
(Ta=25
°C, Vi=
−141V)
Output Current Io(mA)
Dimensions (Unit : mm)
External Component Specifications
FUSE: Fuse
Use a quick-acting fuse of 1A
Capacitance : 33 to 100
µF Rated voltage : 200V or higher
Ripple current is 0.13Arms or above.
Capacitance : 0.1 to 0.22
µF Rated voltage : 250V or higher
Use a film or ceramic capacitor. Evaluate under actual operating
conditions.
C1: Input smoothing
capacitor
C2: Noise reduction
resistor
Capacitance : 220 to 470
µF Rated voltage : 16V or higher,
ESR is 0.4
Ω max. Ripple current is 0.25Arms or above.
Evaluate under actual operating conditions.
C3: Output smoothing
capacitor
In the absolute maximum ratings the reverse peak voltage should be
400V or higher, the average rectifying current should be 0.5A or higher,
and the peak surge current should be 20A or higher.
(Full-wave rectification can be used.)
D1: Rectifier diode
10 to 22
Ω 1/4W
Determine the ideal value through actual testing.
R1: Noise reduction
resistor
A varistor is required to protect against lightning surges and static
electricity.
ZNR: Varistor
Please verify operation and characteristics in the customer's circuit before actual usage.
Ensure that the load current does not exceed the maximum rating.
35.0MAX.
9.1MAX.
4.85MAX.
4.25MAX.
2.54
�11=27.94
1
3
5
7
10
12
0.5
±0.2
P=5.08
±0.2
1.3
±0.2
0.25
±0.05
7.62
±0.3
3.6MAX
Derating Curve
Derating Curve
Operation Range
400
350
300
250
200
150
100
50
0
0 10
-30 -20 -10
20
40
30
80
70
60
50
90
Ambient Temperature Ta(
°C)
Application Circuit
BP5061-5
Please note that pin No.12
side is input.
Be sure to use fuse for safety.
−5V
Output
Input
220
µF/50V
AC100V
220V
50Hz/60Hz
0.1
µF
C2
FUSE
1A
1
12
7
5
3
+
+
33
µF/200V
C1
ZNR
R1
10
Ω1/4W
D1
1SR35-400
C3
470
µH
L1
Coil for switching regulator. The inductance should be 470
µH,
the rated direct current should be 0.9A or above in order to prevent
overheating and abnormal oscillation.
L1: Choke coil
Surface Temperature Increase
Surface Temperature Increase
50
45
40
35
30
25
20
15
10
5
0
100
50
0
200 250 300 350 400
150
(Ta=25
°C, Vi=
−141V)
Output Current Io(mA)
Output current
Output Current
5.3
5.2
5.1
5.0
4.9
4.8
4.7
50
0
100 150 200 250 300 350 400
(Ta=25
°C, Vi=
−141V)
Output Current Io(mA)
Pin No.
1
2
3
4
5
6
7
8
9
10
11
12
Function
Output terminal Vo(
−5V)
Not used
Coil connect
Not used
Coil connect
Not used
COMMON
Not used
Not used
N.C.
Not used
Input voltage Vi(
−141VDC)
1/
1
20
10.01 - Rev.A
www.rohm.com
©20
10 ROHM Co., Ltd. All rights reserved.


Similar Part No. - BP5062A5_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5062A5 ROHM-BP5062A5 Datasheet
934Kb / 3P
   AC100V input, −5V/500mA output
More results

Similar Description - BP5062A5_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5034D24 ROHM-BP5034D24_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5038A1 ROHM-BP5038A1_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5045A5 ROHM-BP5045A5_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5048-15 ROHM-BP5048-15_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5075-5 ROHM-BP5075-5_10 Datasheet
1,023Kb / 4P
   Non-Isolated AC/DC Converter
BP5075-12 ROHM-BP5075-12 Datasheet
541Kb / 3P
   Non-isolated AC / DC Converter
BP5037B15 ROHM-BP5037B15_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5068A ROHM-BP5068A_10 Datasheet
1Mb / 4P
   Non-Isolated AC/DC Converter
BP5055-12 ROHM-BP5055-12 Datasheet
481Kb / 3P
   Non-isolated AC/DC converter
BP5048-24 ROHM-BP5048-24_10 Datasheet
1,021Kb / 4P
   Non-Isolated AC/DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com