Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH7824FVM Datasheet(PDF) 11 Page - Rohm

Part # BH7824FVM
Description  1.1W to1.5W Monaural Speaker Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7824FVM Datasheet(HTML) 11 Page - Rohm

Back Button BH7824FVM Datasheet HTML 7Page - Rohm BH7824FVM Datasheet HTML 8Page - Rohm BH7824FVM Datasheet HTML 9Page - Rohm BH7824FVM Datasheet HTML 10Page - Rohm BH7824FVM Datasheet HTML 11Page - Rohm BH7824FVM Datasheet HTML 12Page - Rohm BH7824FVM Datasheet HTML 13Page - Rohm BH7824FVM Datasheet HTML 14Page - Rohm BH7824FVM Datasheet HTML 15Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Technical Note
BH7824FVM,BH7826FVM
11/14
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
0.01
0.1
1
10
100
1000
10000
100000
FREQUENCY:f[Hz]
Ta=Room
temperature
VCC=5.0V
RL=8Ω
Po=300mW
AV=2
WIDE BAND
 1k
10k
100k
100
10
0.01
0.1
1
10
10
100
1000
10000
100000
FREQUENCY:f[Hz]
Ta=Room
temperature
VCC=3.6V
RL=8Ω
Po=150mW
AV=8
WIDE BAND
  1k
  10k
100k
100
10
0.01
0.1
1
10
100
1000
10000
100000
FREQUENCY:f[Hz]
Ta=Room
temperature
VCC=5.0V
RL=8Ω
Po=300mW
AV=8
WIDE BAND
 1k
10k
100k
100
10
Fig.22 THD + N - Frequency
Fig.23
THD + N - Frequency
Fig.25
THD + N - Frequency
Fig.26 Gain(1stAmp) - Power supply
Fig.27 Gain(2ndAmp) - Power supply
Fig.24
THD + N - Frequency
0.01
0.1
1
10
10
100
1000
10000
100000
FREQUENCY:f[Hz]
Ta=Room
temperature
VCC=3.6V
RL=8Ω
Po=150mW
AV=2
WIDE BAND
1k
10k
100k
100
10
10.5
11.0
11.5
12.0
12.5
110
SUPPLY VOLTAGE:VCC[V]
Ta=Room
temperature
RL=8Ω
f=1kHz
Vin=-23dBV
AV=8
25
1
10
-1.0
-0.6
-0.2
0.2
0.6
110
SUPPLY VOLTAGE:VCC[V]
Ta=Room
temperature
RL=8Ω
f=1kHz
Vin=-23dBV
AV=8
2ndAMP Gain
2
5
1
10


Similar Part No. - BH7824FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7824FVM ROHM-BH7824FVM Datasheet
172Kb / 5P
   Audio Driver (Speaker AMP) for Mobile telephone
BH7824FVM ROHM-BH7824FVM Datasheet
528Kb / 9P
   1.1W to1.5W Monaural Speaker Amplifiers
BH7824FVM ROHM-BH7824FVM Datasheet
277Kb / 11P
   1.1W to1.5W Monaural Speaker Amplifiers
BH7824FVM ROHM-BH7824FVM Datasheet
540Kb / 18P
   1.1W to1.5W Monaural Speaker Amplifiers
BH7824FVM-TR ROHM-BH7824FVM-TR Datasheet
277Kb / 11P
   1.1W to1.5W Monaural Speaker Amplifiers
More results

Similar Description - BH7824FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7824FVM ROHM-BH7824FVM_05 Datasheet
528Kb / 9P
   1.1W to1.5W Monaural Speaker Amplifiers
BH7824FVM ROHM-BH7824FVM_10 Datasheet
277Kb / 11P
   1.1W to1.5W Monaural Speaker Amplifiers
BH7824FVM ROHM-BH7824FVM_15 Datasheet
540Kb / 18P
   1.1W to1.5W Monaural Speaker Amplifiers
BD7830NUV ROHM-BD7830NUV Datasheet
851Kb / 17P
   1.1W to1.5W Monaural Speaker Amplifiers
BD7830NUV ROHM-BD7830NUV_1 Datasheet
425Kb / 18P
   1.1W to1.5W Monaural Speaker Amplifier
BD5632NUX ROHM-BD5632NUX_10 Datasheet
400Kb / 15P
   Analog Input Monaural Class-D Speaker Amplifiers
BD5634NUX-TR ROHM-BD5634NUX-TR Datasheet
521Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifiers
logo
Sanyo Semicon Device
LA4820M SANYO-LA4820M Datasheet
677Kb / 20P
   Monaural Speaker/Stereo Headphone Power Amplifier
logo
Rohm
BD5465GUL ROHM-BD5465GUL Datasheet
677Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5460GUL ROHM-BD5460GUL_10 Datasheet
469Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com