Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH6172GU Datasheet(PDF) 3 Page - Rohm

Part # BH6172GU
Description  System Regulator with High Efficiency DC/DC Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH6172GU Datasheet(HTML) 3 Page - Rohm

  BH6172GU Datasheet HTML 1Page - Rohm BH6172GU Datasheet HTML 2Page - Rohm BH6172GU Datasheet HTML 3Page - Rohm BH6172GU Datasheet HTML 4Page - Rohm BH6172GU Datasheet HTML 5Page - Rohm BH6172GU Datasheet HTML 6Page - Rohm BH6172GU Datasheet HTML 7Page - Rohm BH6172GU Datasheet HTML 8Page - Rohm BH6172GU Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Technical Note
3/16
www.rohm.com
2011.03 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
BH6172GU
Electrical Characteristics (Unless otherwise specified, Ta=25℃, VBAT=PBAT =3.6V, VUSB=5.0V, DVDD=2.6V)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Logic pin character
NRST
(CMOS input)
Input
“H” level
VIH1
DVDD
×0.7
-
DVDD
+0.3
V
Pin voltage: DVDD
Input
“L” level
VIL1
-0.3
-
DVDD
×0.3
V
Pin voltage: 0 V
Input leak
current
IIC1
0
0.3
1
µA
EN_LD1,
EN_LD2,
EN_LD3,
EN_LD4
(NMOS input)
Input
“H” level
VIH2
1.44
-
-
V
Input
“L” level
VIL2
-
-
0.4
V
Input leak
current
IIC2
-1
0
1
µA
Digital characteristics (Digital pins: CLK and DATA )
Input "H" level
VIH3
DVDD
×0.8
-
DVDD
+0.3
V
Input "L" level
VIL3
-0.3
-
DVDD
×0.2
V
Input leak current
IIC3
-1
0
1
µA
Pin voltage: DVDD
DATA output "L" level voltage
VOL
-
-
0.4
V
IOL=6mA
SWREG
Output Voltage
VOSW
0.94
1.00
1.06
V
initial value
Io=100mA
Output current
IOSW
-
-
500
mA
Vo=1.00V
Efficiency
ηSW
-
90
-
%
Io=100mA, Vo=2.40V, VBAT=3.2V
Oscillating Frequency
fOSC
-
1.7
-
MHz
Vo=1.00V
Output Inductance
LSWREG
1.5
2.2
-
µH
Ta= -30~75℃
Short circuit current
ISHTSW
-
500
-
mA
Ta= -30~75℃
Output Capacitance
CSWREG
3.3
4.7
-
µF
Ta= -30~75℃
with SWREG's DC bias


Similar Part No. - BH6172GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6172GU ROHM-BH6172GU Datasheet
920Kb / 17P
   High-efficiency Power Management IC
BH6172GU-E2 ROHM-BH6172GU-E2 Datasheet
920Kb / 17P
   High-efficiency Power Management IC
BH6172GU1 ROHM-BH6172GU1 Datasheet
539Kb / 19P
   System Regulator with High Efficiency DC/DC Converters
More results

Similar Description - BH6172GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6172GU1 ROHM-BH6172GU1 Datasheet
539Kb / 19P
   System Regulator with High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R2A10PL TOSHIBA-TK3R2A10PL Datasheet
728Kb / 9P
   High-Efficiency DC-DC Converters
TK3R9E10PL TOSHIBA-TK3R9E10PL Datasheet
720Kb / 9P
   High-Efficiency DC-DC Converters
logo
Artesyn Technologies
SXE15 ARTESYN-SXE15_05 Datasheet
374Kb / 28P
   High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R1A04PL TOSHIBA-TK3R1A04PL Datasheet
438Kb / 9P
   High-Efficiency DC-DC Converters
TPCA8064-H TOSHIBA-TPCA8064-H Datasheet
275Kb / 9P
   High-Efficiency DC-DC Converters
logo
ON Semiconductor
NCP1500 ONSEMI-NCP1500_06 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
logo
Toshiba Semiconductor
TK2R9E10PL TOSHIBA-TK2R9E10PL Datasheet
716Kb / 9P
   High-Efficiency DC-DC Converters
logo
Artesyn Technologies
CXE15 ARTESYN-CXE15 Datasheet
391Kb / 24P
   High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK3R2E06PL TOSHIBA-TK3R2E06PL Datasheet
471Kb / 9P
   High-Efficiency DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com