Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH29LB1WG Datasheet(PDF) 1 Page - Rohm

Part # BH29LB1WG
Description  Standard CMOS LDO Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH29LB1WG Datasheet(HTML) 1 Page - Rohm

  BH29LB1WG Datasheet HTML 1Page - Rohm BH29LB1WG Datasheet HTML 2Page - Rohm BH29LB1WG Datasheet HTML 3Page - Rohm BH29LB1WG Datasheet HTML 4Page - Rohm BH29LB1WG Datasheet HTML 5Page - Rohm BH29LB1WG Datasheet HTML 6Page - Rohm BH29LB1WG Datasheet HTML 7Page - Rohm BH29LB1WG Datasheet HTML 8Page - Rohm BH29LB1WG Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/8
2010.07 -
Rev. C
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.
CMOS LDO Regulator Series for Portable Equipments
Standard CMOS LDO Regulators
Large Current 300mA
CMOS LDO Regulators
BH
MA3WHFV Series
BH
FB1WG series, BH
FB1WHFV series,
BH
LB1WG series, BH
LB1WHFV series
1) High accuracy output voltage:
±1%
2) High ripple rejection ratio: 70 dB (BH
FB1WHFV/WG, BH
LB1WHFV/WG)
3) Low dropout voltage: 60 mV (when current is 100 mA) (BH
MA3WHFV)
4) Stable with ceramic output capacitors
5) Low Bias current : 40
µA (IO = 50 mA) (BH
FB1WHFV/WG)
6) Output voltage ON/OFF control
7) Built-in over-current protection and thermal shutdown circuits
8) Ultra-small power package: HVSOF5 (BH
FB1WHFV, BH
LB1WHFV)
9) Ultra-small power package: HVSOF6 (BH
MA3WHFV)
Battery-driven portable devices and etc.
The BH
FB1W, BH
LB1W and BH
MA3W series are low dropout CMOS regulators with 150 mA and 300 mA
output that have
±1% high accuracy output voltage.
The BH
FB1W series combines 40
µA low current consumption and a 70 dB high ripple rejection ratio by utilizing output
level CMOS technology. The components can be easily mounted into the small standard SSOP5 and the ultra-small
HVSOF5/HVSOF6 packages.
Part Number: B H
F B 1 W
, B H
L B 1 W
ab
ab
Part Number: B H
M A 3 W
ab
Symbol
a
b
Details
Output Voltage Designation
G : SSOP5 HFV : HVSOF5
15
18
1J
25
28
29
30
31
33
Output Voltage (V)
1.5V (Typ.)
1.8V (Typ.)
1.85V (Typ.)
2.5V (Typ.)
2.8V (Typ.)
Output Voltage (V)
2.9V (Typ.)
3.0V (Typ.)
3.1V (Typ.)
3.3V (Typ.)
Package:
Symbol
a
b
Details
Output Voltage Designation
HFV : HVSOF6
15
18
25
28
29
30
31
33
Output Voltage (V)
1.5V (Typ.)
1.8V (Typ.)
2.5V (Typ.)
2.8V (Typ.)
Output Voltage (V)
2.9V (Typ.)
3.0V (Typ.)
3.1V (Typ.)
3.3V (Typ.)
Package:
Part Number
BH
FB1WG
BH
FB1WHFV
BH
LB1WG
BH
LB1WHFV
1.5
-
-
1.8
-
-
1.85
-
-
-
2.5
-
-
2.8
-
-
2.9
-
-
3.0
-
-
3.1
-
-
3.3
-
-
Package
SSOP5
HVSOF5
SSOP5
HVSOF5
150mA BH
FB1W and BH
LB1W Series
300mA BH
MA3WHFV series
Part Number
BH
MA3WHFV
1.5
1.8
2.5
2.8
2.9
3.0
3.1
3.3
Package
HVSOF6
Description
Features
Applications
Line up
No.10020ECT02


Similar Part No. - BH29LB1WG

ManufacturerPart #DatasheetDescription
logo
Rohm
BH29FB1WG ROHM-BH29FB1WG Datasheet
361Kb / 6P
   CMOS Type series regulator
BH29FB1WG ROHM-BH29FB1WG Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH29FB1WHFV ROHM-BH29FB1WHFV Datasheet
360Kb / 6P
   CMOS Type series regulator
BH29M0AWHFV ROHM-BH29M0AWHFV Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BH29M0AWHFV-TR ROHM-BH29M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
More results

Similar Description - BH29LB1WG

ManufacturerPart #DatasheetDescription
logo
Rohm
BH25FB1WG-TR ROHM-BH25FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BH33FB1WG-TR ROHM-BH33FB1WG-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators
BHXXFB1WG ROHM-BHXXFB1WG_09 Datasheet
832Kb / 9P
   Standard CMOS LDO Regulators
BH30FB1WHFV-TR ROHM-BH30FB1WHFV-TR Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BH15FB1WG ROHM-BH15FB1WG Datasheet
702Kb / 9P
   Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
BU18SD5WG ROHM-BU18SD5WG Datasheet
944Kb / 21P
   CMOS LDO Regulators
BU6650NUX ROHM-BU6650NUX_11 Datasheet
1Mb / 22P
   3ch CMOS LDO Regulators
BA03CC0WT ROHM-BA03CC0WT_11 Datasheet
328Kb / 12P
   Standard Fixed Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com