Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH31RB1WGUT-E2 Datasheet(PDF) 3 Page - Rohm

Part # BH31RB1WGUT-E2
Description  1ch 150mA CMOS LDO Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH31RB1WGUT-E2 Datasheet(HTML) 3 Page - Rohm

  BH31RB1WGUT-E2 Datasheet HTML 1Page - Rohm BH31RB1WGUT-E2 Datasheet HTML 2Page - Rohm BH31RB1WGUT-E2 Datasheet HTML 3Page - Rohm BH31RB1WGUT-E2 Datasheet HTML 4Page - Rohm BH31RB1WGUT-E2 Datasheet HTML 5Page - Rohm BH31RB1WGUT-E2 Datasheet HTML 6Page - Rohm BH31RB1WGUT-E2 Datasheet HTML 7Page - Rohm BH31RB1WGUT-E2 Datasheet HTML 8Page - Rohm BH31RB1WGUT-E2 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BH□□RB1WGUT series
Technical Note
3/8
www.rohm.com
2011.01 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Typical characteristics
Fig. 1 Output Voltage vs Input Voltage
(BH15RB1WGUT)
Fig. 2 Output Voltage vs Input Voltage
(BH28RB1WGUT)
Fig. 3 Output Voltage vs Input Voltage
(BH33RB1WGUT)
Fig. 4 GND Current vs Input Voltage
(BH15RB1WGUT)
Fig. 5 GND Current vs Input Voltage
(BH28RB1WGUT)
Fig. 6 GND Current vs Input Voltage
(BH33RB1WGUT)
Fig. 7 Output Voltage vs Output Current
(BH15RB1WGUT)
Fig. 8 Output Voltage vs Output Current
(BH28RB1WGUT)
Fig. 9 Output Voltage vs Output Current
(BH33RB1WGUT)
Fig. 10 Dropout Voltage vs Output Current
(BH28RB1WGUT)
Fig. 11 Dropout Voltage vs Output Current
(BH33RB1WGUT)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
01
2
3
45
Input Voltage VIN[V]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
01
23
45
Input Voltage VIN[V]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
012345
Input Voltage VIN[V]
0
10
20
30
40
50
60
01
2
3
45
Input Voltage VIN[V]
0
10
20
30
40
50
60
01
2
3
45
Input Voltage VIN[V]
0
10
20
30
40
50
60
01
2
3
45
Input Voltage VIN[V]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
100
200
300
400
Output Current IOUT[mA]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
100
200
300
400
Output Current IOUT[mA]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
100
200
300
400
Output Current IOUT[mA]
0
50
100
150
200
0
50
100
150
Output Current IOUT[mA]
0.0
0.1
0.2
0.3
0.4
0.5
0
50
100
150
Output Current IOUT[mA]


Similar Part No. - BH31RB1WGUT-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BH31RB1WGUT ROHM-BH31RB1WGUT Datasheet
342Kb / 6P
   CMOS Type series regulator
More results

Similar Description - BH31RB1WGUT-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com