Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH33RB1WGUT Datasheet(PDF) 2 Page - Rohm

Part # BH33RB1WGUT
Description  1ch 150mA CMOS LDO Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH33RB1WGUT Datasheet(HTML) 2 Page - Rohm

  BH33RB1WGUT Datasheet HTML 1Page - Rohm BH33RB1WGUT Datasheet HTML 2Page - Rohm BH33RB1WGUT Datasheet HTML 3Page - Rohm BH33RB1WGUT Datasheet HTML 4Page - Rohm BH33RB1WGUT Datasheet HTML 5Page - Rohm BH33RB1WGUT Datasheet HTML 6Page - Rohm BH33RB1WGUT Datasheet HTML 7Page - Rohm BH33RB1WGUT Datasheet HTML 8Page - Rohm BH33RB1WGUT Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BH□□RB1WGUT series
Technical Note
2/8
www.rohm.com
2011.01 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Absolute maximum ratings
Parameter
Symbol
Ratings
Unit
Applied supply voltage
VMAX
-0.3 to +6.5
V
Power dissipation
Pd
530
*1
mW
Operating temperature range
Topr
-40 to +85
°C
Storage temperature range
Tstg
-55 to +125
°C
*1: Reduce by 5.3 mW/
C over 25C, when mounted on a glass epoxy PCB (7 mm  7 mm  0.8 mm).
Recommended operating ranges (not to exceed Pd)
Parameter
Symbol
Ratings
Unit
Power supply voltage
VIN
2.5 to 5.5
V
Output current
IOUT
0 to 150
mA
Recommended operating conditions
Parameter
Symbol
Ratings
Unit
Conditions
Min.
Typ.
Max.
Input capacitor
CIN
0.7
*2
1.0
µF
The use of ceramic capacitors is
recommended.
Output capacitor
CO
0.7
*2
1.0
µF
The use of ceramic capacitors is
recommended.
*2: Make sure that the output capacitor value is not kept lower than this specified level across a variety of temperature, DC bias characteristic.
And also make sure that the capacitor value cannot change as time progresses.
Electrical characteristics
(Unless otherwise specified, Ta = 25°C, VIN = VOUT + 1.0 V
*5, STBY = 1.5 V, CIN = 1 µF, CO = 1 µF)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Output voltage 1
VOUT1
VOUT
 0.99
VOUT
VOUT
 1.01
V
IOUT = 1 mA, Ta = 25°C,
BH25RB1WGUT or higher
VOUT
- 25 mV
VOUT
+ 25 mV
IOUT = 1mA, Ta = 25°C,
BH15, 18RB1WGUT
Output voltage 2
VOUT2
VOUT
 0.97
VOUT
VOUT
 1.03
V
IOUT = 1 mA
Ta = -40°C to 85°C
*3
Circuit current
IGND
34
72
µA
IOUT = 0 mA
Ta = -40°C to 85°C
*3
Circuit current (STBY)
ICCST
1.0
µA
STBY = 0 V
Ripple rejection ratio
RR
63
dB
VRR = -20 dBV, fRR = 1 kHz,
IOUT = 10 mA
Dropout voltage
VSAT
100
150
mV
VIN = 0.98
 VOUT, IOUT = 100 mA
(Excluding BH15, 18RB1WGUT)
Line regulation
VDLI
2
20
mV
IOUT = 10 mA
VIN = VOUT + 0.5 V to 5.5 V
*4
Load regulation
VDLO
2
30
mV
IOUT = 1 mA to 100 mA
Overcurrent protection limit current
ILMAX
300
mA
VO = VOUT
 0.98
Short current
ISHORT
40
mA
VO = 0 V
STBY pin current
ISTBY
0.5
1.3
3.6
µA
Ta = -40°C to 85°C
*3
STBY control voltage
ON
VSTBH
1.2
VIN
V
Ta = -40°C to 85°C
*3
OFF
VSTBL
-0.2
0.2
V
Ta = -40°C to 85°C
*3
* This IC is not designed to be radiation-resistant.
*3: These specifications are guaranteed by design.
*4: For BH15, 18RB1WGUT, VIN = 3.0 V to 5.5 V.
*5: For BH15, 18RB1WGUT, VIN = 3.5 V.


Similar Part No. - BH33RB1WGUT

ManufacturerPart #DatasheetDescription
logo
Rohm
BH33RB1WGUT ROHM-BH33RB1WGUT Datasheet
342Kb / 6P
   CMOS Type series regulator
More results

Similar Description - BH33RB1WGUT

ManufacturerPart #DatasheetDescription
logo
Rohm
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com