Electronic Components Datasheet Search |
|
BH30NB1WHFWHFV Datasheet(PDF) 5 Page - Rohm |
|
BH30NB1WHFWHFV Datasheet(HTML) 5 Page - Rohm |
5 / 9 page Technical Note BH□□NB1WHFV series 5/8 www.rohm.com 2011.01 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. ● Block diagram, recommended circuit diagram, and pin assignment diagram Pin No. Symbol Function 1 STBY Output voltage on/off control (High: ON, Low: OFF) 2 GND Ground 3 VIN Power supply input 4 VOUT Voltage output 5 N.C. NO CONNECT ● Power dissipation (Pd) 1. Power dissipation (Pd) Power dissipation calculations include estimates of power dissipation characteristics and internal IC power consumption, and should be treated as guidelines. In the event that the IC is used in an environment where this power dissipation is exceeded, the attendant rise in the junction temperature will trigger the thermal shutdown circuit, reducing the current capacity and otherwise degrading the IC's design performance. Allow for sufficient margins so that this power dissipation is not exceeded during IC operation. Calculating the maximum internal IC power consumption (PMAX) PMAX = (VIN − VOUT) IOUT (MAX.) VIN : Input voltage VOUT : Output voltage IOUT (MAX): Max. output current 2. Power dissipation/power dissipation reduction (Pd) HVSOF5 *Circuit design should allow a sufficient margin for the temperature range so that PMAX < Pd. ● Input Output capacitors It is recommended to insert bypass capacitors between input and GND pins, positioning them as close to the pins as possible. These capacitors will be used when the power supply impedance increases or when long wiring paths are used, so they should be checked once the IC has been mounted. Ceramic capacitors generally have temperature and DC bias characteristics. When selecting ceramic capacitors, use X5R or X7R, or better models that offer good temperature and DC bias characteristics and high tolerant voltages. Typical ceramic capacitor characteristics 0 20 40 60 80 100 120 0 123 4 DC bias Vdc[V] 70 75 80 85 90 95 100 01 2 3 4 DC bias Vdc[V] 0 20 40 60 80 100 120 -25 0 25 50 75 Temp[℃] 50 V tolerance 16 V tolerance 10 V tolerance 50 V tolerance 16 V tolerance 10 V tolerance Y5V X7R X5R Fig.27 Capacitance vs Bias (Y5V) Fig.28 Capacitance vs Bias (X5R, X7R) Fig.29 Capacitance vs Temperature (X5R, X7R, Y5V) 0 0.2 0.4 0.6 0 25 50 75 100 125 Ta[℃] Board: 70 mm 70 mm 1.6 mm Material: Glass epoxy PCB 410 mW Fig. 26 HVSOF5 Power Dissipation/Power Dissipation Reduction (Example) Fig.25 Cin 0.1µF Co 2.2µF BH□□NB1WHFV THERMAL PROTECTION OVER CURRENT PROTECTION VOLTAGE REFERENCE CONTROL BLOCK VOUT N.C. VIN VIN Cin GND STBY VSTB VOUT Co 3 2 1 5 4 |
Similar Part No. - BH30NB1WHFWHFV |
|
Similar Description - BH30NB1WHFWHFV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |