Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N2905A Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2N2905A
Description  PNP General Purpose Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2N2905A Datasheet(HTML) 1 Page - Micro Commercial Components

  2N2905A Datasheet HTML 1Page - Micro Commercial Components 2N2905A Datasheet HTML 2Page - Micro Commercial Components 2N2905A Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2N2905A

PNP General
Purpose Amplifier

)HDWXUHV
General-purpose Transistor for Switching and Amplifier
Applications
Housed in a TO-39 Case
0D[LPXP5DWLQJV

Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
60
V
VCBO
Collector-Base Voltage
60
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current, Continuous
600
mA
TJ
Operating Junction Temperature
-55 to +150
:
TSTG
Storage Temperature
-55 to +150
:
(OHFWULFDO &KDUDFWHULVWLFV # °& 8QOHVV 2WKHUZLVH 6SHFLILHG
Symbl
Parameter
Min
Typ
Max
Units
2)) &+$5$&7(5,67,&6
V(BR)CEO
Collector-Emitter Breakdown
Voltage*
(IC=10mAdc, IB=0)
60
70
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC
$GF ,E=0)
60
100
---
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE
$GF ,C=0)
5.0
9.0
---
Vdc
ICES
Collector-Emitter Cutoff Current
(VCE=30Vdc)
---
1.0
50
nAdc
ICBO
Collector-Base Cutoff Current
(VCB=50Vdc)
---
0.25
10
nAdc
IEBO
Emitter-Base Cutoff Current
(VEB=3.5Vdc)`
---
0.1
50
nAdc
21 &+$5$&7(5,67,&6
hFE
DC Current Gain*
(IC
$GF VCE=10Vdc)
(IC=1.0mAdc, VCE=10Vdc)
(IC=10mAdc, VCE=10Vdc)
(IC=150mAdc, VCE10Vdc)
(IC=500mAdc, VCE=10Vdc)
75
100
100
100
50
225
250
---
180
80
---
450
---
300
---
---
---
---
---
---
VCE(sat)
Collector-Emitter Saturation
Voltage
(IC=150mAdc, IB=15mAdc)
(IC=500mAdc, IB=50mAdc)
---
---
0.18
0.5
0.4
1.6
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=150mAdc, IB=15mAdc)
(IC=500mAdc, IB=50mAdc)
---
---
0.87
1.0
1.3
2.6
Vdc
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.335
.370
8.509
9.40
-
B
.305
.335
7.747
8.509
-
C
.240
.260
6.096
6.604
D
.50
.75
12.7
19.05
E
.200
5.08
-7<3
F
.029
.045
7.366
11.43
G
-----
.050
-----
1.27
H
.009
.031
0.229
7.874
J
44°
46°
44°
46°
K
.028
.034
0.711
0.864
L
.016
.021
0.406
0.533
72
Revision: A
2011/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)


Similar Part No. - 2N2905A

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N2905A SEME-LAB-2N2905A Datasheet
18Kb / 2P
   HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
logo
Comset Semiconductor
2N2905A COMSET-2N2905A Datasheet
195Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Semicoa Semiconductor
2N2905A SEMICOA-2N2905A Datasheet
31Kb / 1P
   Chip Type 2C2907A Geometry 0600 Polarity PNP
logo
Microsemi Corporation
2N2905A MICROSEMI-2N2905A Datasheet
175Kb / 4P
   PNP SWITCHING SILICON TRANSISTOR
logo
Semicoa Semiconductor
2N2905A SEMICOA-2N2905A Datasheet
46Kb / 2P
   Type 2N2905A Geometry 0600 Polarity PNP
More results

Similar Description - 2N2905A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com