Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N2219A Datasheet(PDF) 1 Page - Micro Commercial Components

Part No. 2N2219A
Description  SMALL SIGNAL BIPOLAR NPN SILICON
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCC [Micro Commercial Components]
Homepage  http://www.mccsemi.com
Logo 

 
 1 page
background image
Features
Features
Collector - Emitter Voltage
VCEO
50
Vdc
Collector - Base
Voltage
VCBO
75
Vdc
Emitter - Base
Voltage
VEBO
6
Vdc
Collector Current - Continuous
IC
800
mAdc
Total Device Dissipation @ TA = 25
°°C
PD
0.8
WATTS
Derate above 25
°°C
4.6
mW/
°°C
Total Device Dissipation @ TC = 25
°°C
PD
1.0
WATTS
Derate above 25
°°C
17.0
mW/
°°C
Operating Junction&Storage Temperature Range
TJ, Tstg
- 55 to +200
°°C
Thermal Characteristics
CHARACTERISTIC
SYMBOL
MAX
UNIT
Thermal Resistance, Junction to Ambient
R
θθ JA
217
°°C/W
Thermal Resistance, Junction to Case
R
θθ JC
59
°°C/W
SMALL SIGNAL
BIPOLAR
NPN SILICON
SWITCHING
TRANSISTOR
TO-39
Revision: A
2011/01/01
MCC
Collector - Base Voltage 75 V
Collector - Current 800 mA
Medium Current, Bipolar Transistor
Marking: Type number
2N2219A
TM
Micro Commercial Components
www.mccsemi.com
1 of 10
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
ABSOLUTE MAXIMUM RATINGS
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl