Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N2219A Datasheet(PDF) 6 Page - Micro Commercial Components

Part No. 2N2219A
Description  SMALL SIGNAL BIPOLAR NPN SILICON
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCC [Micro Commercial Components]
Homepage  http://www.mccsemi.com
Logo 

 
 6 page
background image
FIGURE 3
FIGURE 4
.0001
.001
.01
.1
1
IC COLLECTOR CURRENT (A)
0
50
100
150
200
250
0
50
100
150
200
250
DC CURRENT GAIN
VCE = 10 V
typ @ 25C
typ @ -55C
.0001
.001
.01
.1
1
IB, BASE CURRENT
(A)
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2
0.4
0.6
0.8
1.0
COLLECTOR SATURATION vs BASE CURRENT
TJ = 25 C
IC = 500 mA
IC = 150 mA
MCC
2N2219A
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
6 of 10




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl