Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N2219A Datasheet(PDF) 2 Page - Micro Commercial Components

Part No. 2N2219A
Description  SMALL SIGNAL BIPOLAR NPN SILICON
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCC [Micro Commercial Components]
Homepage  http://www.mccsemi.com
Logo 

 
 2 page
background image
2N2219A
Electrical Characteristics (TA = 25
°C unless otherwise noted)
OFF CHARACTERISTIC
SYMBOL
MIN
MAX
UNIT
Collector - Emitter Breakdown Voltage
(1)
V(BR)CEO
( IC = 10 mA dc,
IB = 0 )
50
Vdc
Collector - Base Breakdown Voltage
V(BR)CBO
( IC = 10
µµAdc,
IE = 0 )
75
Vdc
Emitter - Base Breakdown Voltage
V(BR)EBO
( IE = 10
µµAdc,
IC = 0 )
6
Vdc
Collector - Emitter Cutoff Current
ICES
( VCE = 50 Vdc )
10
nAdc
Collector - Base
Cutoff
Current
ICBO
( VCB = 60 Vdc,
IE = 0 )
10
nAdc
( VCB = 60 Vdc,
IE = 0,
TA = 150
°°C )
10
µµAdc
Emitter - Base
Cutoff
Current
IEBO
( VEB = 4 Vdc )
10
nAdc
( VEB = 6 Vdc )
10
µµAdc
ON CHARACTERISTIC
SYMBOL
MIN
MAX
UNIT
DC Current Gain
hFE
( IC = 0.1 mA dc, VCE = 10 Vdc )
(1)
50
( IC =
1 mA dc, VCE = 10 Vdc )
(1)
75
325
( IC = 10 mA dc, VCE = 10 Vdc )
(1)
100
( IC = 150 mA dc, VCE = 10 Vdc )
(1)
100
300
( IC = 500 mA dc, VCE = 10 Vdc )
(1)
30
( IC = 10 mA dc,
VCE = 10 Vdc, TJ = -55
°°C ) (1)
35
Collector - Emitter Saturation Voltage
VCE(sat)
( IC = 150 mAdc, IB = 15 mAdc )
(1)
0.3
Vdc
( IC = 500 mAdc, IB = 50 mAdc )
(1)
1.0
Vdc
Base
-
Emitter Saturation Voltage
VBE(sat)
( IC = 150 mAdc, IB = 15 mAdc )
(1)
0.6
1.2
Vdc
( IC = 500 mAdc, IB = 50 mAdc )
(1)
2.0
Vdc
1. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤.2%
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 10




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl